Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9WS1212M101 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 9WS1212M101
Description  San Ace 120WS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

9WS1212M101 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  9WS1212M101 Datasheet HTML 1Page - List of Unclassifed Manufacturers 9WS1212M101 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
237
119
±0.8
104.8
±0.3
4-
φ4.3±0.3
38
±0.5
風吹出方向
回転方向
(10)
(6)
(6)
取付用穴
+30
300
0
リード線
AWG24
UL1007
φ
127
104.8
±0.3
4-
φ4.5
117
120mmsq.
DimensionsUnit : mm
Splash Proof Fan
120×120×38mm
Mass260g
38mm thick(WV type), 38mm thick(WP type)
38mm thick(WG type), 38mm thick(WS type)
San Ace 120WS
WStype
IP 54
General Specifications
Material……………………Frame: Plastics (Flammability: UL94V-0),
Impeller: Plastics (Flammability: UL94V-1)
Expected Life ……………Refer to specifications (Indoor, L10:Survival rate: 90% at 60,
rated voltage, and continuously run in a free air state)
Lead Wire …………………
red
black or blue Sensor yellow
Storage Temperature …−30to 70℃(Non-condensing
Specifications The following nos. have pulse sensors and ribs. For ribless, append "1" to the model no.
Model No.
Rated Voltage Operating Voltage Range Rated Current Rated Input
Rated Speed
Max. Air Flow
Max. Static Pressure
SPL
Operating Temperature Expected Life
[V][V][A][W][min
-1
[m³/min]
[CFM][Pa][inchH²O][dB(A)][℃]
[h]
9WS1212H101
12
6
to 13.2
0.47
5.64
2,600
2.9
102.4
67.62
0.272
39
20 to 60
40,000
9WS1212M101
6
to 13.8
0.23
2.76
1,950
2.2
77.7
42.14
0.169
32
20 to 70
9WS1224H101
24
12
to 26.4
0.23
5.52
2,600
2.9
102.4
67.62
0.272
39
20 to 60
9WS1224M101
12
to 27.6
0.13
3.12
1,950
2.2
77.7
42.14
0.169
32
20 to 70
9WS1248H101
48
40.8 to 52.8
0.13
6.24
2,600
2.9
102.4
67.62
0.272
39
20 to 60
9WS1248M101
40.8 to 55.2
0.07
3.36
1,950
2.2
77.7
42.14
0.169
32
20 to 70
Inlet side, Outlet side
Reference dimension of mounting holes and vent openingUnit : mm
Rotating Direction
Air Flow Direction
Mounting Hole
Lead Wire
With ribs
Available options: Without Sensor
Please inquire as the availability of these functions depend on the model. Lock Sensor


Similar Part No. - 9WS1212M101

ManufacturerPart #DatasheetDescription
logo
SANYO DENKI CO., LTD.
9WS0812F401 SANYODENKI-9WS0812F401 Datasheet
214Kb / 2P
   Splash Proof Fan San Ace 80WS 9WS type
9WS0812H401 SANYODENKI-9WS0812H401 Datasheet
214Kb / 2P
   Splash Proof Fan San Ace 80WS 9WS type
9WS0812M401 SANYODENKI-9WS0812M401 Datasheet
214Kb / 2P
   Splash Proof Fan San Ace 80WS 9WS type
9WS0824F401 SANYODENKI-9WS0824F401 Datasheet
214Kb / 2P
   Splash Proof Fan San Ace 80WS 9WS type
9WS0824H401 SANYODENKI-9WS0824H401 Datasheet
214Kb / 2P
   Splash Proof Fan San Ace 80WS 9WS type
More results

Similar Description - 9WS1212M101

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
109P0412G601 SANYO-109P0412G601 Datasheet
125Kb / 2P
   San Ace 40
109P0424H3013 SANYO-109P0424H3013 Datasheet
145Kb / 5P
   San Ace 40
109P0412H901 SANYO-109P0412H901 Datasheet
112Kb / 2P
   San Ace 40
logo
SANYO DENKI CO., LTD.
9CT1-001 SANYODENKI-9CT1-001 Datasheet
326Kb / 4P
   San Ace Controller
9GV0612P1G03 SANYODENKI-9GV0612P1G03 Datasheet
255Kb / 4P
   San Ace 60
logo
List of Unclassifed Man...
109BF12HC2 ETC2-109BF12HC2 Datasheet
99Kb / 1P
   San Ace B120 BLOWER
logo
SANYO DENKI CO., LTD.
109P0812C601 SANYODENKI-109P0812C601 Datasheet
171Kb / 3P
   San Ace 80 9P
logo
List of Unclassifed Man...
9GA0812P7G001 ETC2-9GA0812P7G001 Datasheet
181Kb / 4P
   DC Fan San Ace 80
9GE0412P3K03 ETC2-9GE0412P3K03 Datasheet
127Kb / 2P
   DC Fan San Ace 40
9GV0812P4K03 ETC2-9GV0812P4K03 Datasheet
180Kb / 4P
   DC Fan San Ace 80
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com