Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMPDM7002A Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMPDM7002A
Description  N-CHANNEL ENHANCEMENT-MODE SURFACE MOUNT MOSFET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMPDM7002A Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMPDM7002A Datasheet HTML 1Page - Central Semiconductor Corp CMPDM7002A Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CMPDM7002A
N-CHANNEL
ENHANCEMENT-MODE
SURFACE MOUNT MOSFET
SOT-23 CASE
Central
Semiconductor Corp.
TM
DESCRIPTION:
The
CENTRAL
SEMICONDUCTOR
CMPDM7002A is special version of the 2N7002
Enhancement-mode N-Channel Field Effect
Transistor, manufactured by the N-Channel
DMOS Process, designed for high speed pulsed
amplifier and driver applications. This special
device offers low rDS(ON) and low VDS (ON).
Marking Code is C702A.
MAXIMUM RATINGS (TA=25°C)
SYMBOL
UNITS
Drain-Source Voltage
VDS
60
V
Drain-Gate Voltage
VDG
60
V
Gate-Source Voltage
VGS
40
V
Continuous Drain Current
ID
280
mA
Continuous Source Current (Body Diode)
IS
280
mA
Maximum Pulsed Drain Current
IDM
1.5
A
Maximum Pulsed Source Current
ISM
1.5
A
Power Dissipation
PD
350
mW
Operating and Storage
Junction Temperature
TJ,Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
357
°C/W
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
IGSSF
VGS=20V, VDS=0V
100
nA
IGSSR
VGS=20V, VDS=0V
100
nA
IDSS
VDS=60V, VGS=0V
1.0
µA
IDSS
VDS=60V, VGS=0V, Tj=125°C
500
µA
ID(ON)
VGS=10V, VDS ≥ 2VDS(ON)
500
mA
BVDSS
VGS=0V, ID=10µA
60
V
VGS(th)
VDS=VGS, ID=250µA
1.0
2.5
V
VDS(ON)
VGS=10V, ID=500mA
1.0
V
VDS(ON)
VGS=5.0V, ID=50mA
0.15
V
rDS(ON)
VGS=10V, ID=500mA
2.0
rDS(ON)
VGS=10V, ID=500mA, Tj=125°C
3.5
rDS(ON)
VGS=5.0V, ID=50mA
3.0
rDS(ON)
VGS=5.0V, ID=50mA, Tj=125°C
5.0
gFS
VDS ≥ 2VDS(ON), ID=200mA
80
mmhos
Crss
VDS=25V, VGS=0, f=1.0MHz
5.0
pF
Ciss
VDS=25V, VGS=0, f=1.0MHz
50
pF
Coss
VDS=25V, VGS=0, f=1.0MHz
25
pF
ton
VDD=30V, VGS=10V, ID=200mA,
20
ns
toff
RG=25Ω, RL=150Ω
20
ns
VSD
VGS=0V, IS=400mA
1.2
V
R0 ( 05-December 2001)


Similar Part No. - CMPDM7002A

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPDM7002A CENTRAL-CMPDM7002A Datasheet
332Kb / 2P
   SURFACE MOUNT N-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
CMPDM7002A CENTRAL-CMPDM7002A Datasheet
637Kb / 4P
   SURFACE MOUNT SILICON N-CHANNEL ENHANCEMENT-MODE MOSFET
CMPDM7002AE CENTRAL-CMPDM7002AE Datasheet
1Mb / 2P
   60V, 300mA N-Channel MOSFET in SOT-23 package
CMPDM7002AE_1310 CENTRAL-CMPDM7002AE_1310 Datasheet
791Kb / 3P
   SURFACE MOUNT SILICON N-CHANNEL ENHANCEMENT-MODE MOSFET
CMPDM7002AE CENTRAL-CMPDM7002AE_15 Datasheet
791Kb / 3P
   SURFACE MOUNT SILICON N-CHANNEL ENHANCEMENT-MODE MOSFET
More results

Similar Description - CMPDM7002A

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
WT2300 WEITRON-WT2300 Datasheet
158Kb / 6P
   Surface Mount N-Channel Enhancement Mode MOSFET
WT4410M WEITRON-WT4410M Datasheet
458Kb / 6P
   Surface Mount N-Channel Enhancement Mode MOSFET
WT6920AM WEITRON-WT6920AM Datasheet
239Kb / 6P
   Surface Mount N-Channel Enhancement Mode MOSFET
WTK9410 WEITRON-WTK9410 Datasheet
903Kb / 6P
   Surface Mount N-Channel Enhancement Mode MOSFET
WTK4424 WEITRON-WTK4424 Datasheet
382Kb / 5P
   Surface Mount N-Channel Enhancement Mode MOSFET
WT2306 WEITRON-WT2306 Datasheet
171Kb / 6P
   Surface Mount N-Channel Enhancement Mode MOSFET
WT3402 WEITRON-WT3402 Datasheet
173Kb / 6P
   Surface Mount N-Channel Enhancement Mode MOSFET
WT4884AM WEITRON-WT4884AM Datasheet
260Kb / 6P
   Surface Mount N-Channel Enhancement Mode MOSFET
WTK6680 WEITRON-WTK6680 Datasheet
688Kb / 6P
   Surface Mount N-Channel Enhancement Mode MOSFET
WT7822AM WEITRON-WT7822AM Datasheet
295Kb / 6P
   Surface Mount N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com