Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADSP-2103 Datasheet(PDF) 3 Page - Analog Devices

Part # ADSP-2103
Description  ADSP-2100 Family DSP Microcomputers
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-2103 Datasheet(HTML) 3 Page - Analog Devices

  ADSP-2103 Datasheet HTML 1Page - Analog Devices ADSP-2103 Datasheet HTML 2Page - Analog Devices ADSP-2103 Datasheet HTML 3Page - Analog Devices ADSP-2103 Datasheet HTML 4Page - Analog Devices ADSP-2103 Datasheet HTML 5Page - Analog Devices ADSP-2103 Datasheet HTML 6Page - Analog Devices ADSP-2103 Datasheet HTML 7Page - Analog Devices ADSP-2103 Datasheet HTML 8Page - Analog Devices ADSP-2103 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 64 page
background image
ADSP-21xx
REV. B
–3–
Table I. ADSP-21xx Processor Features
Feature
2101
2103
2105
2115
2111
Data Memory (RAM)
1K
1K
1
2 K
1
2 K1K
Program Memory (RAM)
2K
2K
1K
1K
2K
Timer
•••••
Serial Port 0 (Multichannel)
••
••
Serial Port 1
•••••
Host Interface Port
Speed Grades (Instruction Cycle Time)
10.24 MHz (76.9 ns)
13.0 MHz (76.9 ns)
13.824 MHz (72.3 ns)
16.67 MHz (60 ns)
••
20.0 MHz (50 ns)
•••
25 MHz (40 ns)
Supply Voltage
5 V
3.3 V
5 V
5 V
5 V
Packages
68-Pin PGA
68-Lead PLCC
••••
80-Lead PQFP
••
80-Lead TQFP
100-Pin PGA
100-Lead PQFP
Temperature Grades
K Commercial 0
°C to +70°C
•••••
B Industrial
–40
°C to +85°C
•••••
T Extended
–55
°C to +125°C
Table II. ADSP-216x ROM-Programmed Processor Features
Feature
2161
2162
2163
2164
Data Memory (RAM)
1
2 K
1
2 K
1
2 K
1
2 K
Program Memory (ROM)
8K
8K
4K
4K
Program Memory (RAM)
Timer
••••
Serial Port 0 (Multichannel)
••••
Serial Port 1
••••
Supply Voltage
5 V
3.3 V
5 V
3.3 V
Speed Grades (Instruction Cycle Time)
10.24 MHz (97.6 ns)
16.67 MHz (60 ns)
25 MHz (40 ns)
––
Packages
68-Lead PLCC
••••
80-Lead PQFP
••••
Temperature Grades
K Commercial 0
°C to +70°C
••••
B Industrial
–40
°C to +85°C
••••


Similar Part No. - ADSP-2103

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-2103 AD-ADSP-2103 Datasheet
666Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2103 AD-ADSP-2103 Datasheet
668Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2103 AD-ADSP-2103 Datasheet
461Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2103 AD-ADSP-2103 Datasheet
389Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2103BP-40 AD-ADSP-2103BP-40 Datasheet
666Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
More results

Similar Description - ADSP-2103

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-2105KP-40 AD-ADSP-2105KP-40 Datasheet
389Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2101 AD-ADSP-2101_15 Datasheet
667Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-21XX AD-ADSP-21XX Datasheet
666Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2115BPZ-100 AD-ADSP-2115BPZ-100 Datasheet
667Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-21XX1111 AD-ADSP-21XX1111 Datasheet
668Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-21XX4444 AD-ADSP-21XX4444 Datasheet
461Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2103 AD-ADSP-2103_15 Datasheet
667Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2105 AD-ADSP-2105_15 Datasheet
667Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2115 AD-ADSP-2115_15 Datasheet
667Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADDS-21XX-TOOLS AD-ADDS-21XX-TOOLS Datasheet
121Kb / 16P
   ADSP-2100 Family Development Tools
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com