Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADP1706ARDZ-105R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP1706ARDZ-105R7
Description  1 A, Low Dropout, CMOS Linear Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1706ARDZ-105R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADP1706ARDZ-105R7 Datasheet HTML 3Page - Analog Devices ADP1706ARDZ-105R7 Datasheet HTML 4Page - Analog Devices ADP1706ARDZ-105R7 Datasheet HTML 5Page - Analog Devices ADP1706ARDZ-105R7 Datasheet HTML 6Page - Analog Devices ADP1706ARDZ-105R7 Datasheet HTML 7Page - Analog Devices ADP1706ARDZ-105R7 Datasheet HTML 8Page - Analog Devices ADP1706ARDZ-105R7 Datasheet HTML 9Page - Analog Devices ADP1706ARDZ-105R7 Datasheet HTML 10Page - Analog Devices ADP1706ARDZ-105R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
ADP1706/ADP1707/ADP1708
Rev. 0 | Page 7 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 3.8 V, IOUT = 100 mA, CIN = 4.7 μF, COUT = 4.7 μF, TA = 25°C, unless otherwise noted.
–40
10
60
110
TJ (°C)
3.24
3.25
3.26
3.27
3.28
3.29
3.30
3.31
3.32
ILOAD = 100µA
ILOAD = 10mA
ILOAD = 100mA
ILOAD = 500mA
ILOAD = 1A
ILOAD = 300mA
Figure 10. Output Voltage vs. Junction Temperature
0.1
1000
ILOAD (mA)
1
10
100
3.270
3.275
3.280
3.285
3.290
3.295
3.300
3.305
3.310
3.315
Figure 11. Output Voltage vs. Load Current
3.8
4.2
4.6
5.0
5.4
VIN (V)
3.25
3.26
3.27
3.28
3.29
3.30
3.31
3.32
ILOAD = 300mA
ILOAD = 100mA
ILOAD = 10mA
ILOAD = 100µA
ILOAD = 1A
ILOAD = 500mA
Figure 12. Output Voltage vs. Input Voltage
–40
10
60
110
TJ (°C)
0
1400
1200
1000
800
600
400
200
ILOAD = 10mA
ILOAD = 100µA
ILOAD = 100mA
ILOAD = 300mA
ILOAD = 500mA
ILOAD = 1A
Figure 13. Ground Current vs. Junction Temperature
0.1
1000
ILOAD (mA)
110
100
0
1400
1200
1000
800
600
400
200
Figure 14. Ground Current vs. Load Current
2100
0
3.6
4.0
4.4
4.8
5.2
VIN (V)
1800
1500
1200
900
600
300
ILOAD = 100µA
ILOAD = 10mA
ILOAD = 100mA
ILOAD = 300mA
ILOAD = 500mA
ILOAD = 1A
Figure 15. Ground Current vs. Input Voltage


Similar Part No. - ADP1706ARDZ-105R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1706ARDZ-1.0-R7 AD-ADP1706ARDZ-1.0-R7 Datasheet
563Kb / 20P
   1 A, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1706ARDZ-1.0-R7 AD-ADP1706ARDZ-1.0-R7 Datasheet
563Kb / 20P
   1 A, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1706ARDZ-1.0-R7 AD-ADP1706ARDZ-1.0-R7 Datasheet
563Kb / 20P
   1 A, Low Dropout, CMOS Linear Regulator
Rev. 0
ADP1706ARDZ-1.05R7 AD-ADP1706ARDZ-1.05R7 Datasheet
563Kb / 20P
   1 A, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1706ARDZ-1.05R7 AD-ADP1706ARDZ-1.05R7 Datasheet
563Kb / 20P
   1 A, Low Dropout, CMOS Linear Regulator
REV. 0
More results

Similar Description - ADP1706ARDZ-105R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1706ARDZ-0.75R7 AD-ADP1706ARDZ-0.75R7 Datasheet
563Kb / 20P
   1 A, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1707ACPZ-1.8-R7 AD-ADP1707ACPZ-1.8-R7 Datasheet
563Kb / 20P
   1 A, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1708ARDZ AD-ADP1708ARDZ Datasheet
563Kb / 20P
   1 A, Low Dropout, CMOS Linear Regulator
Rev. 0
ADP1706 AD-ADP1706 Datasheet
563Kb / 20P
   1 A, Low Dropout, CMOS Linear Regulator
REV. 0
logo
Texas Instruments
LP38690-ADJ TI1-LP38690-ADJ_16 Datasheet
1Mb / 27P
[Old version datasheet]   1-A Low Dropout CMOS Linear Regulator
logo
Analog Devices
ADP1740 AD-ADP1740 Datasheet
165Kb / 6P
   2 A, Low Dropout, CMOS Linear Regulator
Rev. PrA
logo
SeCoS Halbleitertechnol...
SJ1212 SECOS-SJ1212 Datasheet
396Kb / 3P
   1 A Low Dropout Positive Low Dropout Linear Regulator
logo
ON Semiconductor
NCP565 ONSEMI-NCP565_10 Datasheet
180Kb / 17P
   1.5 A Low Dropout Linear Regulator
November, 2010 ??Rev. 15
NCP565 ONSEMI-NCP565 Datasheet
111Kb / 12P
   1.5 A Low Dropout Linear Regulator
July, 2004 ??Rev. 8
logo
Analog Devices
ADP1714 AD-ADP1714_15 Datasheet
491Kb / 16P
   300 mA, Low Dropout CMOS Linear Regulator
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com