Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8028AR Datasheet(PDF) 11 Page - Analog Devices

Part # AD8028AR
Description  Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8028AR Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8028AR Datasheet HTML 7Page - Analog Devices AD8028AR Datasheet HTML 8Page - Analog Devices AD8028AR Datasheet HTML 9Page - Analog Devices AD8028AR Datasheet HTML 10Page - Analog Devices AD8028AR Datasheet HTML 11Page - Analog Devices AD8028AR Datasheet HTML 12Page - Analog Devices AD8028AR Datasheet HTML 13Page - Analog Devices AD8028AR Datasheet HTML 14Page - Analog Devices AD8028AR Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
AD8027/AD8028
Rev. C | Page 10 of 24
FREQUENCY (MHz)
0.1
1
10
100
1000
G = +1
VOUT = 200mV p-p
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
3
4
VICM = VS+ – 0.2V
SELECT = HIGH
VICM = 0V
SELECT = HIGH OR TRI
VICM = VS– + 0.2V
SELECT = TRI
VICM = VS+ – 0.3V
SELECT = HIGH
VICM = VS– + 0.3V
SELECT = TRI
03327-A-015
Figure 16. Small Signal Frequency Response vs.
Input Common-Mode Voltages
FREQUENCY (MHz)
0.001
0.01
0.1
1
10
100
1000
–130
–140
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
03327-A-016
G = +1
VS = 5V
RL = 1kΩ
A TO B
B TO A
CROSSTALK = 20log (VOUT/VIN)
1/2
AD8028
+
U1
R3
1k
Ω
R2
50
Ω
R1
50
Ω
V1
VI
1/2
AD8028
+
U2
VOUT
Figure 17. AD8028 Crosstalk Output to Output
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
10M
100M
1G
–25
–5
15
35
55
75
95
115
135
–10
0
10
20
30
40
50
60
70
80
90
100
110
GAIN
PHASE
03327-A-017
Figure 18. Open-Loop Gain and Phase vs. Frequency
1
10
100
1k
10k
100k
FREQUENCY (Hz)
1M
10M
100M
1G
10
100
1
10
100
VOLTAGE
CURRENT
03327-A-018
Figure 19. Voltage and Current Noise vs. Frequency
100
FREQUENCY (MHz)
0.1
1
10
1000
5.9
6.0
6.1
6.2
6.3
6.4
6.5
6.6
6.7
6.8
6.9
G = +2
RL = 150Ω
VOUT = 2V p-p
VOUT = 200mV p-p
03327-A-019
Figure 20. 0.1 dB Flatness Frequency Response
FREQUENCY (MHz)
0.1
1
20
10
–140
–120
–100
–80
–60
–40
–20
G = +1
VOUT = 2V p-p
RL = 1kΩ
SECOND HARMONIC: SOLID LINE
THIRD HARMONIC: DASHED LINE
VS = +3V
VS = +5V
VS = ±5V
03327-A-020
Figure 21. Harmonic Distortion vs. Frequency and Supply Voltage


Similar Part No. - AD8028AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8028AR AD-AD8028AR Datasheet
478Kb / 24P
   Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
REV. B
AD8028AR AD-AD8028AR Datasheet
612Kb / 24P
   Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
REV. C
AD8028AR-REEL AD-AD8028AR-REEL Datasheet
478Kb / 24P
   Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
REV. B
AD8028AR-REEL AD-AD8028AR-REEL Datasheet
612Kb / 24P
   Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
REV. C
AD8028AR-REEL7 AD-AD8028AR-REEL7 Datasheet
478Kb / 24P
   Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
REV. B
More results

Similar Description - AD8028AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8027 AD-AD8027_15 Datasheet
699Kb / 25P
   Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
REV. C
AD8027 AD-AD8027_05 Datasheet
612Kb / 24P
   Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
REV. C
AD8028 AD-AD8028_15 Datasheet
699Kb / 25P
   Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
REV. C
AD8028 AD-AD8028 Datasheet
478Kb / 24P
   Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
REV. B
logo
Texas Instruments
THS4226 TI1-THS4226 Datasheet
1Mb / 41P
[Old version datasheet]   LOW-DISTORTION, HIGH-SPEED, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
THS4221 NSC-THS4221 Datasheet
1Mb / 41P
   LOW-DISTORTION, HIGH-SPEED, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
THS4221D TI-THS4221D Datasheet
1Mb / 40P
[Old version datasheet]   LOW-DISTORTION, HIGH-SPEED, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
THS4221 TI-THS4221 Datasheet
727Kb / 30P
[Old version datasheet]   LOW-DISTORTION, HIGH-SPEED, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
THS4221DBVT TI-THS4221DBVT Datasheet
1Mb / 40P
[Old version datasheet]   LOW-DISTORTION, HIGH-SPEED, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
Rohm
BD728X-LB ROHM-BD728X-LB Datasheet
1Mb / 23P
   Low Noise Rail-to-Rail Input/Output High Speed CMOS Operational Amplifiers
03.Mar.2023 Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com