Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7472BR-REEL Datasheet(PDF) 10 Page - Analog Devices

Part # AD7472BR-REEL
Description  1.75 MSPS, 4 mW 10-Bit-12-Bit Parallel ADCs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7472BR-REEL Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7472BR-REEL Datasheet HTML 6Page - Analog Devices AD7472BR-REEL Datasheet HTML 7Page - Analog Devices AD7472BR-REEL Datasheet HTML 8Page - Analog Devices AD7472BR-REEL Datasheet HTML 9Page - Analog Devices AD7472BR-REEL Datasheet HTML 10Page - Analog Devices AD7472BR-REEL Datasheet HTML 11Page - Analog Devices AD7472BR-REEL Datasheet HTML 12Page - Analog Devices AD7472BR-REEL Datasheet HTML 13Page - Analog Devices AD7472BR-REEL Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
REV. B
AD7470/AD7472
–10–
CIRCUIT DESCRIPTION
CONVERTER OPERATION
The AD7470/AD7472 are 10-bit/12-bit successive approxima-
tion analog-to-digital converters based around a capacitive
DAC. The AD7470/AD7472 can convert analog input signals in
the range 0 V to VREF. Figure 2 shows a very simplified sche-
matic of the ADC. The control logic, SAR, and the capacitive
DAC are used to add and subtract fixed amounts of charge
from the sampling capacitor to bring the comparator back into a
balanced condition.
CAPACITIVE
DAC
SWITCHES
SAR
CONTROL LOGIC
COMPARATOR
OUTPUT DATA
10-/12-BIT PARALLEL
VIN
VREF
CONTROL
INPUTS
Figure 2. Simplified Block Diagram of AD7470/AD7472
Figure 3 shows the ADC during its acquisition phase. SW2 is
closed and SW1 is in Position A. The comparator is held in a
balanced condition and the sampling capacitor acquires the
signal on VIN.
COMPARATOR
VIN
CONTROL LOGIC
CAPACITIVE
DAC
AGND
2k
SW2
SW1
A
B
Figure 3. ADC Acquisition Phase
Figure 4 shows the ADC during conversion. When conversion
starts, SW2 will open and SW1 will move to position B, causing
the comparator to become unbalanced. The ADC then runs
through its successive approximation routine and brings the
comparator back into a balanced condition. When the compara-
tor is rebalanced, the conversion result is available in the SAR
register.
COMPARATOR
VIN
CONTROL LOGIC
CAPACITIVE
DAC
AGND
2k
SW2
SW1
A
B
Figure 4. ADC Conversion Phase
TYPICAL CONNECTION DIAGRAM
Figure 5 shows a typical connection diagram for the AD7470/
AD7472. Conversion is initiated by a falling edge on
CONVST.
Once
CONVST goes low, the BUSY signal goes high, and at
the end of conversion, the falling edge of BUSY is used to acti-
vate an interrupt service routine. The
CS and RD lines are then
activated in parallel to read the 10- or 12-data bits. The recom-
mended REF IN voltage is 2.5 V providing an analog input
range of 0 V to 2.5 V, making the AD7470/AD7472 a unipolar
ADC. It is recommended to perform a dummy conversion after
power-up as the first conversion result could be incorrect. This
also ensures that the part is in the correct mode of operation.
The
CONVST pin should not be floating when power is applied
as a rising edge on
CONVST might not wake up the part.
In Figure 5 the VDRIVE pin is tied to DVDD, which results in logic
output voltage values being either 0 V or DVDD. The voltage
applied to VDRIVE controls the voltage value of the output logic
signals. For example, if DVDD is supplied by a 5 V supply and
VDRIVE by a 3 V supply, the logic output voltage levels would be
either 0 V or 3 V. This feature allows the AD7470/AD7472 to
interface to 3 V parts while still enabling the ADC to process
signals at 5 V supply.
10 F
0.1 F
PARALLED
INTERFACE
2.5V*
*RECOMMENDED REF IN VOLTAGE
0V TO
REF IN
1nF
10 F
0.1 F
47 F
AD7470/
AD7472
AVDD
VDRIVE
DVDD
REF IN
DB0–
DB9 (DB11)
CS
BUSY
CONVST
RD
VIN
C/ P
ANALOG
SUPPLY
2.7V–5.25V
++
Figure 5. Typical Connection Diagram


Similar Part No. - AD7472BR-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7472BR-REEL AD-AD7472BR-REEL Datasheet
325Kb / 20P
   1.75 MSPS, 4 mW 10-Bit/12-Bit Parallel ADCs
REV. B
More results

Similar Description - AD7472BR-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7472 AD-AD7472_15 Datasheet
529Kb / 21P
   1.75 MSPS, 4 mW 10-Bit/12-Bit Parallel ADCs
REV. B
AD7470 AD-AD7470_15 Datasheet
529Kb / 21P
   1.75 MSPS, 4 mW 10-Bit/12-Bit Parallel ADCs
REV. B
AD7470 AD-AD7470_03 Datasheet
325Kb / 20P
   1.75 MSPS, 4 mW 10-Bit/12-Bit Parallel ADCs
REV. B
AD7470 AD-AD7470 Datasheet
197Kb / 16P
   1.75 MSPS, 4 mW 10-Bit/12-Bit Parallel ADCs
REV. A
AD7934BRUZ-REEL7 AD-AD7934BRUZ-REEL7 Datasheet
768Kb / 32P
   4-Channel, 1.5 MSPS, 10-Bit and 12-Bit Parallel ADCs with a Sequencer
REV. B
AD7933 AD-AD7933_15 Datasheet
768Kb / 32P
   4-Channel, 1.5 MSPS, 10-Bit and 12-Bit Parallel ADCs with a Sequencer
REV. B
AD7933 AD-AD7933 Datasheet
1Mb / 32P
   4-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
Rev.PrG
AD7934 AD-AD7934_15 Datasheet
768Kb / 32P
   4-Channel, 1.5 MSPS, 10-Bit and 12-Bit Parallel ADCs with a Sequencer
REV. B
AD7475 AD-AD7475_V01 Datasheet
519Kb / 24P
   1 MSPS,12-Bit ADCs
Rev. D
AD7475 AD-AD7475 Datasheet
218Kb / 16P
   1 MSPS, 12-Bit ADCs
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com