Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FGM623S Datasheet(PDF) 1 Page - Sanken electric

Part # FGM623S
Description  Low Saturation Voltage
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

FGM623S Datasheet(HTML) 1 Page - Sanken electric

  FGM623S Datasheet HTML 1Page - Sanken electric FGM623S Datasheet HTML 2Page - Sanken electric FGM623S Datasheet HTML 3Page - Sanken electric FGM623S Datasheet HTML 4Page - Sanken electric FGM623S Datasheet HTML 5Page - Sanken electric FGM623S Datasheet HTML 6Page - Sanken electric FGM623S Datasheet HTML 7Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
http://www.sanken-ele.co.jp
FGM623S
Jul. 2010
The information included herein is believed to be accurate and reliable. However, SANKEN ELECTRIC CO., LTD assumes no
responsibility for its use ; nor for any infringements of patents or other rights of third parties that may result from its use.
Copy Right: SANKEN ELECTRIC CO.,LTD.
Page 1
SANKEN ELECTRIC
Features
Low Saturation Voltage VCE(sat)=1.5V typ. (IC=30A)
High Speed SW
tf=120ns typ. (IC=30A)
Package
TO-3PF
Applications
Current Resonance Inverter Switching
Equivalent circuit
Absolute maximum ratings
(Ta=25°C)
Characteristic
Symbol
Rating
Unit
Collector to Emitter Voltage
VCES
600
V
Gate to Emitter Voltage
VGES
± 30
V
Continuous Collector Current
IC
30
A
Pulsed Collector Current
IC(pulse) 1)
100
A
Maximum Collector-emitter dv/dt
dv/dt 2)
5
V/ns
Maximum Power Dissipation
PC
60 (Tc=25°C)
W
Thermal Resistance IGBT
θ
j-c
2.08
/W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
55~150
°C
1) PW≦100usec.,Duty cycle≦1%
2) Tc≦125℃, See Fig.1
(1)
E(3)
C(2)


Similar Part No. - FGM623S

ManufacturerPart #DatasheetDescription
logo
Sanken electric
FGM623S SANKEN-FGM623S Datasheet
387Kb / 7P
   Low Saturation Voltage VCE(sat)=1.5V typ. (IC=30A)
FGM623S SANKEN-FGM623S Datasheet
175Kb / 4P
   Selection Guide
logo
Inchange Semiconductor ...
FGM623S ISC-FGM623S Datasheet
266Kb / 2P
   Trench IGBT
More results

Similar Description - FGM623S

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMBT1010LT1 LRC-MMBT1010LT1 Datasheet
72Kb / 1P
   Low Saturation Voltage
logo
MAKO SEMICONDUCTOR CO.,...
2SA1797 MAKOSEMI-2SA1797 Datasheet
122Kb / 2P
   Low saturation voltage
logo
Inchange Semiconductor ...
D44C9 ISC-D44C9 Datasheet
191Kb / 2P
   Low Saturation Voltage
D44C1 ISC-D44C1 Datasheet
191Kb / 2P
   Low Saturation Voltage
D44C4 ISC-D44C4 Datasheet
191Kb / 2P
   Low Saturation Voltage
logo
IXYS Corporation
FII30-06D IXYS-FII30-06D Datasheet
395Kb / 5P
   low saturation voltage
logo
Sanken electric
FGM622S SANKEN-FGM622S Datasheet
495Kb / 7P
   Low Saturation Voltage
logo
STMicroelectronics
STGB20N40LZ STMICROELECTRONICS-STGB20N40LZ Datasheet
1Mb / 20P
   Low saturation voltage
June 2014 Rev 5
logo
Inchange Semiconductor ...
D45C4 ISC-D45C4 Datasheet
192Kb / 2P
   Low Saturation Voltage
D44C11 ISC-D44C11 Datasheet
191Kb / 2P
   Low Saturation Voltage
D44C12 ISC-D44C12 Datasheet
192Kb / 2P
   Low Saturation Voltage
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com