Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EKV550 Datasheet(PDF) 2 Page - Sanken electric

Part # EKV550
Description  50V N-ch MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

EKV550 Datasheet(HTML) 2 Page - Sanken electric

  EKV550 Datasheet HTML 1Page - Sanken electric EKV550 Datasheet HTML 2Page - Sanken electric EKV550 Datasheet HTML 3Page - Sanken electric EKV550 Datasheet HTML 4Page - Sanken electric EKV550 Datasheet HTML 5Page - Sanken electric EKV550 Datasheet HTML 6Page - Sanken electric EKV550 Datasheet HTML 7Page - Sanken electric EKV550 Datasheet HTML 8Page - Sanken electric EKV550 Datasheet HTML 9Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
50V N-ch MOSFET
EKV550
January. 2006
.
Sanken Electric Co.,Ltd.
T02-005JA-060111
Electrical characteristics
(Ta=25°C)
Limits
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Drain to Source breakdown Voltage
V(BR)DSS
ID=100μA,VGS=0V
250
V
Gate to Source Leakage Current
IGSS
VGS=±20V
±10
μA
Drain to Source Leakage Current
IDSS
VDS=50V, VGS=0V
100
μA
Gate Threshold Voltage
VTH
VDS=10V, ID=250μA
3.0
4.2
V
Forward Transconductance
Re(Yfs)
VDS=10V, ID=25A
17
S
Static Drain to Source On-Resistance
RDS(on)
ID=25A, VGS=10V
12
15
mΩ
Input Capacitance
Ciss
2000
Output Capacitance
Coss
1200
Reverse Transfer Capacitance
Crss
VDS=10V
VGS=0V
f=1MHz
500
pF
Turn-On Delay Time
td(on)
30
Rise Time
tr
360
Turn-Off Delay Time
td(off)
130
Fall Time
tf
ID=25A, VDD≈25V
RL=1Ω, VGS=10V
RG=10Ω
See Fig.2
120
ns
Source-Drain Diode Forward Voltage
VSD
ISD=50A,VGS=0V
1.0
1.5
V
2/9


Similar Part No. - EKV550

ManufacturerPart #DatasheetDescription
logo
Sanken electric
EKV550 SANKEN-EKV550 Datasheet
317Kb / 9P
   50V N-ch MOSFET
logo
Inchange Semiconductor ...
EKV550 ISC-EKV550 Datasheet
294Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - EKV550

ManufacturerPart #DatasheetDescription
logo
Sanken electric
EKV550 SANKEN-EKV550 Datasheet
317Kb / 9P
   50V N-ch MOSFET
logo
Shenzhen Guan Hua Wei Y...
WSD4046GDN WIINSOK-WSD4046GDN Datasheet
1Mb / 6P
   N-Ch MOSFET
WSD4070DN WIINSOK-WSD4070DN Datasheet
1Mb / 7P
   N-Ch MOSFET
WSD30140DN56 WIINSOK-WSD30140DN56 Datasheet
873Kb / 6P
   N-Ch MOSFET
WSF15N10 WIINSOK-WSF15N10 Datasheet
779Kb / 5P
   N-Ch MOSFET
WSF15N10A WIINSOK-WSF15N10A Datasheet
2Mb / 5P
   N-Ch MOSFET
WSF3040 WIINSOK-WSF3040 Datasheet
820Kb / 5P
   N-Ch MOSFET
WSK140N03 WIINSOK-WSK140N03 Datasheet
1Mb / 5P
   N-Ch MOSFET
WSP06N10 WIINSOK-WSP06N10 Datasheet
987Kb / 5P
   N-Ch MOSFET
WSP14N10 WIINSOK-WSP14N10 Datasheet
1Mb / 6P
   N-Ch MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com