Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EKI07076 Datasheet(PDF) 3 Page - Sanken electric

Part No. EKI07076
Description  DC-DC converters
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANKEN [Sanken electric]
Homepage  http://www.sanken-ele.co.jp/en
Logo 

EKI07076 Datasheet(HTML) 3 Page - Sanken electric

   
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
EKI07076
EKI07076-DS Rev.1.2
SANKEN ELECTRIC CO.,LTD.
3
Jan. 24, 2014
Test Circuits and Waveforms
VDD
ID
VDS
RG
VGS
0 V
L
IAS
ID
V(BR)DSS
VDD
VDS
(a) Test Circuit
(b) Waveform
Figure 1 Unclamped Inductive Switching
VDS
VDD
RG
RL
VGS
0 V
P.W. = 10 μs
Duty cycle ≤ 1 %
td(on) tr
ton
td(off) tf
toff
90%
10%
90%
10%
VGS
VDS
(a) Test Circuit
(b) Waveform
Figure 2 Switching Time
VGS
0 V
IF
RG
L
D.U.T.
VDD
0 V
IF
trr
di/dt
IRM × 90 %
IRM
(a) Test Circuit
(b) Waveform
Figure 3 Diode Reverse Recovery Time
DD
(BR)DSS
(BR)DSS
2
AS
AS
V
V
V
I
L
2
1
E


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn