Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EKI07076 Datasheet(PDF) 2 Page - Sanken electric

Part No. EKI07076
Description  DC-DC converters
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANKEN [Sanken electric]
Homepage  http://www.sanken-ele.co.jp/en
Logo 

EKI07076 Datasheet(HTML) 2 Page - Sanken electric

   
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
EKI07076
EKI07076-DS Rev.1.2
SANKEN ELECTRIC CO.,LTD.
2
Jan. 24, 2014
Thermal Characteristics
Unless otherwise specified, T
A = 25 °C
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Thermal Resistance
(Junction to Case)
RθJC
0.9
°C/W
Thermal Resistance
(Junction to Ambient)
RθJA
62.5
°C/W
Electrical Characteristics
Unless otherwise specified, T
A = 25 °C
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Drain to Source Breakdown
Voltage
V(BR)DSS
ID = 100 μA, VGS = 0 V
75
V
Drain to Source Leakage Current
IDSS
VDS = 75 V, VGS = 0 V
100
µA
Gate to Source Leakage Current
IGSS
VGS = ± 20 V
± 100
nA
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 1.5 mA
1.0
2.0
2.5
V
Static Drain to Source
On-Resistance
RDS(ON)
ID = 44.0 A, VGS = 10 V
5.3
6.9
ID = 22.0 A, VGS = 4.5 V
6.0
7.6
Gate Resistance
RG
f = 1 MHz
0.8
Ω
Input Capacitance
Ciss
VDS = 25 V
VGS = 0 V
f = 1 MHz
6340
pF
Output Capacitance
Coss
575
Reverse Transfer Capacitance
Crss
365
Total Gate Charge (VGS = 10 V)
Qg1
VDS = 38 V
ID = 44.0 A
91.6
nC
Total Gate Charge (VGS = 4.5 V)
Qg2
42.9
Gate to Source Charge
Qgs
16.5
Gate to Drain Charge
Qgd
12.4
Turn-On Delay Time
td(on)
VDD = 38 V
ID = 44.0 A
VGS = 10 V, RG = 4.7 Ω
Refer to Figure 2
10.7
ns
Rise Time
tr
10.1
Turn-Off Delay Time
td(off)
49.1
Fall Time
tf
21.0
Source to Drain Diode Forward
Voltage
VSD
IS = 44.0 A, VGS = 0 V
0.9
1.5
V
Source to Drain Diode Reverse
Recovery Time
trr
IF = 44.0 A
di/dt = 100 A/µs
Refer to Figure 3
48.4
ns
Source to Drain Diode Reverse
Recovery Charge
Q rr
75.7
nC


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn