Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EKI07076 Datasheet(PDF) 1 Page - Sanken electric

Part No. EKI07076
Description  DC-DC converters
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANKEN [Sanken electric]
Homepage  http://www.sanken-ele.co.jp/en
Logo 

EKI07076 Datasheet(HTML) 1 Page - Sanken electric

   
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
75 V, 85 A, 5.3 m
Ω Low RDS(ON)
N ch Trench Power MOSFET
EKI07076
EKI07076-DS Rev.1.2
SANKEN ELECTRIC CO.,LTD.
1
Jan. 24, 2014
Features
 V
(BR)DSS --------------------------------- 75 V (ID = 100 µA)
 I
D ---------------------------------------------------------- 85 A
 R
DS(ON) ----------6.9 mΩ max. (VGS = 10 V, ID = 44.0 A)
 Q
g------42.9 nC (VGS = 4.5 V, VDS = 38 V, ID = 44.0 A)
 Low Total Gate Charge
 High Speed Switching
 Low On-Resistance
 Capable of 4.5 V Gate Drive
 100 % UIL Tested
 RoHS Compliant
Applications
 DC-DC converters
 Synchronous Rectification
 Power Supplies
Package
TO-220
Not to scale
Equivalent circuit
Absolute Maximum Ratings
Unless otherwise specified, T
A = 25 °C
Parameter
Symbol
Test conditions
Rating
Unit
Drain to Source Voltage
VDS
75
V
Gate to Source Voltage
VGS
± 20
V
Continuous Drain Current
ID
TC = 25 °C
85
A
Pulsed Drain Current
IDM
PW ≤ 100µs
Duty cycle ≤ 1 %
170
A
Continuous Source Current
(Body Diode)
IS
85
A
Pulsed Source Current
(Body Diode)
ISM
PW ≤ 100µs
Duty cycle ≤ 1 %
170
A
Single Pulse Avalanche Energy
EAS
VDD = 38 V, L = 1 mH,
IAS = 13 A, unclamped,
RG = 4.7 Ω
Refer to Figure 1
170
mJ
Avalanche Current
IAS
30
A
Power Dissipation
PD
TC = 25 °C
135
W
Operating Junction Temperature
TJ
150
°C
Storage Temperature Range
TSTG
− 55 to 150
°C
(1)
(2)
(3)
G
D
S
D(2)(4)
S(3)
G(1)
http://www.sanken-ele.co.jp
(4)
D


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn