Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EKI07076 Datasheet(PDF) 5 Page - Sanken electric

Part No. EKI07076
Description  DC-DC converters
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANKEN [Sanken electric]
Homepage  http://www.sanken-ele.co.jp/en
Logo 

EKI07076 Datasheet(HTML) 5 Page - Sanken electric

   
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
EKI07076
EKI07076-DS Rev.1.2
SANKEN ELECTRIC CO.,LTD.
5
Jan. 24, 2014
OPERATING PRECAUTIONS
In the case that you use Sanken products or design your products by using Sanken products, the reliability largely
depends on the degree of derating to be made to the rated values. Derating may be interpreted as a case that an operation
range is set by derating the load from each rated value or surge voltage or noise is considered for derating in order to
assure or improve the reliability. In general, derating factors include electric stresses such as electric voltage, electric
current, electric power etc., environmental stresses such as ambient temperature, humidity etc. and thermal stress caused
due to self-heating of semiconductor products. For these stresses, instantaneous values, maximum values and minimum
values must be taken into consideration. In addition, it should be noted that since power devices or IC’s including power
devices have large self-heating value, the degree of derating of junction temperature affects the reliability significantly.
Because reliability can be affected adversely by improper storage environments and handling methods, please
observe the following cautions.
Cautions for Storage
 Ensure that storage conditions comply with the standard temperature (5 to 35°C) and the standard relative humidity
(around 40 to 75%); avoid storage locations that experience extreme changes in temperature or humidity.
 Avoid locations where dust or harmful gases are present and avoid direct sunlight.
 Reinspect for rust on leads and solderability of the products that have been stored for a long time.
Cautions for Testing and Handling
When tests are carried out during inspection testing and other standard test periods, protect the products from power
surges from the testing device, shorts between the product pins, and wrong connections. Ensure all test parameters are
within the ratings specified by Sanken for the products.
Remarks About Using Silicone Grease with a Heatsink
 When silicone grease is used in mounting the products on a heatsink, it shall be applied evenly and thinly. If more
silicone grease than required is applied, it may produce excess stress.
 Volatile-type silicone greases may crack after long periods of time, resulting in reduced heat radiation effect.
Silicone greases with low consistency (hard grease) may cause cracks in the mold resin when screwing the
products to a heatsink.
Our recommended silicone greases for heat radiation purposes, which will not cause any adverse effect on the
product life, are indicated below:
Type
Suppliers
G746
Shin-Etsu Chemical Co., Ltd.
YG6260 Momentive Performance Materials Inc.
SC102
Dow Corning Toray Co., Ltd.
Cautions for Mounting to a Heatsink
 When the flatness around the screw hole is insufficient, such as when mounting the products to a heatsink that has
an extruded (burred) screw hole, the products can be damaged, even with a lower than recommended screw torque.
For mounting the products, the mounting surface flatness should be 0.05mm or less.
 Please select suitable screws for the product shape. Do not use a flat-head machine screw because of the stress to
the products. Self-tapping screws are not recommended. When using self-tapping screws, the screw may enter the
hole diagonally, not vertically, depending on the conditions of hole before threading or the work situation. That
may stress the products and may cause failures.
 Recommended screw torque:
Package
Recommended Screw Torque
TO-220, TO-220F
0.490 to 0.686 N・m
(5 to 7 kgf・cm)
TO-3P, TO-3PF, TO-247
0.686 to 0.882 N・m
(7 to 9 kgf・cm)
SLA
0.588 to 0.784 N・m
(6 to 8 kgf・cm)
 For tightening screws, if a tightening tool (such as a driver) hits the products, the package may crack, and internal
stress fractures may occur, which shorten the lifetime of the electrical elements and can cause catastrophic failure.
Tightening with an air driver makes a substantial impact. In addition, a screw torque higher than the set torque can
be applied and the package may be damaged. Therefore, an electric driver is recommended.
When the package is tightened at two or more places, first pre-tighten with a lower torque at all places, then tighten
with the specified torque. When using a power driver, torque control is mandatory.
 Please pay special attention about the slack of the press mold. In case that the hole diameter of the heatsink is less
than 4 mm, it may cause the resin crack at tightening.


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn