Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EKI06108 Datasheet(PDF) 2 Page - Sanken electric

Part # EKI06108
Description  DC-DC converters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

EKI06108 Datasheet(HTML) 2 Page - Sanken electric

  EKI06108 Datasheet HTML 1Page - Sanken electric EKI06108 Datasheet HTML 2Page - Sanken electric EKI06108 Datasheet HTML 3Page - Sanken electric EKI06108 Datasheet HTML 4Page - Sanken electric EKI06108 Datasheet HTML 5Page - Sanken electric EKI06108 Datasheet HTML 6Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
EKI06108
EKI06108-DS Rev.1.2
SANKEN ELECTRIC CO.,LTD.
2
Jan. 24, 2014
Thermal Characteristics
Unless otherwise specified, T
A = 25 °C
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Thermal Resistance
(Junction to Case)
RθJC
1.4
°C/W
Thermal Resistance
(Junction to Ambient)
RθJA
62.5
°C/W
Electrical Characteristics
Unless otherwise specified, T
A = 25 °C
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Drain to Source Breakdown
Voltage
V(BR)DSS
ID = 100 μA, VGS = 0 V
60
V
Drain to Source Leakage Current
IDSS
VDS = 60 V, VGS = 0 V
100
µA
Gate to Source Leakage Current
IGSS
VGS = ± 20 V
± 100
nA
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 650 µA
1.0
2.0
2.5
V
Static Drain to Source
On-Resistance
RDS(ON)
ID = 28.5 A, VGS = 10 V
7.0
9.2
ID = 14.3 A, VGS = 4.5 V
8.6
11.2
Gate Resistance
RG
f = 1 MHz
1.5
Ω
Input Capacitance
Ciss
VDS = 25 V
VGS = 0 V
f = 1 MHz
2520
pF
Output Capacitance
Coss
280
Reverse Transfer Capacitance
Crss
135
Total Gate Charge (VGS = 10 V)
Qg1
VDS = 30 V
ID = 28.5 A
36.2
nC
Total Gate Charge (VGS = 4.5 V)
Qg2
16.9
Gate to Source Charge
Qgs
6.1
Gate to Drain Charge
Qgd
5.4
Turn-On Delay Time
td(on)
VDD = 30 V
ID = 28.5 A
VGS = 10 V, RG = 4.7 Ω
Refer to Figure 2
4.5
ns
Rise Time
tr
5.0
Turn-Off Delay Time
td(off)
21.6
Fall Time
tf
10.7
Source to Drain Diode Forward
Voltage
VSD
IS = 28.5 A, VGS = 0 V
0.9
1.5
V
Source to Drain Diode Reverse
Recovery Time
trr
IF = 28.5 A
di/dt = 100 A/µs
Refer to Figure 3
34.8
ns
Source to Drain Diode Reverse
Recovery Charge
Q rr
42.3
nC


Similar Part No. - EKI06108

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
EKI06108 ISC-EKI06108 Datasheet
266Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Sanken electric
EKI06108 SANKEN-EKI06108_14 Datasheet
600Kb / 9P
   N ch Trench Power MOSFET
More results

Similar Description - EKI06108

ManufacturerPart #DatasheetDescription
logo
CUI INC
VBD10 CUI-VBD10 Datasheet
108Kb / 3P
   DC-DC Converters
VBWQ10 CUI-VBWQ10 Datasheet
110Kb / 3P
   DC-DC Converters
logo
Emerson Network Power
PTH12030 EMERSON-NETWORKPOWER-PTH12030 Datasheet
207Kb / 4P
   DC-DC CONVERTERS
logo
Central Technologies
CTDD1605S-D CT-CTDD1605S-D Datasheet
205Kb / 2P
   DC/DC Converters
CTDD1712MF-SU1K-2 CT-CTDD1712MF-SU1K-2 Datasheet
536Kb / 2P
   DC/DC Converters
CTDD3220DF-S1.5K-5M CT-CTDD3220DF-S1.5K-5M Datasheet
282Kb / 2P
   DC/DC Converters
CTDD1907SF-D1K-2 CT-CTDD1907SF-D1K-2 Datasheet
258Kb / 2P
   DC/DC Converters
CTDD1907SF-DU3K-2 CT-CTDD1907SF-DU3K-2 Datasheet
185Kb / 2P
   DC/DC Converters
CTDD5025DF-S1K-10M CT-CTDD5025DF-S1K-10M Datasheet
244Kb / 2P
   DC/DC Converters
logo
Central Semiconductor C...
CTDD5025DF-2403-30M CENTRAL-CTDD5025DF-2403-30M Datasheet
443Kb / 2P
   DC/DC Converters
logo
XP Power Limited
WC101 XPPOWER-WC101 Datasheet
60Kb / 2P
   DC-DC Converters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com