Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD0912MB-A73GL(N) Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. AD0912MB-A73GL(N)
Description  AADD99222255 SSEERRIIEESS
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

AD0912MB-A73GL(N) Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
*Motor protective circuit and third lead wire functions
0 1 2 3 4 6 7 8 9 A B
*Safety approvals
92x92x25
92.0
*:Noise is measured at the distance of one (1)meter from the axis of intake.
Specifications(Nominal)
Bearin g type:
◎=Ball ※=Sle eve○=1B1S●=Hypro bearin g
●=Hypro bearin g
24
2300
30.0
AD0924LB-
A73GL(N)
0.08
1.92
12
3300
AD0912UB-
A73GL(N)
42.2
0.27
3.24
12
2900
AD0912HB-
A73GL(N)
37.5
0.18
2.16
12
2600
AD0912MB-
A73GL(N)
34.5
0.14
1.68
12
2300
AD0912LB-
A73GL(N)
30.0
0.09
1.08
12
1600
AD0912DB-A73GL(N)
19.1
0.05
0.60
48
2900
AD0948HB-
A73GL
37.5
0.11
5.28
24
3300
AD0924UB-
A73GL(N)
42.2
0.16
3.84
24
2900
AD0924HB-
A73GL(N)
37.5
0.11
2.64
24
2600
AD0924MB-
A73GL(N)
34.5
0.09
1.245
43.993
1.752
61.929
1.587
56.069
1.396
49.357
1.245
43.993
0.858
30.303
1.587
56.069
1.752
61.929
1.587
56.069
1.396
49.357
0.093
2.370
0.187
4.749
0.146
3.721
0.124
3.149
0.093
2.370
0.034
0.877
0.146
3.721
0.187
4.749
0.146
3.721
0.124
3.149
2.16
◎ ※
◎ ※
◎ ※
◎ ※
◎ ※
◎ ※
◎ ※
◎ ※
Specif ic atio ns subje ct to change wit hout notic e.
COPYRIGHT 2008 ADDA CORPORATION.ALL RIGHTS RESERVED. ADDA CORPORATION AND ADDA CORPORATION LOGO ARE TRADEMARKS OR SERVICE MARKS OF ADDA CORPORATION.
C
AD9225 SERIES
AD9225 SERIES
Frame
size
(mm)
Weight
(g)
Rated
Voltage
(VDC)
Rated
Speed
(rpm)
Model No.
*Noise
Level
(dB/A)
Current
(A)
(CMM)
(CFM)
Maximum
AirFlow
(InAq)
(mmAq)
Maximum
Pressure
Power
(W)
Bearing
System
Type
風扇型號:
Fan Performance Curve
0.0
1.2
2.4
3.6
4.8
6.0
0
14
28
42
56
70
FLOWRATE(CFM)
0.000
0.047
0.094
0.142
0.189
0.236
0.000
0.396
0.792
1.188
1.584
1.980
M
L
D
H
U
FLOWRATE(CMM)
The specification for bearing type is for reference only , for more bearing types information, please contact with your ADDA sales representative, thanks!!
(網頁上呈現產品軸承資訊均以2Ball為主,若需其他產品資訊請聯絡您在ADDA的業務代表,謝謝!!)


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn