Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CMOZ2L4 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part No. CMOZ2L4
Description  ULTRAmini. LOW LEVEL ZENER DIODE 2.4 VOLTS THRU 43 VOLTS 350mW, 5% TOLERANCE
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CENTRAL [Central Semiconductor Corp]
Homepage  http://www.centralsemi.com
Logo 

CMOZ2L4 Datasheet(HTML) 1 Page - Central Semiconductor Corp

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMOZ2L4
Series Low Level Zener Diode is a high quality
voltage
regulator
in
an
epoxy-molded
ULTRAmini™ package, designed for applications
requiring an extremely low operating current and
low leakage.
ABSOLUTE MAXIMUM RATINGS:
SYMBOL
UNIT
Power Dissipation (@TA =50°C)
PD
350
mW
Operating and Storage Temperature
TJ, Tstg
-65 to +175
°C
ELECTRICAL CHARACTERISTICS: (TA=25°C), VF=0.9 MAX @ IF=10mA FOR ALL TYPES.
CMOZ2L4 THRU CMOZ43L
ULTRAmini
LOW LEVEL ZENER DIODE
2.4 VOLTS THRU 43 VOLTS
350mW, 5% TOLERANCE
SOD-523 CASE
Central
Semiconductor Corp.
TM
R1 ( 1-October 2001)
ZENER
TEST
MAXIMUM
MAXIMUM
VOLTAGE
CURRENT
ZENER
REVERSE
MARKING
TYPE
VZ @ IZT
IMPEDANCE
CURRENT
CODE
MIN
NOM
MAX
IZT
ZZT @ IZT
IR @ VR
VOLTS VOLTS VOLTS
µA
µA
VOLTS
CMOZ2L4
2.28
2.4
2.52
250
1400
25
1.0
M1
CMOZ2L5
2.37
2.5
2.63
250
1500
10
1.0
M2
CMOZ2L7
2.57
2.7
2.84
250
1500
5.0
1.0
M3
CMOZ3L3
3.14
3.3
3.47
250
1600
5.0
1.0
M4
CMOZ3L6
3.42
3.6
3.78
250
1700
5.0
1.0
M5
CMOZ3L9
3.71
3.9
4.10
250
1600
5.0
1.0
M6
CMOZ4L3
4.09
4.3
4.52
250
1600
1.0
1.5
M7
CMOZ4L7
4.47
4.7
4.94
250
1500
1.0
1.5
M8
CMOZ5L1
4.85
5.1
5.36
250
1500
1.0
1.5
M9
CMOZ5L6
5.32
5.6
5.88
250
1400
1.0
2.0
M0
CMOZ6L2
5.89
6.2
6.51
250
1200
1.0
2.0
N1
CMOZ6L8
6.46
6.8
7.14
250
200
1.0
3.5
N2
CMOZ7L5
7.12
7.5
7.88
250
200
1.0
3.5
N3
CMOZ8L2
7.79
8.2
8.61
250
200
1.0
6.0
N4
CMOZ9L1
8.65
9.1
9.56
250
200
1.0
6.0
N5
CMOZ10L
9.50
10
10.50
250
200
1.0
8.0
N6
CMOZ11L
10.45
11
11.55
250
200
1.0
8.0
N7
CMOZ12L
11.40
12
12.60
250
200
1.0
10.5
N8
CMOZ13L
12.35
13
13.65
250
200
1.0
10.5
N9
CMOZ15L
14.25
15
15.75
250
100
1.0
11.5
N0


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn