Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CMKT2222A Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part No. CMKT2222A
Description  ULTRAminiTM SURFACE MOUNT DUAL NPN SMALL SIGNAL SWITCHING TRANSISTORS
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CENTRAL [Central Semiconductor Corp]
Homepage  http://www.centralsemi.com
Logo 

CMKT2222A Datasheet(HTML) 1 Page - Central Semiconductor Corp

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMKT2222A
type is a dual NPN small signal switching
transistor manufactured by the epitaxial planar
process, epoxy molded in a surface mount
package, designed for small signal general
purpose
and
switching
applications.
Marking Code is K22.
MAXIMUM RATINGS: (TA=25OC)
SYMBOL
UNITS
Collector-Base Voltage
VCBO
75
V
Collector-Emitter Voltage
VCEO
40
V
Emitter-Base Voltage
VEBO
6.0
V
Collector Current
IC
600
mA
Power Dissipation
PD
350
mW
Operating and Storage
Junction Temperature
TJ,Tstg
-65 to +150
O
C
Thermal Resistance
ΘJA
357
O
C/W
ELECTRICAL CHARACTERISTICS PER TRANSISTOR: (TA=25OC unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
ICBO
VCB=60V
10
nA
ICBO
VCB=60V, TA=125OC10
µA
ICEV
VCE=60V, VEB=3.0V
10
nA
IEBO
VEB=3.0V
10
nA
BVCBO
IC=10µA75
V
BVCEO
IC=10mA
40
V
BVEBO
IE=10µA
6.0
V
VCE(SAT)
IC=150mA, IB=15mA
0.3
V
VCE(SAT)
IC=500mA, IB=50mA
1.0
V
VBE(SAT)
IC=150mA, IB=15mA
0.6
1.2
V
VBE(SAT)
IC=500mA, IB=50mA
2.0
V
hFE
VCE=10V, IC=0.1mA
35
hFE
VCE=10V, IC=1.0mA
50
hFE
VCE=10V, IC=10mA
75
hFE
VCE=1.0V, IC=150mA
50
hFE
VCE=10V, IC=150mA
100
300
hFE
VCE=10V, IC=500mA
40
CMKT2222A
ULTRAminiTM
SURFACE MOUNT
DUAL NPN SMALL SIGNAL
SWITCHING TRANSISTORS
SOT-363 CASE
Central
Semiconductor Corp.
TM
R0 ( 28-September 2001)


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn