Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD420ANZ-32 Datasheet(PDF) 2 Page - Analog Devices

Part No. AD420ANZ-32
Description  Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD420ANZ-32 Datasheet(HTML) 2 Page - Analog Devices

  AD420ANZ-32 Datasheet HTML 1Page - Analog Devices AD420ANZ-32 Datasheet HTML 2Page - Analog Devices AD420ANZ-32 Datasheet HTML 3Page - Analog Devices AD420ANZ-32 Datasheet HTML 4Page - Analog Devices AD420ANZ-32 Datasheet HTML 5Page - Analog Devices AD420ANZ-32 Datasheet HTML 6Page - Analog Devices AD420ANZ-32 Datasheet HTML 7Page - Analog Devices AD420ANZ-32 Datasheet HTML 8Page - Analog Devices AD420ANZ-32 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
AD420
Rev. H | Page 2 of 16
TABLE OF CONTENTS
Features .............................................................................................. 1
 
Functional Block Diagram .............................................................. 1
 
General Description ......................................................................... 1
 
Product Highlights ........................................................................... 1
 
Revision History ............................................................................... 2
 
Specifications..................................................................................... 3
 
Absolute Maximum Ratings............................................................ 5
 
ESD Caution.................................................................................. 5
 
Pin Configuration and Function Descriptions............................. 6
 
Timing Requirements ...................................................................... 7
 
Three-Wire Interface ................................................................... 7
 
Three-Wire Interface Fast Edges on Digital Input................... 7
 
Asynchronous Interface............................................................... 7
 
Terminology ...................................................................................... 8
 
Theory of Operation ........................................................................ 9
 
Applications Information .............................................................. 10
 
Current Output ........................................................................... 10
 
Driving Inductive Loads............................................................ 10
 
Voltage-Mode Output................................................................ 10
 
Optional Span and Zero Trim .................................................. 10
 
Three-Wire Interface ................................................................. 11
 
Using Multiple DACS with Fault Detect ................................. 11
 
Asynchronous Interface Using Optocouplers ........................ 11
 
Microprocessor Interface............................................................... 12
 
AD420-To-MC68HC11 (SPI Bus) Interface........................... 12
 
AD420 to Microwire Interface ................................................. 12
 
External Boost Function ........................................................... 13
 
AD420 Protection........................................................................... 14
 
Transient Voltage Protection .................................................... 14
 
Board Layout And Grounding ................................................. 14
 
Power Supplies and Decoupling............................................... 14
 
Outline Dimensions ....................................................................... 15
 
Ordering Guide .......................................................................... 15
 
REVISION HISTORY
1/11—Rev. G to Rev. H
Changes to Figure 13...................................................................... 13
Changes to Ordering Guide .......................................................... 15
11/09—Rev. F to Rev. G
Updated Format..................................................................Universal
Changes to Table 2............................................................................ 5
Updated Outline Dimensions ....................................................... 15
Changes to Ordering Guide .......................................................... 15
9/99—Rev. E to Rev. F


Similar Part No. - AD420ANZ-32

ManufacturerPart No.DatasheetDescription
Analog Devices
Analog Devices
AD420ANZ-32 AD-AD420ANZ-32 Datasheet
303Kb / 16P
   Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC
Rev. H
More results

Similar Description - AD420ANZ-32

ManufacturerPart No.DatasheetDescription
Analog Devices
Analog Devices
AD420 AD-AD420_11 Datasheet
303Kb / 16P
   Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC
Rev. H
AD420 AD-AD420_15 Datasheet
303Kb / 16P
   Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC
Rev. H
AD420 AD-AD420 Datasheet
144Kb / 11P
   Serial Input 16-Bit 4 mA-20 mA, 0 mA-20 mA DAC
REV. F
Rectron Semiconductor
Rectron Semiconductor
1N4148DF RECTRON-1N4148DF Datasheet
329Kb / 5P
   10 mA0 Volts Switching Diode
Analog Devices
Analog Devices
AD5421 AD-AD5421_11 Datasheet
757Kb / 32P
   16-Bit, Serial Input, Loop-Powered, 4 mA to 20 mA DAC
REV. 0
AD5421 AD-AD5421_13 Datasheet
726Kb / 36P
   16-Bit, Serial Input, Loop-Powered, 4 mA to 20 mA DAC
Rev. F
PHOENIX CONTACT
PHOENIX CONTACT
2742748 PHOENIX-2742748 Datasheet
201Kb / 6P
   Inline analog input terminal, without accessories, 8 inputs, 0-20 mA, 4-20 mA, 0-40 mA, 짹20 mA, 짹40 mA, 2 and 3-wire connection method
2727831 PHOENIX-2727831 Datasheet
149Kb / 6P
   Inline analog input terminal, without accessories, 8 inputs, 0-20 mA, 4-20 mA, 짹20 mA, 0-10 V, 짹10 V, (also 0-40 mA, 짹40 mA, 0-5 V, 짹5 V, 0-25 V, 짹25 V, 0-50 V), 2-conductor connection method
2700838 PHOENIX-2700838 Datasheet
259Kb / 15P
   INTERBUS-ST analog input module, 4 inputs, 0 - 10 V, 짹10 V, 0 - 20 mA, 4 - 20 mA
WAGO Kontakttechnik GmbH & Co. KG
WAGO Kontakttechnik Gmb...
753-553 WAGO-753-553 Datasheet
609Kb / 12P
   4-channel analog output; 0 ??20 mA
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz