Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD420ANZ-32 Datasheet(PDF) 15 Page - Analog Devices

Part No. AD420ANZ-32
Description  Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD420ANZ-32 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD420ANZ-32 Datasheet HTML 8Page - Analog Devices AD420ANZ-32 Datasheet HTML 9Page - Analog Devices AD420ANZ-32 Datasheet HTML 10Page - Analog Devices AD420ANZ-32 Datasheet HTML 11Page - Analog Devices AD420ANZ-32 Datasheet HTML 12Page - Analog Devices AD420ANZ-32 Datasheet HTML 13Page - Analog Devices AD420ANZ-32 Datasheet HTML 14Page - Analog Devices AD420ANZ-32 Datasheet HTML 15Page - Analog Devices AD420ANZ-32 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
AD420
Rev. H | Page 15 of 16
OUTLINE DIMENSIONS
CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETER DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF INCH EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN.
CORNER LEADS MAY BE CONFIGURED AS WHOLE OR HALF LEADS.
COMPLIANT TO JEDEC STANDARDS MS-001
0.022 (0.56)
0.018 (0.46)
0.014 (0.36)
0.150 (3.81)
0.130 (3.30)
0.115 (2.92)
0.070 (1.78)
0.060 (1.52)
0.045 (1.14)
24
1
12
13
0.100 (2.54)
BSC
1.280 (32.51)
1.250 (31.75)
1.230 (31.24)
0.210 (5.33)
MAX
SEATING
PLANE
0.015
(0.38)
MIN
0.005 (0.13)
MIN
0.280 (7.11)
0.250 (6.35)
0.240 (6.10)
0.060 (1.52)
MAX
0.430 (10.92)
MAX
0.014 (0.36)
0.010 (0.25)
0.008 (0.20)
0.325 (8.26)
0.310 (7.87)
0.300 (7.62)
0.015 (0.38)
GAUGE
PLANE
0.195 (4.95)
0.130 (3.30)
0.115 (2.92)
Figure 16. 24-Lead Plastic Dual In-Line Package [PDIP]
Narrow Body
(N-24-1)
Dimensions shown in inches and (millimeters)
COMPLIANT TO JEDEC STANDARDS MS-013-AD
CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN.
15.60 (0.6142)
15.20 (0.5984)
0.30 (0.0118)
0.10 (0.0039)
2.65 (0.1043)
2.35 (0.0925)
10.65 (0.4193)
10.00 (0.3937)
7.60 (0.2992)
7.40 (0.2913)
0.75 (0.0295)
0.25 (0.0098)
45°
1.27 (0.0500)
0.40 (0.0157)
COPLANARITY
0.10
0.33 (0.0130)
0.20 (0.0079)
0.51 (0.0201)
0.31 (0.0122)
SEATING
PLANE
24
13
12
1
1.27 (0.0500)
BSC
Figure 17. 24-Lead Standard Small Outline [SOIC_W]
Wide Body
(RW-24)
Dimensions shown in millimeters and (inches)
ORDERING GUIDE
Model1
Temperature Range
Max Operating Voltage
Package Description
Package Option
AD420AN-32
−40°C to +85° C
32 V
24-Lead PDIP
N-24-1
AD420ANZ-32
−40°C to +85° C
32 V
24-Lead PDIP
N-24-1
AD420AR-32
−40°C to +85° C
32 V
24-Lead SOIC_W
RW-24
AD420AR-32-REEL
−40°C to +85° C
32 V
24-Lead SOIC_W
RW-24
AD420ARZ-32
−40°C to +85° C
32 V
24-Lead SOIC_W
RW-24
AD420ARZ-32-REEL
−40°C to +85° C
32 V
24-Lead SOIC_W
RW-24
1 Z = RoHS Compliant Part.


Similar Part No. - AD420ANZ-32

ManufacturerPart No.DatasheetDescription
Analog Devices
Analog Devices
AD420ANZ-32 AD-AD420ANZ-32 Datasheet
303Kb / 16P
   Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC
Rev. H
More results

Similar Description - AD420ANZ-32

ManufacturerPart No.DatasheetDescription
Analog Devices
Analog Devices
AD420 AD-AD420_11 Datasheet
303Kb / 16P
   Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC
Rev. H
AD420 AD-AD420_15 Datasheet
303Kb / 16P
   Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC
Rev. H
AD420 AD-AD420 Datasheet
144Kb / 11P
   Serial Input 16-Bit 4 mA-20 mA, 0 mA-20 mA DAC
REV. F
Rectron Semiconductor
Rectron Semiconductor
1N4148DF RECTRON-1N4148DF Datasheet
329Kb / 5P
   10 mA0 Volts Switching Diode
Analog Devices
Analog Devices
AD5421 AD-AD5421_11 Datasheet
757Kb / 32P
   16-Bit, Serial Input, Loop-Powered, 4 mA to 20 mA DAC
REV. 0
AD5421 AD-AD5421_13 Datasheet
726Kb / 36P
   16-Bit, Serial Input, Loop-Powered, 4 mA to 20 mA DAC
Rev. F
PHOENIX CONTACT
PHOENIX CONTACT
2742748 PHOENIX-2742748 Datasheet
201Kb / 6P
   Inline analog input terminal, without accessories, 8 inputs, 0-20 mA, 4-20 mA, 0-40 mA, 짹20 mA, 짹40 mA, 2 and 3-wire connection method
2727831 PHOENIX-2727831 Datasheet
149Kb / 6P
   Inline analog input terminal, without accessories, 8 inputs, 0-20 mA, 4-20 mA, 짹20 mA, 0-10 V, 짹10 V, (also 0-40 mA, 짹40 mA, 0-5 V, 짹5 V, 0-25 V, 짹25 V, 0-50 V), 2-conductor connection method
2700838 PHOENIX-2700838 Datasheet
259Kb / 15P
   INTERBUS-ST analog input module, 4 inputs, 0 - 10 V, 짹10 V, 0 - 20 mA, 4 - 20 mA
WAGO Kontakttechnik GmbH & Co. KG
WAGO Kontakttechnik Gmb...
753-553 WAGO-753-553 Datasheet
609Kb / 12P
   4-channel analog output; 0 ??20 mA
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz