Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD420ANZ-32 Datasheet(PDF) 1 Page - Analog Devices

Part No. AD420ANZ-32
Description  Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD420ANZ-32 Datasheet(HTML) 1 Page - Analog Devices

  AD420ANZ-32 Datasheet HTML 1Page - Analog Devices AD420ANZ-32 Datasheet HTML 2Page - Analog Devices AD420ANZ-32 Datasheet HTML 3Page - Analog Devices AD420ANZ-32 Datasheet HTML 4Page - Analog Devices AD420ANZ-32 Datasheet HTML 5Page - Analog Devices AD420ANZ-32 Datasheet HTML 6Page - Analog Devices AD420ANZ-32 Datasheet HTML 7Page - Analog Devices AD420ANZ-32 Datasheet HTML 8Page - Analog Devices AD420ANZ-32 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Serial Input 16-Bit
4 mA–20 mA, 0 mA–20 mA DAC
AD420
Rev. H
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©1999–2011 Analog Devices, Inc. All rights reserved.
FEATURES
4 mA–20 mA, 0 mA–20 mA or 0 mA–24 mA
current output
16-bit resolution and monotonicity
±0.012% max integral nonlinearity
±0.05% max offset (trimmable)
±0.15% max total output error (trimmable)
Flexible serial digital interface (3.3 MBPS)
On-Chip loop fault detection
On-chip 5 V reference (25 ppm/°C max)
Asynchronous CLEAR function
Maximum power supply range of 32 V
Output loop compliance of 0 V to VCC − 2.75 V
24-Lead SOIC and PDIP packages
FUNCTIONAL BLOCK DIAGRAM
FAULT
DETECT
IOUT
BOOST
40Ω
1.25kΩ
4kΩ
VOUT
OFFSET
TRIM
CAP 1 CAP 2
GND
VLL
VCC
REF OUT
REF IN
DATA OUT
CLEAR
LATCH
CLOCK
DATA IN
RANGE
SELECT 1
RANGE
SELECT 2
AD420
REFERENCE
DATA I/P
REGISTER
SWITCHED
CURRENT
SOURCES
AND
FILTERING
CLOCK
16-BIT
DAC
Figure 1.
GENERAL DESCRIPTION
The AD420 is a complete digital to current loop output
converter, designed to meet the needs of the industrial control
market. It provides a high precision, fully integrated, low cost
single-chip solution for generating current loop signals in a
compact 24-lead SOIC or PDIP package.
The output current range can be programmed to 4 mA to
20 mA, 0 mA to 20 mA or to an overrange function of 0 mA to
24 mA. The AD420 can alternatively provide a voltage output from
a separate pin that can be configured to provide 0 V to 5 V, 0 V
to 10 V, ±5 V, or ±10 V with the addition of a single external
buffer amplifier.
The 3.3 M Baud serial input logic design minimizes the cost of
galvanic isolation and allows for simple connection to commonly
used microprocessors. It can be used in 3-wire or asynchronous
mode and a serial-out pin is provided to allow daisy chaining of
multiple DACs on the current loop side of the isolation barrier.
The AD420 uses sigma-delta (Σ-Δ) DAC technology to achieve
16-bit monotonicity at very low cost. Full-scale settling to 0.1%
occurs within 3 ms. The only external components that are
required (in addition to normal transient protection circuitry)
are two low cost capacitors which are used in the DAC out-
put filter.
If the AD420 is used at extreme temperatures and supply
voltages, an external output transistor can be used to minimize
power dissipation on the chip via the BOOST pin. The FAULT
DETECT pin signals when an open circuit occurs in the loop.
The on-chip voltage reference can be used to supply a precision
+5 V to external components in addition to the AD420 or, if the
user desires temperature stability exceeding 25 ppm/°C, an
external precision reference such as the AD586 can be used as
the reference. The AD420 is available in a 24-lead SOIC and
PDIP over the industrial temperature range of −40°C to +85°C.
PRODUCT HIGHLIGHTS
1.
The AD420 is a single chip solution for generating 4 mA to
20 mA or 0 mA to 20 mA signals at the controller end of
the current loop.
2.
The AD420 is specified with a power supply range from
12 V to 32 V. Output loop compliance is 0 V to VCC − 2.75 V.
3.
The flexible serial input can be used in 3-wire mode
with SPI® or MICROWIRE® microcontrollers, or in
asynchronous mode, which minimizes the number of
control signals required.
4.
The serial data out pin can be used to daisy chain any
number of AD420s together in 3-wire mode.
5.
At power-up, the AD420 initializes its output to the low
end of the selected range.
6.
The AD420 has an asynchronous CLEAR pin, which sends
the output to the low end of the selected range (0 mA, 4 mA,
or 0 V).
7.
The AD420 BOOST pin accommodates an external
transistor to off-load power dissipation from the chip.
8.
The offset of ±0.05% and total output error of ±0.15% can
be trimmed if desired, using two external potentiometers.


Similar Part No. - AD420ANZ-32

ManufacturerPart No.DatasheetDescription
Analog Devices
Analog Devices
AD420ANZ-32 AD-AD420ANZ-32 Datasheet
303Kb / 16P
   Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC
Rev. H
More results

Similar Description - AD420ANZ-32

ManufacturerPart No.DatasheetDescription
Analog Devices
Analog Devices
AD420 AD-AD420_11 Datasheet
303Kb / 16P
   Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC
Rev. H
AD420 AD-AD420_15 Datasheet
303Kb / 16P
   Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC
Rev. H
AD420 AD-AD420 Datasheet
144Kb / 11P
   Serial Input 16-Bit 4 mA-20 mA, 0 mA-20 mA DAC
REV. F
Rectron Semiconductor
Rectron Semiconductor
1N4148DF RECTRON-1N4148DF Datasheet
329Kb / 5P
   10 mA0 Volts Switching Diode
Analog Devices
Analog Devices
AD5421 AD-AD5421_11 Datasheet
757Kb / 32P
   16-Bit, Serial Input, Loop-Powered, 4 mA to 20 mA DAC
REV. 0
AD5421 AD-AD5421_13 Datasheet
726Kb / 36P
   16-Bit, Serial Input, Loop-Powered, 4 mA to 20 mA DAC
Rev. F
PHOENIX CONTACT
PHOENIX CONTACT
2742748 PHOENIX-2742748 Datasheet
201Kb / 6P
   Inline analog input terminal, without accessories, 8 inputs, 0-20 mA, 4-20 mA, 0-40 mA, 짹20 mA, 짹40 mA, 2 and 3-wire connection method
2727831 PHOENIX-2727831 Datasheet
149Kb / 6P
   Inline analog input terminal, without accessories, 8 inputs, 0-20 mA, 4-20 mA, 짹20 mA, 0-10 V, 짹10 V, (also 0-40 mA, 짹40 mA, 0-5 V, 짹5 V, 0-25 V, 짹25 V, 0-50 V), 2-conductor connection method
2700838 PHOENIX-2700838 Datasheet
259Kb / 15P
   INTERBUS-ST analog input module, 4 inputs, 0 - 10 V, 짹10 V, 0 - 20 mA, 4 - 20 mA
WAGO Kontakttechnik GmbH & Co. KG
WAGO Kontakttechnik Gmb...
753-553 WAGO-753-553 Datasheet
609Kb / 12P
   4-channel analog output; 0 ??20 mA
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz