Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T60004-L2025-W621 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # T60004-L2025-W621
Description  NaNOcRysTallINE VITROPERM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

T60004-L2025-W621 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button T60004-L2025-W621 Datasheet HTML 4Page - List of Unclassifed Manufacturers T60004-L2025-W621 Datasheet HTML 5Page - List of Unclassifed Manufacturers T60004-L2025-W621 Datasheet HTML 6Page - List of Unclassifed Manufacturers T60004-L2025-W621 Datasheet HTML 7Page - List of Unclassifed Manufacturers T60004-L2025-W621 Datasheet HTML 8Page - List of Unclassifed Manufacturers T60004-L2025-W621 Datasheet HTML 9Page - List of Unclassifed Manufacturers T60004-L2025-W621 Datasheet HTML 10Page - List of Unclassifed Manufacturers T60004-L2025-W621 Datasheet HTML 11Page - List of Unclassifed Manufacturers T60004-L2025-W621 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
0
10
20
30
40
0.001
0.01
0.1
1
10
frequency [MHz]
- 40°C
+100°C
+120°C
+ 20°C
typical ferrite
CMC
VITROPERM
CMC
- 40°C
+ 20°C
+100°C
+120°C
0
10
20
30
0.01
0.1
1
10
100
frequency [MHz]
- 40°C
typical ferrite
CMC (high TC)
+120°C
+150°C
+ 20°C
+160°C
VITROPERM
CMC
- 40°C
+ 25°C
+120°C
+150°C
+160°C
0
0.2
0.4
0.6
0.8
1
1.2
1.4
0
100
200
300
400
500
600
Temperature [ °C ]
nanocrystalline
VITROPERM®
typical
Mn-Zn ferrite
-40%
-20%
0%
20%
40%
60%
80%
-40
-20
0
20
40
60
80
100
120
Temperature [°C]
nanocrystalline
VITROPERM®
! = 80 000
nanocrystalline
VITROPERM®
! = 30 000
typical MnZn ferrites
! = 5000 … 10 000
The saturation flux density of VITROPERM changes
by only a few percent in the operating temperature
range of up to 150 °C, while MnZn ferrites decline
up to 40 % at temperatures above 100 °C. The high
Curie temperature of VITROPERM alloys (above
600 °C), allows short term maximum operating tem-
peratures as high as 180 – 200 °C 1).
The permeability of VITROPERM typically changes
by less than 10 % in the temperature range
from -40 °C to 120 °C, while the permeability of
MnZn ferrites can drift in a range of ± 40 – 60 %
around the room temperature value.
Fig. 10: Relative change of μT) at f = 100 kHz, normalized for room temperature
1) Maximumcontinuoustemperaturedependsonthecasing/coatingmaterialsused.Please
contact VAC for more detailed information.
Fig. 11b: Comparison of temperature dependence of insertion loss up to 160 °C of a
VITROPERM CMC and a MnZn choke using a high Curie temperature ferrite material
Fig. 11a: Comparison of temperature dependence of insertion loss of a
VITROPERM CMC and a choke with standard MnZn ferrite core
Insertion loss (and impedance) of a CMC made of VITROPERM 500F is almost temperature-independent in the tempe-
rature range of – 40 °C to above 150 °C. In contrast, ferrite chokes feature a significant drop of insertion loss with increa-
sing temperature.
Thermal
properties
Fig. 9: Temperature dependence of saturation flux density Bs(T)
8
NaNOcRysTallINE VITROPERM / EMc PROducTs


Similar Part No. - T60004-L2025-W621

ManufacturerPart #DatasheetDescription
logo
VACUUMSCHMELZE GmbH & C...
T60004-L2025-W375 VACUUMSCHMELZE-T60004-L2025-W375 Datasheet
46Kb / 2P
   Specification for Soft Magnetic Cores
More results

Similar Description - T60004-L2025-W621

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
782063101055 WURTH-782063101055 Datasheet
338Kb / 4P
   WE-AENA Axial EMI Suppression Nanocrystalline
001.000
782063151200 WURTH-782063151200 Datasheet
333Kb / 4P
   WE-AENA Axial EMI Suppression Nanocrystalline
001.000
782163051200 WURTH-782163051200 Datasheet
333Kb / 4P
   WE-AENA Axial EMI Suppression Nanocrystalline
001.000
782163101300 WURTH-782163101300 Datasheet
330Kb / 4P
   WE-AENA Axial EMI Suppression Nanocrystalline
001.000
782063151055 WURTH-782063151055 Datasheet
334Kb / 4P
   WE-AENA Axial EMI Suppression Nanocrystalline
001.000
782063051055 WURTH-782063051055 Datasheet
337Kb / 4P
   WE-AENA Axial EMI Suppression Nanocrystalline
001.000
782163151300 WURTH-782163151300 Datasheet
332Kb / 4P
   WE-AENA Axial EMI Suppression Nanocrystalline
001.000
782063101100 WURTH-782063101100 Datasheet
337Kb / 4P
   WE-AENA Axial EMI Suppression Nanocrystalline
001.001
782063051100 WURTH-782063051100 Datasheet
337Kb / 4P
   WE-AENA Axial EMI Suppression Nanocrystalline
001.001
782063101200 WURTH-782063101200 Datasheet
331Kb / 4P
   WE-AENA Axial EMI Suppression Nanocrystalline
001.000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com