Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMB51 Datasheet(PDF) 1 Page - Rohm

Part # EMB51
Description  Complex Digital Transistors (Bias Resistor Built-in Transistors)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

EMB51 Datasheet(HTML) 1 Page - Rohm

  EMB51 Datasheet HTML 1Page - Rohm EMB51 Datasheet HTML 2Page - Rohm EMB51 Datasheet HTML 3Page - Rohm EMB51 Datasheet HTML 4Page - Rohm EMB51 Datasheet HTML 5Page - Rohm EMB51 Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
EMB51
Complex Digital Transistors (Bias Resistor Built-in Transistors)
Datasheet
l
lOutline
Parameter
DTr1 and DTr2
EMT6
 
VCC
-50V
 
 
 
 
IC(MAX.)
-100mA
R1
22kΩ
EMB51
 
R2
22kΩ
(SC-107C)
 
                     
l
lFeatures
l
lInner circuit
1) Two DTA024E chips in a EMT6 package.
2) Transister elements are independent, eliminating
interface.
3) Mounting cost and area can be cut in half.
4) Lead Free/RoHS Compliant.
l
lApplication
Switching circuit, Inverter circuit, Interface circuit,
Driver circuit
l
lPackaging specifications
                                           
Part No.
Package
Package
size
Taping
code
Reel size
(mm)
Tape width
(mm)
Basic
ordering
unit.(pcs)
Marking
EMB51
EMT6
1616
T2R
180
8
8000
B51
 
 
 
 
 
 
 
 
                                                                                         
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
1/5
20131001 - Rev.003


Similar Part No. - EMB51

ManufacturerPart #DatasheetDescription
logo
Rohm
EMB51 ROHM-EMB51 Datasheet
1Mb / 8P
   General purpose Dual digital transistor
EMB51 ROHM-EMB51_16 Datasheet
1Mb / 8P
   General purpose Dual digital transistor
More results

Similar Description - EMB51

ManufacturerPart #DatasheetDescription
logo
Rohm
EMH59 ROHM-EMH59_16 Datasheet
1Mb / 8P
   Complex Digital Transistors (Bias Resistor Built-in Transistors)
EMH60 ROHM-EMH60_16 Datasheet
1Mb / 8P
   Complex Digital Transistors (Bias Resistor Built-in Transistors)
EMD59 ROHM-EMD59 Datasheet
919Kb / 8P
   Complex Digital Transistors (Bias Resistor Built-in Transistors)
EMD52 ROHM-EMD52 Datasheet
843Kb / 8P
   Complex Digital Transistors (Bias Resistor Built-in Transistors)
EMD62 ROHM-EMD62 Datasheet
893Kb / 8P
   Complex Digital Transistors (Bias Resistor Built-in Transistors)
EMH53 ROHM-EMH53 Datasheet
688Kb / 5P
   Complex Digital Transistors (Bias Resistor Built-in Transistors)
EMH60 ROHM-EMH60 Datasheet
690Kb / 6P
   Complex Digital Transistors (Bias Resistor Built-in Transistors)
EMH61 ROHM-EMH61 Datasheet
683Kb / 6P
   Complex Digital Transistors (Bias Resistor Built-in Transistors)
EMD62 ROHM-EMD62_16 Datasheet
1Mb / 10P
   Complex Digital Transistors (Bias Resistor Built-in Transistors)
EMB75 ROHM-EMB75 Datasheet
702Kb / 6P
   Complex Digital Transistors (Bias Resistor Built-in Transistors)
EMB61 ROHM-EMB61 Datasheet
786Kb / 6P
   Complex Digital Transistors (Bias Resistor Built-in Transistors)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com