Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX25V2006E Datasheet(PDF) 34 Page - Macronix International

Part # MX25V2006E
Description  2M-BIT [x 1/x 2] CMOS SERIAL FLASH
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX25V2006E Datasheet(HTML) 34 Page - Macronix International

Back Button MX25V2006E Datasheet HTML 30Page - Macronix International MX25V2006E Datasheet HTML 31Page - Macronix International MX25V2006E Datasheet HTML 32Page - Macronix International MX25V2006E Datasheet HTML 33Page - Macronix International MX25V2006E Datasheet HTML 34Page - Macronix International MX25V2006E Datasheet HTML 35Page - Macronix International MX25V2006E Datasheet HTML 36Page - Macronix International MX25V2006E Datasheet HTML 37Page - Macronix International MX25V2006E Datasheet HTML 38Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 49 page
background image
34
P/N: PM1709
MX25V2006E
REV. 1.3, DEC. 09, 2013
Figure 14. Write Status Register (WRSR) Sequence (Command 01)
2
1
345678 9 10 11 12 13 14 15
Status
Register In
0
76543 2
0
1
MSB
SCLK
SI
CS#
SO
01
High-Z
command
SCLK
SI
CS#
SO
23
2
1
3456789 10
28 29 30 31 32 33 34 35
22 21
3210
36 37 38
76543
1
7
0
Data Out 1
24-Bit Address
0
MSB
MSB
2
39
Data Out 2
03
High-Z
command
Figure 15. Read Data Bytes (READ) Sequence (Command 03)


Similar Part No. - MX25V2006E

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25V1006E MCNIX-MX25V1006E Datasheet
935Kb / 45P
   1M-BIT [x 1/x 2] CMOS SERIAL FLASH
MX25V1006EMI13G MCNIX-MX25V1006EMI13G Datasheet
935Kb / 45P
   1M-BIT [x 1/x 2] CMOS SERIAL FLASH
MX25V1006EOI13G MCNIX-MX25V1006EOI13G Datasheet
935Kb / 45P
   1M-BIT [x 1/x 2] CMOS SERIAL FLASH
MX25V1006EZUI13G MCNIX-MX25V1006EZUI13G Datasheet
935Kb / 45P
   1M-BIT [x 1/x 2] CMOS SERIAL FLASH
MX25V4006E MCNIX-MX25V4006E Datasheet
1Mb / 50P
   4M-BIT [x 1/x 2] CMOS SERIAL FLASH
More results

Similar Description - MX25V2006E

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25L2006E MCNIX-MX25L2006E Datasheet
1Mb / 50P
   2M-BIT [x 1/x 2] CMOS SERIAL FLASH
MX25L2026E MCNIX-MX25L2026E Datasheet
629Kb / 48P
   2M-BIT [x 1/x 2] CMOS SERIAL FLASH
MX25L2026C MCNIX-MX25L2026C Datasheet
1Mb / 41P
   2M-BIT [x 1] CMOS SERIAL FLASH
MX25L2005 MCNIX-MX25L2005 Datasheet
548Kb / 40P
   2M-BIT [x 1] CMOS SERIAL FLASH
MX25L6406E MCNIX-MX25L6406E Datasheet
1Mb / 60P
   64M-BIT [x 1 / x 2] CMOS SERIAL FLASH
MX25L3206EM2 MCNIX-MX25L3206EM2 Datasheet
1Mb / 59P
   32M-BIT [x 1 / x 2] CMOS SERIAL FLASH
logo
Generalplus Technology ...
GPR25L005E GENERALPLUS-GPR25L005E Datasheet
855Kb / 38P
   512K-Bit [x 1/x 2] CMOS Serial Flash
logo
Macronix International
MX25L3206EZUI-12G MCNIX-MX25L3206EZUI-12G Datasheet
1Mb / 59P
   32M-BIT [x 1 / x 2] CMOS SERIAL FLASH
MX25L3208E MCNIX-MX25L3208E Datasheet
760Kb / 47P
   32M-BIT [x 1 / x 2] CMOS SERIAL FLASH
MX25L8006E MCNIX-MX25L8006E Datasheet
1Mb / 57P
   8M-BIT [x 1 / x 2] CMOS SERIAL FLASH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com