Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LADN10 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LADN10
Description  CONTACTOR AUXILIARY CONTACT BLOCK IEC
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LADN10 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LADN10 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product Data Sheet
LADN10
CONTACTOR AUXILIARY CONTACT BLOCK IEC
List Price
$13.10 USD
Availability Stock Item: This item is normally stocked in our distribution facility.
Auxiliary Contacts
1 N.O.
Ampere Rating
10A
Certifications
UL Listed (E164862 / NLDX) - CSA Certified (LR43364 3211 04) - IEC Rated (60647-4) -
CE Marked - RoHS Compliant
Application
Instantaneous Auxiliary
Marketing Trade Name
TeSys
Maximum Voltage Rating
600 Vac
Mounting Style
Clip-On (Front)
Terminal Type
Screw Clamp
Type
TeSys D
Auxiliary Contacts
1 N.O.
Ampere Rating
10A
Certifications
UL Listed (E164862 / NLDX) - CSA Certified (LR43364 3211 04) - IEC Rated (60647-4) -
CE Marked - RoHS Compliant
Application
Instantaneous Auxiliary
Marketing Trade Name
TeSys
Maximum Voltage Rating
600 Vac
Mounting Style
Clip-On (Front)
Terminal Type
Screw Clamp
Type
TeSys D
Technical Characteristics
Notes:
This block cannot be added to the LC1D 09 to D32 contactors; a maximum of 2 blocks can be mounted on the LC1/LP1 D40 to D80 contactors
only.
Category
22341 - Contactors, IEC, Accessories, D, K & F-Line
Discount Schedule
I12
GTIN
00785901213628
Package Quantity
1
Weight
0.05 lbs.
Availability Code
Stock Item: This item is normally stocked in our distribution facility.
Returnability
Y
Country of Origin
FR
Shipping and Ordering
As standards, specifications, and designs change from time to time, please ask for confirmation of the information given in this document.
Generated: 08/06/2012 08:17:05
© 2012 Schneider Electric. All rights reserved.
1


Similar Part No. - LADN10

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
LADN11 SCHNEIDER-LADN11 Datasheet
118Kb / 4P
   TeSys D, auxiliary contact block, 1 NO and 1 NC, top mount, screw clamp terminals, for LC1D09 to LC1D150 contactors
LADN113 SCHNEIDER-LADN113 Datasheet
121Kb / 3P
   Auxiliary contact block, TeSys D, 1NO 1NC, front mounting, spring terminals
LADN116 SCHNEIDER-LADN116 Datasheet
103Kb / 3P
   Auxiliary contact block, TeSys D, 1NO 1NC, front mounting, lugs-ring terminals
LADN119 SCHNEIDER-LADN119 Datasheet
95Kb / 2P
   TeSys D - auxiliary contact block - 1 NO 1 NC - Faston terminals
Aug 17, 2019
LADN11G SCHNEIDER-LADN11G Datasheet
94Kb / 2P
   TeSys D - auxiliary contact block - 1NO 1NC - screw clamp terminals - EN 50012
Aug 17, 2019
More results

Similar Description - LADN10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LAD8N11 ETC2-LAD8N11 Datasheet
90Kb / 1P
   CONTACTOR AUXILIARY CONTACT BLOCK IEC
logo
Schneider Electric
LADN203 SCHNEIDER-LADN203 Datasheet
121Kb / 3P
   IEC contactor, TeSys D, auxiliary contact block, 2 NO, front mounting, spring terminals
GVAE203 SCHNEIDER-GVAE203 Datasheet
96Kb / 3P
   TeSys Deca - auxiliary contact block - 2 NO
May 12, 2022
LA1SK02 SCHNEIDER-LA1SK02 Datasheet
176Kb / 2P
   TeSys SK - auxiliary contact block - 2 NC
GVAE203 SCHNEIDER-GVAE203_V01 Datasheet
96Kb / 3P
   TeSys Deca - auxiliary contact block - 2 NO
Jun 2, 2022
GVAN20 SCHNEIDER-GVAN20 Datasheet
127Kb / 4P
   TeSys Deca - auxiliary contact block - 2 NO
May 12, 2022
logo
List of Unclassifed Man...
GVAD0110 ETC2-GVAD0110 Datasheet
51Kb / 2P
   auxiliary contact
logo
Schneider Electric
LA1SK20 SCHNEIDER-LA1SK20 Datasheet
136Kb / 2P
   TeSys SK - auxiliary contact block - 2 NO - for
VZN06 SCHNEIDER-VZN06 Datasheet
119Kb / 3P
   TeSys Mini-VARIO - auxiliary contact block - 1 NC
Jun 22, 2022
VZN05 SCHNEIDER-VZN05 Datasheet
119Kb / 3P
   TeSys Mini-VARIO - auxiliary contact block - 1 NO
Jun 22, 2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com