Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX17129ETE Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX17129ETE
Description  Low-Cost, 6-String WLED Drivers with Quick-PWM Step-Up Converter
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17129ETE Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX17129ETE Datasheet HTML 7Page - Maxim Integrated Products MAX17129ETE Datasheet HTML 8Page - Maxim Integrated Products MAX17129ETE Datasheet HTML 9Page - Maxim Integrated Products MAX17129ETE Datasheet HTML 10Page - Maxim Integrated Products MAX17129ETE Datasheet HTML 11Page - Maxim Integrated Products MAX17129ETE Datasheet HTML 12Page - Maxim Integrated Products MAX17129ETE Datasheet HTML 13Page - Maxim Integrated Products MAX17129ETE Datasheet HTML 14Page - Maxim Integrated Products MAX17129ETE Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
Low-Cost, 6-String WLED Drivers with
Quick-PWM Step-Up Converter
11
Typical Operating Circuit
The MAX17129 typical operating circuit is shown in
Figure 1. Table 1 lists some recommended components,
and Table 2 lists the contact information for component
suppliers.
Figure 1. MAX17129 Typical Operating Circuit
Table 1. Component List
Table 2. Component Suppliers
LX
C1
2.2µF
1µF
RISET
100kI
CIN
4.7µF
VIN
6V TO 26V
D1
L1
10µH
C2
2.2µF
PGND
OVP
FB1
FB2
FB3
FB4
FB5
FB6
IN
VCC
ISET
EN
BRT
GND
100Hz TO 25kHz
FSEL
0.1µF
EP
MAX17129
DESIGNATION
DESCRIPTION
CIN
4.7FF Q10%, 25V X5R ceramic capacitor
(1206)
Murata GRM319R61E475KA12D
C1, C2
2.2FF Q20%,50V X7R ceramic capacitors
(1206)
Murata GRM31CR71H225K
D1
2A, 40V Schottky diode (M-flat)
Toshiba CMS11
L1
10FH, 1.5A, H = 1.2mm
VLP6812T-100M1R5
White LED
3.2V (typ), 3.5V (max) at 20mA
Nichia NSSW008C
SUPPLIER
PHONE
WEBSITE
Murata Electronics
North America, Inc.
770-436-1300 www.murata.com
Nichia Corp.
248-352-6575 www.nichia.com
Sumida Corp.
847-545-6700 www.sumida.com
Toshiba America
Electronic
Components, Inc.
949-623-2900 www.toshiba.com/taec
Vishay
402-563-6866 www.vishay.com


Similar Part No. - MAX17129ETE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17129EVKIT MAXIM-MAX17129EVKIT Datasheet
1Mb / 8P
   MAX17129 Evaluation Kit
Rev 0; 2/11
More results

Similar Description - MAX17129ETE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17129 MAXIM-MAX17129 Datasheet
2Mb / 21P
   Low-Cost, 6-String WLED Drivers with Quick-PWM Step-Up Converter
Rev 1; 9/11
MAX17127 MAXIM-MAX17127 Datasheet
2Mb / 22P
   Six-String WLED Driver with Integrated Step-Up Converter
19-5164; Rev 0; 3/10
logo
Texas Instruments
TPS61196 TI-TPS61196 Datasheet
1Mb / 30P
[Old version datasheet]   6-String 400-mA WLED Driver with Independent PWM Dimming for Each String
logo
Maxim Integrated Produc...
MAX17105 MAXIM-MAX17105 Datasheet
993Kb / 26P
   8-String WLED Driver with Integrated Step-Up Regulator and SMBus/PWM Dimming Capability
Rev 2; 9/14
logo
Monolithic Power System...
MP3398E MPS-MP3398E Datasheet
1,004Kb / 17P
   4-String, Max 400mA/String, 80V Return, Step-Up, WLED Controller
MP3387A MPS-MP3387A Datasheet
443Kb / 16P
   6-String, Max 80mA/String, Step-Up, White LED Driver with Combined Analog and PWM Dimming
MP3383 MPS-MP3383 Datasheet
970Kb / 23P
   null4-String, Max 400mA/String, Max 80V VOUT, Step-Up WLED Controller
Rev. 1.0 5/2/2022
logo
Texas Instruments
TPS61196-Q1 TI-TPS61196-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS61196-Q1 6-String 400-mA WLED Driver with Independent PWM Dimming For Each String
TPS61196-Q1 TI1-TPS61196-Q1_16 Datasheet
1Mb / 31P
[Old version datasheet]   TPS61196-Q1 6-String 400-mA WLED Driver with Independent PWM Dimming For Each String
logo
Monolithic Power System...
MP3398D MPS-MP3398D Datasheet
879Kb / 19P
   4-String, Max 350mA/String, Step-Up, White LED Controller with Analog and PWM Dimming
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com