Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMR342FVJ-E2 Datasheet(PDF) 7 Page - Rohm

Part # LMR342FVJ-E2
Description  Low Supply Current Ground Sense CMOS Operational Amplifier
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

LMR342FVJ-E2 Datasheet(HTML) 7 Page - Rohm

Back Button LMR342FVJ-E2 Datasheet HTML 3Page - Rohm LMR342FVJ-E2 Datasheet HTML 4Page - Rohm LMR342FVJ-E2 Datasheet HTML 5Page - Rohm LMR342FVJ-E2 Datasheet HTML 6Page - Rohm LMR342FVJ-E2 Datasheet HTML 7Page - Rohm LMR342FVJ-E2 Datasheet HTML 8Page - Rohm LMR342FVJ-E2 Datasheet HTML 9Page - Rohm LMR342FVJ-E2 Datasheet HTML 10Page - Rohm LMR342FVJ-E2 Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR1G200670-1-2
©2013 ROHM Co., Ltd. All rights reserved.
7/19
2.JUL.2013 Rev.001
TSZ22111・15・001
LMR342FVJ
Typical Performance Curves
○LMR342FVJ
100
150
200
250
300
350
-50
-25
0
255075
100
AMBIENT TEMPERATURE [
℃]
100
150
200
250
300
350
2
3456
SUPPLY VOLTAGE [V]
Figure 3.
Supply Current – Supply Voltage
Figure 4.
Supply Current – Ambient Temperature
Figure 5.
Maximum
Output Voltage (High) –
Supply Voltage
(RL=2k
Ω, DELTA=VDD-VOH)
Figure 2.
Derating curve
(*)The above characteristics are
measurements of typical sample, they are not guaranteed.
0.0
0.2
0.4
0.6
0.8
0
255075
100
125
150
AMBIENT TEMPERATURE [
℃]
LMR342FVJ
85
-40℃
25℃
85℃
2.7V
5.0V
0.000
0.005
0.010
0.015
0.020
0.025
0.030
23
4
56
SUPPLY VOLTAGE [V]
-40℃
25℃
85℃


Similar Part No. - LMR342FVJ-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
LMR342FVJ-E2 ROHM-LMR342FVJ-E2 Datasheet
4Mb / 54P
   Low Supply Current Output Full Swing CMOS Operational Amplifiers
LMR342FVJ-E2 ROHM-LMR342FVJ-E2 Datasheet
4Mb / 53P
   Low Supply Current Output Full Swing CMOS Operational Amplifiers
16.Jun.2015 Rev.007
More results

Similar Description - LMR342FVJ-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
LMR341G ROHM-LMR341G Datasheet
319Kb / 7P
   Low Supply Current Ground Sense Operational Amplifiers
logo
Ceramate Technical
CO324 CERAMATE-CO324 Datasheet
455Kb / 5P
   Quad Ground Sense Operational Amplifier
logo
Rohm
TLR341G ROHM-TLR341G_16 Datasheet
4Mb / 55P
   Low Voltage Operation Ground Sense Operational Amplifier
TLR341G ROHM-TLR341G_V01 Datasheet
4Mb / 54P
   Low Voltage Operation Ground Sense Operational Amplifier
03.Feb.2016 Rev.004
BA10358 ROHM-BA10358 Datasheet
63Kb / 5P
   Dual ground sense operational amplifier
BU7441G ROHM-BU7441G Datasheet
3Mb / 44P
   Ground Sense Low Voltage Operation CMOS Operational Amplifiers
BU7461G ROHM-BU7461G_10 Datasheet
759Kb / 37P
   Ground Sense Low Voltage Operation CMOS Operational Amplifiers
BU7445HFV ROHM-BU7445HFV Datasheet
495Kb / 21P
   Ground Sense Low Voltage Operation CMOS Operational Amplifiers
BU7461G-TR ROHM-BU7461G-TR Datasheet
3Mb / 44P
   Ground Sense Low Voltage Operation CMOS Operational Amplifiers
BU7485G ROHM-BU7485G Datasheet
889Kb / 42P
   Ground Sense High Speed Low Voltage CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com