Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L77HDE15SD1CH4R Datasheet(PDF) 1 Page - Amphenol Corporation

Part # L77HDE15SD1CH4R
Description  D-Sub connectors - Stamped and Formed Contacts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

L77HDE15SD1CH4R Datasheet(HTML) 1 Page - Amphenol Corporation

  L77HDE15SD1CH4R Datasheet HTML 1Page - Amphenol Corporation L77HDE15SD1CH4R Datasheet HTML 2Page - Amphenol Corporation L77HDE15SD1CH4R Datasheet HTML 3Page - Amphenol Corporation L77HDE15SD1CH4R Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
HD
D-Sub connectors - Stamped and Formed Contacts
Amphenol’s high density
D-Sub connectors complement
Amphenol’s extensive D-Sub
connector line. This line offers many
superior features, high performance
level and low installation cost.
The decreased contact spacing
accommodates greater signal
density in comparison to conventional
D-Sub connectors.
• Industrial
• Telecom
• Any industry standard
I / O connections
Economical
right angle PCB
mount
connectors
RIGHT ANGLE
HIGH DENSITY CONNECTORS
Specifications
• Connectors according to: MIL C24308
Standard plating thickness
• Gold flash
• 0.4µm (15µ") Gold
• 0.76 µm (30µ") Gold
Mechanical Data
Single contact insertion force
0.34kg (0.75lb) max.
Single contact withdrawal force
0.02kg (0.044lb) min.
Mating and unmating force
Unit: kg ( lb)
Materials and Platings
Shells
Steel, tin over nickel plating
Insulator
Glass-filled thermoplastic, UL 94V- 0
Contacts
Brass, selected gold in mating area;
2.54µm (100 µ") min.tin on
termination area over 1.27µm
(50µ") min.nickel
Rear insert
Brass, 2.54µm (100µ") min.nickel plated
Boardlock
Phosphor bronze or Brass, 2.54µm
(100µ") min.nickel plated
Screwlock
Brass, 2.54µm (100µ") min.nickel plated
Climatic Data
Operating temperature -55°C to +125°C
Salt spray
24 hours
Electrical Data
Current rating
3A
V
oltage rating
250V AC/ rms 50Hz
W
ithstanding voltage
1000V AC/rms 50Hz for one minute
Insulation resistance
5000MΩ at 500V DC
Contact resistance
10mΩ max
)
x
a
m
(
e
t
a
M
s
t
C
f
o
.
o
N
Unmate (min)
15
3.81 (8.42)
0.52 (1.14)
26
5.95 (13.16)
1.05 (2.32)
44
9.26 (20.46)
1.37 (3.02)
62
13.48 (29.78)
1.76 (3.88)
• UL File: E149426


Similar Part No. - L77HDE15SD1CH4R

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
L77HDE15S AMPHENOL-L77HDE15S Datasheet
1Mb / 4P
   SOLDER-CUP TERMINATION STANDARD and HIGH DENSITY
More results

Similar Description - L77HDE15SD1CH4R

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
AT62-16-0622 AMPHENOL-AT62-16-0622 Datasheet
2Mb / 11P
   STAMPED AND FORMED CONTACTS
logo
Dubilier
DBCIC32SC6 DUBILIER-DBCIC32SC6_11 Datasheet
208Kb / 1P
   IC SOCKETS STAMPED & FORMED CONTACTS
DBCIC32SC6 DUBILIER-DBCIC32SC6 Datasheet
106Kb / 1P
   IC SOCKETS STAMPED & FORMED CONTACTS
logo
List of Unclassifed Man...
SC14M1TK6 ETC2-SC14M1TK6 Datasheet
955Kb / 2P
   Size 16 stamped and formed contacts for TRIM TRIO connectors
logo
Amphenol Corporation
L177RRXXXS AMPHENOL-L177RRXXXS Datasheet
91Kb / 1P
   Stamped and formed contact.RR series
logo
3M Electronics
4808-3000-CP 3M-4808-3000-CP Datasheet
369Kb / 4P
   Stamped and Formed, Dual-Wipe
4808-3004-CP 3M-4808-3004-CP Datasheet
369Kb / 4P
   Stamped and Formed, Dual-Wipe
logo
Amphenol Corporation
L777-RR-A15P AMPHENOL-L777-RR-A15P Datasheet
112Kb / 1P
   STAMPED AND FORMED CONNECTOR, RR SERIES
logo
3M Electronics
4848-6004-CP 3M-4848-6004-CP Datasheet
744Kb / 3P
   3M??DIP Socket Stamped and Formed, Dual-Wipe
logo
List of Unclassifed Man...
ZDB25P1AKN-146 ETC2-ZDB25P1AKN-146 Datasheet
233Kb / 5P
   Stamped contacts ZD* series connectors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com