Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PVLK19021BK1 Datasheet(PDF) 2 Page - Hammond Manufacturing Ltd.

Part # PVLK19021BK1
Description  Bati pour console en acier soude, a section inclinee de 20 degres
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

PVLK19021BK1 Datasheet(HTML) 2 Page - Hammond Manufacturing Ltd.

  PVLK19021BK1 Datasheet HTML 1Page - Hammond Manufacturing Ltd. PVLK19021BK1 Datasheet HTML 2Page - Hammond Manufacturing Ltd. PVLK19021BK1 Datasheet HTML 3Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1564 Top Panels
Part No.
Top Panel
For Use With Frames
PBRS19014BK2
Solid
1564A2
PBRS19021BK2
Solid
1564B2
PV LK19014BK1
Louvered
1564A2
PV LK19021BK1
Louvered
1564B2
1564 Corner Wedges
Part No.
For Use With
Frame
1564A W30BK1
1564A2
1564BW30BK1
1564B2
1564A W60BK1
1564A2
1564BW60BK1
1564B2
1564 Frame and Side Panels
Frame
Overall Dimensions
Side Panel
Part No.
A
B
C
D
E
F
Part No.
1564A 2BK1
22.56
24.50
19.06
14.00
17.50
21.31
1564A PBK1
1564B2BK1
22.56
31.50
19.06
21.00
24.50
19.56
1564BPBK1
Side Panels Sold in Pairs
1564 Doors
Door
Front Door
Front Door with Desk Unit Option
Rear Door
Type
Part No.
Part No.
Part No.
Solid
RSDF19026BK1
RSDF19042BK1
RSDF19042BK1
Louvered RSDL19026BK1
RSDL19042BK1
RSDL19042BK1
Doors are constructed of 18 gauge steel and feature lockable latch.
Les données sont sujettes à changement sans préavis.


Similar Part No. - PVLK19021BK1

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
PVL E-SWITCH-PVL Datasheet
1Mb / 5P
   pVl SerieS pilot indicator
logo
Banner Engineering Corp...
PVL BANNER-PVL Datasheet
337Kb / 4P
   PVL Parts Verification Array
PVL BANNER-PVL Datasheet
1Mb / 2P
   PVL Parts Verification Array
logo
E-SWITCH
PVL06FL111 E-SWITCH-PVL06FL111 Datasheet
1Mb / 5P
   pVl SerieS pilot indicator
PVL06FL113 E-SWITCH-PVL06FL113 Datasheet
1Mb / 5P
   pVl SerieS pilot indicator
More results

Similar Description - PVLK19021BK1

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
DNRRHDW HAMMOND-DNRRHDW Datasheet
59Kb / 2P
   BATI OUVERT A 2 MONTANTS EN ACIER SOUDE ROBUSTE
PVSS HAMMOND-PVSS Datasheet
51Kb / 1P
   Panneau pour bati en acier, a fentes
DNRRLDW HAMMOND-DNRRLDW Datasheet
49Kb / 1P
   BATI OUBERT A 2 MONTANTS EN ACIER LEGER SOUDE
RB-2P HAMMOND-RB-2P Datasheet
59Kb / 1P
   Bati ouvert a 2 montants en acier soude - modele economique
1421 HAMMOND-1421 Datasheet
60Kb / 1P
   Vis a tete fraisee 10-32 avec rondelles a collerette en acier pour bati
1416 HAMMOND-1416 Datasheet
104Kb / 2P
   Coffret pour composants en acier doux de type 1
1489 HAMMOND-1489 Datasheet
175Kb / 3P
   Bo챤tiers pour boutons-poussoirs en acier doux de type 12
PVSA HAMMOND-PVSA Datasheet
69Kb / 1P
   Panneau pour bati en aluminium, a fentes
PBFS HAMMOND-PBFS Datasheet
62Kb / 2P
   Panneaux pour batis en acier, a bride
PBPS HAMMOND-PBPS Datasheet
64Kb / 1P
   Panneaux pour batis en acier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com