Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX25L2006EM1I12G Datasheet(PDF) 8 Page - Macronix International

Part # MX25L2006EM1I12G
Description  2M-BIT [x 1/x 2] CMOS SERIAL FLASH
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX25L2006EM1I12G Datasheet(HTML) 8 Page - Macronix International

Back Button MX25L2006EM1I12G Datasheet HTML 4Page - Macronix International MX25L2006EM1I12G Datasheet HTML 5Page - Macronix International MX25L2006EM1I12G Datasheet HTML 6Page - Macronix International MX25L2006EM1I12G Datasheet HTML 7Page - Macronix International MX25L2006EM1I12G Datasheet HTML 8Page - Macronix International MX25L2006EM1I12G Datasheet HTML 9Page - Macronix International MX25L2006EM1I12G Datasheet HTML 10Page - Macronix International MX25L2006EM1I12G Datasheet HTML 11Page - Macronix International MX25L2006EM1I12G Datasheet HTML 12Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 50 page
background image
8
P/N: PM1578
MX25L2006E
REV.1.5, NOV. 14, 2013
DEVICE OPERATION
1. Before a command is issued, status register should be checked to ensure device is ready for the intended opera-
tion.
2. When incorrect command is inputted to this LSI, this LSI becomes standby mode and keeps the standby mode
until next CS# falling edge. In standby mode, SO pin of this LSI should be High-Z. The CS# falling time needs to
follow tCHCL spec.
3. When correct command is inputted to this LSI, this LSI becomes active mode and keeps the active mode until
next CS# rising edge. The CS# rising time needs to follow tCLCH spec.
4. Input data is latched on the rising edge of Serial Clock(SCLK) and data shifts out on the falling edge of SCLK.
The difference of serial peripheral interface mode 0 and mode 3 is shown as Figure 1.
5. For the following instructions: RDID, RDSR, READ, FAST_READ, RDSFDP, DREAD, RES and REMS the shift-
ed-in instruction sequence is followed by a data-out sequence. After any bit of data being shifted out, the CS#
can be high. For the following instructions: WREN, WRDI, WRSR, SE, BE, CE, PP, RDP and DP the CS# must
go high exactly at the byte boundary; otherwise, the instruction will be rejected and not executed.
6. During the progress of Write Status Register, Program, Erase operation, to access the memory array is neglected
and not affect the current operation of Write Status Register, Program, Erase.
Figure 1. Serial Peripheral Interface Modes Supported
SCLK
MSB
CPHA
SI
0
1
CPOL
0
(Serial mode 0)
(Serial mode 3) 1
SO
SCLK
MSB
shift in
shift out
Note:
CPOL indicates clock polarity of serial master, CPOL=1 for SCLK high while idle, CPOL=0 for SCLK low while not
transmitting. CPHA indicates clock phase. The combination of CPOL bit and CPHA bit decides which serial mode is
supported.


Similar Part No. - MX25L2006EM1I12G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25L2006EM1I-12G MCNIX-MX25L2006EM1I-12G Datasheet
1Mb / 50P
   DATASHEET
More results

Similar Description - MX25L2006EM1I12G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25V2006E MCNIX-MX25V2006E Datasheet
906Kb / 49P
   2M-BIT [x 1/x 2] CMOS SERIAL FLASH
MX25L2026E MCNIX-MX25L2026E Datasheet
629Kb / 48P
   2M-BIT [x 1/x 2] CMOS SERIAL FLASH
MX25L2026C MCNIX-MX25L2026C Datasheet
1Mb / 41P
   2M-BIT [x 1] CMOS SERIAL FLASH
MX25L2005 MCNIX-MX25L2005 Datasheet
548Kb / 40P
   2M-BIT [x 1] CMOS SERIAL FLASH
MX25L6406E MCNIX-MX25L6406E Datasheet
1Mb / 60P
   64M-BIT [x 1 / x 2] CMOS SERIAL FLASH
MX25L3206EM2 MCNIX-MX25L3206EM2 Datasheet
1Mb / 59P
   32M-BIT [x 1 / x 2] CMOS SERIAL FLASH
logo
Generalplus Technology ...
GPR25L005E GENERALPLUS-GPR25L005E Datasheet
855Kb / 38P
   512K-Bit [x 1/x 2] CMOS Serial Flash
logo
Macronix International
MX25L3206EZUI-12G MCNIX-MX25L3206EZUI-12G Datasheet
1Mb / 59P
   32M-BIT [x 1 / x 2] CMOS SERIAL FLASH
MX25L3208E MCNIX-MX25L3208E Datasheet
760Kb / 47P
   32M-BIT [x 1 / x 2] CMOS SERIAL FLASH
MX25L8006E MCNIX-MX25L8006E Datasheet
1Mb / 57P
   8M-BIT [x 1 / x 2] CMOS SERIAL FLASH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com