Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3379EEUD Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX3379EEUD
Description  ±15kV ESD-Protected, 1uA, 16Mbps, Dual Quad Low-Voltage Level Translators in UCSP
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3379EEUD Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX3379EEUD Datasheet HTML 7Page - Maxim Integrated Products MAX3379EEUD Datasheet HTML 8Page - Maxim Integrated Products MAX3379EEUD Datasheet HTML 9Page - Maxim Integrated Products MAX3379EEUD Datasheet HTML 10Page - Maxim Integrated Products MAX3379EEUD Datasheet HTML 11Page - Maxim Integrated Products MAX3379EEUD Datasheet HTML 12Page - Maxim Integrated Products MAX3379EEUD Datasheet HTML 13Page - Maxim Integrated Products MAX3379EEUD Datasheet HTML 14Page - Maxim Integrated Products MAX3379EEUD Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
MAX3372E–MAX3379E/MAX3390E–MAX3393E
±15kV ESD-Protected, 1µA, 16Mbps, Dual/Quad
Low-Voltage Level Translators in UCSP
11
Maxim Integrated
Level Translation
For proper operation ensure that +1.65V
≤ VCC
+5.5V, +1.2V
≤ VL ≤ +5.5V, and VL ≤ (VCC + 0.3V).
During power-up sequencing, VL
≥ (VCC + 0.3V) will
not damage the device. During power-supply sequenc-
ing, when VCC is floating and VL is powering up, a cur-
rent may be sourced, yet the device will not latch up.
The speed-up circuitry limits the maximum data rate for
devices in the MAX3372E–MAX3379E, MAX3390E–
MAX3393E family to 16Mbps. The maximum data rate
also depends heavily on the load capacitance (see the
Typical Operating Characteristics), output impedance
of the driver, and the operational voltage range (see the
Timing Characteristics table).
Speed-Up Circuitry
The MAX3373E–MAX3376E/MAX3378E/MAX3379E and
MAX3390E–MAX3393E feature a one-shot generator that
decreases the rise time of the output. When triggered,
MOSFETs PU1 and PU2 turn on for a short time to pull up
I/O VL_ and I/O VCC_ to their respective supplies (see
Figure 2b). This greatly reduces the rise time and propa-
gation delay for the low-to-high transition. The scope
photo of Rail-to-Rail Driving for 8Mbps Operation in the
Typical Operating Characteristics shows the speed-up
circuitry in operation.
Rise-Time Accelerators
The MAX3373E–MAX3376E/MAX3378E/MAX3379E and
the MAX3390E–MAX3393E have internal rise-time
accelerators allowing operation up to 16Mbps. The
rise-time accelerators are present on both sides of the
device and act to speed up the rise time of the input
and output of the device, regardless of the direction of
the data. The triggering mechanism for these accelera-
tors is both level and edge sensitive. To prevent false
triggering of the rise-time accelerators, signal fall times
of less than 20ns/V are recommended for both the
inputs and outputs of the device. Under less noisy con-
ditions, longer signal fall times may be acceptable.
MAX3372E–MAX3379E
AND MAX3390E–MAX3393E
I/O VL_
I/O VCC_
VCC
VCC
VL
VL
GND
I/O VCC_
tPD-VCC-LH
tPD-VCC-HL
I/O VL_
tRVCC
tFVCC
DATA
RLOAD
CLOAD
Figure 1c. Open-Drain Driving I/O VCC
MAX3373E–MAX3376E,
MAX3378E/MAX3379E
AND MAX3390E–MAX3393E
I/O VL_
I/O VCC_
DATA
I/O VCC_
VCC
VCC
VL
VL
GND
RLOAD
CLOAD
tPD-VL-LH
tPD-VL-HL
I/O VL_
tRVL
tFVL
Figure 1d. Open-Drain Driving I/O VL


Similar Part No. - MAX3379EEUD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3379EEUD MAXIM-MAX3379EEUD Datasheet
533Kb / 25P
   짹15kV ESD-Protected, 1關A, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP
19-2328; Rev 3; 9/03
MAX3379EEUD MAXIM-MAX3379EEUD Datasheet
490Kb / 31P
   ±15kV ESD-Protected, 1μA, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP
Rev 2; 11/07
MAX3379EEUD MAXIM-MAX3379EEUD Datasheet
357Kb / 26P
   ±15kV ESD-Protected, 1uA, 16Mbps, Dual Quad Low-Voltage Level Translators in UCSP
Rev 3; 1/13
MAX3379EEUD++ MAXIM-MAX3379EEUD+ Datasheet
2Mb / 26P
   짹15kV ESD-Protected, 1關A, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP
2020
More results

Similar Description - MAX3379EEUD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3378EEBC MAXIM-MAX3378EEBC Datasheet
357Kb / 26P
   ±15kV ESD-Protected, 1uA, 16Mbps, Dual Quad Low-Voltage Level Translators in UCSP
Rev 3; 1/13
MAX3372E MAXIM-MAX3372E_07 Datasheet
490Kb / 31P
   ±15kV ESD-Protected, 1μA, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP
Rev 2; 11/07
MAX3372E MAXIM-MAX3372E_14 Datasheet
357Kb / 26P
   ±15kV ESD-Protected, 1μA, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP
Rev 3; 1/13
MAX3372E MAXIM-MAX3372E_V01 Datasheet
2Mb / 26P
   짹15kV ESD-Protected, 1關A, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP
2020
MAX3372E MAXIM-MAX3372E Datasheet
533Kb / 25P
   짹15kV ESD-Protected, 1關A, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP
19-2328; Rev 3; 9/03
MAX3346E MAXIM-MAX3346E Datasheet
389Kb / 17P
   ±15kV ESD-Protected USB Transceiver in UCSP
Rev 0; 2/04
MAX3370 MAXIM-MAX3370 Datasheet
174Kb / 10P
   1uA, 2Mbps, Low-Voltage Level Translators in SC70
Rev 1; 2/01
MAX3341E MAXIM-MAX3341E Datasheet
341Kb / 15P
   ±15kV ESD-Protected USB Level Translator in UCSP with USB Detect
Rev 0; 4/02
MAX3394E MAXIM-MAX3394E Datasheet
556Kb / 20P
   ±15kV ESD-Protected, High-Drive Current, Dual-/Quad-/ Octal-Level Translators with Speed-Up Circuitry
Rev 2; 2/07
logo
Intersil Corporation
ISL3034E INTERSIL-ISL3034E_09 Datasheet
207Kb / 2P
   Best-in-Class ESD Protected Level Translators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com