Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KSD526 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # KSD526
Description  NPN Epitaxial Silicon Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KSD526 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  KSD526 Datasheet HTML 1Page - Fairchild Semiconductor KSD526 Datasheet HTML 2Page - Fairchild Semiconductor KSD526 Datasheet HTML 3Page - Fairchild Semiconductor KSD526 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
www.fairchildsemi.com
KSD526 Rev. A1
Typical Characteristics
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0.0
0.8
1.6
2.4
3.2
4.0
I
B = 20mA
I
B = 40mA
I
B = 60mA
I
B = 80mA
I
B = 100mA
I
B = 200mA
I
B = 160mA
I
B = 240mA
I
B = 120mA
V
CE[V], COLLECTOR-EMITTER VOLTAGE
Figure 1. Static Characteristic
1E-3
0.01
0.1
1
10
10
100
1000
V
CE = 5V
I
C[A], COLLECTOR CURRENT
Figure 2. DC current Gain
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
1
2
3
4
V
CE = 5V
V
BE[V], BASE-EMITTER VOLTAGE
Figure 3. Base-Emitter On Voltage
0.01
0.1
1
10
0.01
0.1
1
10
I
C = 10 IB
V
CE(sat)
I
C[A], COLLECTOR CURRENT
Figure 4. Collector-Emitter Saturation Voltage
110
100
0.1
1
10
100
1S
I
CMAX. (pulse)
I
C MAX. (continuous)
V
CE[V], COLLECTOR-EMITTER VOLTAGE
Figure 5. Safe Operating Area
0
25
50
75
100
125
150
175
0
5
10
15
20
25
30
35
40
T
C[
oC], CASE TEMPERATURE
Figure 6. Power Derating


Similar Part No. - KSD526

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSD526 FAIRCHILD-KSD526 Datasheet
62Kb / 4P
   Power Amplifier Applications
KSD526 FAIRCHILD-KSD526 Datasheet
182Kb / 4P
   NPN Epitaxial Silicon Transistor
KSD526 FAIRCHILD-KSD526 Datasheet
182Kb / 4P
   NPN Epitaxial Silicon Transistor
logo
Inchange Semiconductor ...
KSD526 ISC-KSD526 Datasheet
145Kb / 2P
   isc Silicon NPN Power Transistor
logo
Foshan Blue Rocket Elec...
KSD526 FOSHAN-KSD526 Datasheet
923Kb / 6P
   Silicon NPN transistor in a TO-220 Plastic Package.
More results

Similar Description - KSD526

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
MMBC1623L6 SAMSUNG-MMBC1623L6 Datasheet
29Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJY3008R FAIRCHILD-FJY3008R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
FJY3015R FAIRCHILD-FJY3015R Datasheet
290Kb / 4P
   NPN Epitaxial Silicon Transistor
BC817 FAIRCHILD-BC817_06 Datasheet
162Kb / 5P
   NPN Epitaxial Silicon Transistor
FJY3003R FAIRCHILD-FJY3003R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
PJD882 ETC-PJD882 Datasheet
184Kb / 3P
   NPN Epitaxial Silicon Transistor
logo
Continental Device Indi...
CSC2120 CDIL-CSC2120 Datasheet
87Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CD9581 CDIL-CD9581 Datasheet
113Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CSD545 CDIL-CSD545 Datasheet
182Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
logo
Samsung semiconductor
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Seme LAB
2N5014 SEME-LAB-2N5014 Datasheet
15Kb / 1P
   SILICON EPITAXIAL NPN TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com