Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX3378EEBCT Datasheet(PDF) 23 Page - Maxim Integrated Products

Part No. MAX3378EEBCT
Description  15kV ESD-Protected, 1uA, 16Mbps, Dual Quad Low-Voltage Level Translators in UCSP
Download  26 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX3378EEBCT Datasheet(HTML) 23 Page - Maxim Integrated Products

 
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
MAX3372E–MAX3379E/MAX3390E–MAX3393E
±15kV ESD-Protected, 1µA, 16Mbps, Dual/Quad
Low-Voltage Level Translators in UCSP
23
Maxim Integrated
Pin Configurations (continued)
A
1
2
3
4
BC
12 UCSP (1.5mm x 2.0mm)
BOTTOM VIEW
VCC
I/O VCC1
I/O VCC2
I/O VCC3
I/O VL3
I/O VL2
I/O VL1
VL
I/O VCC4
GND
I/O VL4
THREE-STATE
14
13
12
11
10
9
8
1
2
3
4
5
6
7
VCC
O VCC1
O VCC2
O VCC3
I VL3
I VL2
I VL1
VL
MAX3379E
O VCC4
N.C.
THREE-STATE
GND
N.C.
I VL4
TSSOP-14
TOP VIEW
A
1
2
3
4
BC
12 UCSP (1.5mm x 2.0mm)
BOTTOM VIEW
VCC
O VCC1
O VCC2
O VCC3
I VL3
I VL2
I VL1
VL
O VCC4
GND
I VL4
THREE-STATE
14
13
12
11
10
9
8
1
2
3
4
5
6
7
VCC
I VCC1
O VCC2
O VCC3
I VL3
I VL2
O VL1
VL
MAX3390E
O VCC4
N.C.
THREE-STATE
GND
N.C.
I VL4
TSSOP-14
TOP VIEW
A
1
2
3
4
BC
12 UCSP (1.5mm x 2.0mm)
BOTTOM VIEW
VCC
I VCC1
O VCC2
O VCC3
I VL3
I VL2
O VL1
VL
O VCC4
GND
I VL4
THREE-STATE
14
13
12
11
10
9
8
1
2
3
4
5
6
7
VCC
I/0 VCC1
I/0 VCC2
I/0 VCC3
I/O VL3
I/O VL2
I/O VL1
VL
MAX3377E
MAX3378E
I/0 VCC4
N.C.
THREE-STATE
GND
N.C.
I/O VL4
TSSOP-14
TOP VIEW
14
13
12
11
10
9
8
1
2
3
4
5
6
7
VCC
I/0 VCC1
I/0 VCC2
N.C.
N.C.
I/O VL2
I/O VL1
VL
I/0 VCC3
GND
I/O VL4
I/O VL3
TDFN-14 (3mm x 3mm)
TOP VIEW
THREE-STATE
I/0 VCC4
14
13
12
11
10
9
8
1
2
3
4
5
6
7
VCC
0 VCC1
0 VCC2
N.C.
N.C.
I VL2
I VL1
VL
0 VCC3
GND
I VL4
I VL3
TDFN-14 (3mm x 3mm)
TOP VIEW
THREE-STATE
0 VCC4
14
13
12
11
10
9
8
1
2
3
4
5
6
7
VCC
I VCC1
0 VCC2
N.C.
N.C.
I VL2
O VL1
VL
0 VCC3
GND
I VL4
I VL3
TDFN-14 (3mm x 3mm)
TOP VIEW
THREE-STATE
0 VCC4
+
+
+
+
+
+
*CONNECT EP TO GND
*CONNECT EP TO GND
*CONNECT EP TO GND
*EP
*EP
*EP


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn