Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX3378EEBCT Datasheet(PDF) 22 Page - Maxim Integrated Products

Part No. MAX3378EEBCT
Description  15kV ESD-Protected, 1uA, 16Mbps, Dual Quad Low-Voltage Level Translators in UCSP
Download  26 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX3378EEBCT Datasheet(HTML) 22 Page - Maxim Integrated Products

 
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
MAX3372E–MAX3379E/MAX3390E–MAX3393E
±15kV ESD-Protected, 1µA, 16Mbps, Dual/Quad
Low-Voltage Level Translators in UCSP
22
Maxim Integrated
A
1
2
3
BC
9 UCSP (1.5mm x 1.5mm)
BOTTOM VIEW
VCC
I VCC1
I VCC2
O VL1
O VL2
N.C.
GND
VL
THREE-STATE
A
1
2
3
BC
9 UCSP (1.5mm x 1.5mm)
BOTTOM VIEW
VCC
O VCC1
I VCC2
I VL1
O VL2
N.C.
GND
VL
THREE-STATE
A
1
2
3
BC
9 UCSP (1.5mm x 1.5mm)
BOTTOM VIEW
VCC
O VCC1
O VCC2
I VL1
I VL2
N.C.
GND
VL
THREE-STATE
A
1
2
3
BC
9 UCSP (1.5mm x 1.5mm)
BOTTOM VIEW
VCC
I/O VCC1
I/O VCC2
I/O VL1
I/O VL2
N.C.
GND
VL
THREE-STATE
THREE-STATE
I VL1
I VL2
1
2
8
7
O VCC1
VCC
GND
VL
O VCC2
SOT23-8
TOP VIEW
3
4
6
5
MAX3374E
THREE-STATE
O VL1
I VL2
1
2
8
7
I VCC1
VCC
GND
VL
O VCC2
SOT23-8
TOP VIEW
3
4
6
5
MAX3375E
THREE-STATE
O VL1
O VL2
1
2
8
7
I VCC1
VCC
GND
VL
I VCC2
SOT23-8
TOP VIEW
3
4
6
5
MAX3376E
THREE-STATE
I/O VL1
I/O VL2
1
+
+
+
+
2
8
7
I/O VCC1
VCC
GND
VL
I/O VCC2
SOT23-8
TOP VIEW
3
4
6
5
MAX3372E
MAX3373E
THREE-STATE
I/O VL1
I/O VCC1
1
2
8
7
I/O VL2
VL
GND
VCC
*CONNECT EP TO GND
*CONNECT EP TO GND
*CONNECT EP TO GND
*CONNECT EP TO GND
I/O VCC2
TDFN-8 (3mm x 3mm)
TOP VIEW
3
4
6
5
THREE-STATE
I VL1
O VCC1
1
2
8
7
I VL2
VL
GND
VCC
O VCC2
TDFN-8 (3mm x 3mm)
TOP VIEW
3
4
6
5
THREE-STATE
O VL1
I VCC1
1
2
8
7
I VL2
VL
GND
VCC
O VCC2
TDFN-8 (3mm x 3mm)
TOP VIEW
3
4
6
5
THREE-STATE
O VL1
I VCC1
1
2
8
7
O VL2
VL
GND
VCC
I VCC2
TDFN-8 (3mm x 3mm)
TOP VIEW
3
4
6
5
+
+
+
+
*EP
*EP
*EP
*EP
Pin Configurations (continued)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn