Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX3378EEBCT Datasheet(PDF) 20 Page - Maxim Integrated Products

Part No. MAX3378EEBCT
Description  15kV ESD-Protected, 1uA, 16Mbps, Dual Quad Low-Voltage Level Translators in UCSP
Download  26 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX3378EEBCT Datasheet(HTML) 20 Page - Maxim Integrated Products

Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
MAX3372E–MAX3379E/MAX3390E–MAX3393E
±15kV ESD-Protected, 1µA, 16Mbps, Dual/Quad
Low-Voltage Level Translators in UCSP
20
Maxim Integrated
Ordering Information (continued)
PART
TEMP RANGE
PIN-
PACKAGE
MAX3372EEBL+T
-40°C to +85°C
9 UCSP
(1.5mm x 1.5mm)
MAX3372EETA+T
-40°C to +85°C
8 TDFN-EP**
(3mm x 3mm)
MAX3373EEKA+T
-40°C to +85°C
8 SOT23
MAX3373EEBL+T
-40°C to +85°C
9 UCSP
(1.5mm x 1.5mm)
MAX3373EETA+T
-40°C to +85°C
8 TDFN-EP**
(3mm x 3mm)
MAX3374EEKA+T
-40°C to +85°C
8 SOT23
MAX3374EEBL+T
-40°C to +85°C
9 UCSP
(1.5mm x 1.5mm)
MAX3374EETA+T
-40°C to +85°C
8 TDFN-EP**
(3mm x 3mm)
MAX3375EEKA+T
-40°C to +85°C
8 SOT23
MAX3375EEBL+T
-40°C to +85°C
9 UCSP
(1.5mm x 1.5mm)
MAX3375EETA+T
-40°C to +85°C
8 TDFN-EP**
(3mm x 3mm)
MAX3376EEKA+T
-40°C to +85°C
8 SOT23
MAX3376EEBL+T
-40°C to +85°C
9 UCSP
(1.5mm x 1.5mm)
MAX3376EETA+T
-40°C to +85°C
8 TDFN-EP**
(3mm x 3mm)
MAX3377EEUD+
-40°C to +85°C
14 TSSOP
MAX3377EEBC+T
-40°C to +85°C
9 UCSP
(1.5mm x 1.5mm)
MAX3377EETD+T
-40°C to +85°C
14 TDFN-EP**
(3mm x 3mm)
MAX3378EEUD+
-40°C to +85°C
14 TSSOP
PART
TEMP RANGE
PIN-
PACKAGE
MAX3378EEBC+T
-40°C to +85°C
12 UCSP
(1.5mm x 2.0mm)
MAX3378EETD+T
-40°C to +85°C
14 TDFN-EP**
(3mm x 3mm)
MAX3379EEUD+
-40°C to +85°C
14 TSSOP
MAX3379EEBC+T
-40°C to +85°C
12 UCSP
(1.5mm x 2.0mm)
MAX3379EETD+T
-40°C to +85°C
14 TDFN-EP**
(3mm x 3mm)
MAX3390EEUD+
-40°C to +85°C
14 TSSOP
MAX3390EEBC+T
-40°C to +85°C
12 UCSP
(1.5mm x 2.0mm)
MAX3390EETD+T
-40°C to +85°C
14 TDFN-EP**
(3mm x 3mm)
MAX3391EEUD+
-40°C to +85°C
14 TSSOP
MAX3391EEBC+T
-40°C to +85°C
12 UCSP
(1.5mm x 2.0mm)
MAX3391EETD+T
-40°C to +85°C
14 TDFN-EP**
(3mm x 3mm)
MAX3392EEUD+
-40°C to +85°C
14 TSSOP
MAX3392EEBC+T
-40°C to +85°C
12 UCSP
(1.5mm x 2.0mm)
MAX3392EETD+T
-40°C to +85°C
14 TDFN-EP**
(3mm x 3mm)
MAX3393EEUD+
-40°C to +85°C
14 TSSOP
MAX3393EEBC+T
-40°C to +85°C
12 UCSP
(1.5mm x 2.0mm)
MAX3393EETD+T
-40°C to +85°C
14 TDFN-EP**
(3mm x 3mm)
+
Denotes a lead-free package.
**EP = Exposed pad.
T = Tape and reel.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn