Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX3378EEBCT Datasheet(PDF) 16 Page - Maxim Integrated Products

Part No. MAX3378EEBCT
Description  15kV ESD-Protected, 1uA, 16Mbps, Dual Quad Low-Voltage Level Translators in UCSP
Download  26 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX3378EEBCT Datasheet(HTML) 16 Page - Maxim Integrated Products

Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
MAX3372E–MAX3379E/MAX3390E–MAX3393E
±15kV ESD-Protected, 1µA, 16Mbps, Dual/Quad
Low-Voltage Level Translators in UCSP
16
Maxim Integrated
Applications Circuits (continued)
MAX3375E
THREE-STATE
I VL2
O VL1
DATA
DATA
O VCC2
I VCC1
0.1
µF
0.1
µF
1
µF
+3.3V
+1.8V
VCC
+3.3V
SYSTEM
+1.8V
SYSTEM
CONTROLLER
VL
MAX3376E
THREE-STATE
DATA
DATA
I VCC2
I VCC1
0.1
µF
0.1
µF
1
µF
+3.3V
+1.8V
VCC
+3.3V
SYSTEM
+1.8V
SYSTEM
CONTROLLER
VL
O VL2
O VL1


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn