Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX3378EEBCT Datasheet(PDF) 12 Page - Maxim Integrated Products

Part No. MAX3378EEBCT
Description  15kV ESD-Protected, 1uA, 16Mbps, Dual Quad Low-Voltage Level Translators in UCSP
Download  26 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX3378EEBCT Datasheet(HTML) 12 Page - Maxim Integrated Products

Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
MAX3372E–MAX3379E/MAX3390E–MAX3393E
±15kV ESD-Protected, 1µA, 16Mbps, Dual/Quad
Low-Voltage Level Translators in UCSP
12
Maxim Integrated
Three-State Output Mode
Pull
THREE-STATE low to place the MAX3372E–
MAX3379E and MAX3390E–MAX3393E in three-state out-
put mode. Connect
THREE-STATE to VL (logic-high) for
normal operation. Activating the three-state output mode
disconnects the internal 10k
Ω pullup resistors on the I/O
VCC and I/O VL lines. This forces the I/O lines to a high-
impedance state, and decreases the supply current to
less than 1µA. The high-impedance I/O lines in three-
state output mode allow for use in a multidrop network.
When in three-state output mode, do not allow the voltage
at I/O VL_ to exceed (VL + 0.3V), or the voltage at I/O
VCC_ to exceed (VCC + 0.3V).
Thermal Short-Circuit Protection
Thermal overload detection protects the MAX3372E–
MAX3379E and MAX3390E–MAX3393E from short-circuit
fault conditions. In the event of a short-circuit fault, when
the junction temperature (TJ) reaches +152°C, a thermal
sensor signals the three-state output mode logic to force
the device into three-state output mode. When TJ has
cooled to +142°C, normal operation resumes.
VCC
I/O VL
I/O VCC
GATE
BIAS
VL
P
P
N
Figure 2a. Functional Diagram, MAX3372E/MAX3377E (1 I/O line)
VCC
I/O VL_
I/O VCC_
GATE
BIAS
VL
PU1
PU2
N
ONE-SHOT
BLOCK
ONE-SHOT
BLOCK
Figure 2b. Functional Diagram, MAX3373E/MAX3378E (1 I/O line)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn