Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2609EUT Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX2609EUT
Description  Integrated IF VCOs with Differential Output
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2609EUT Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX2609EUT Datasheet HTML 1Page - Maxim Integrated Products MAX2609EUT Datasheet HTML 2Page - Maxim Integrated Products MAX2609EUT Datasheet HTML 3Page - Maxim Integrated Products MAX2609EUT Datasheet HTML 4Page - Maxim Integrated Products MAX2609EUT Datasheet HTML 5Page - Maxim Integrated Products MAX2609EUT Datasheet HTML 6Page - Maxim Integrated Products MAX2609EUT Datasheet HTML 7Page - Maxim Integrated Products MAX2609EUT Datasheet HTML 8Page - Maxim Integrated Products MAX2609EUT Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
45MHz to 650MHz, Integrated IF
VCOs with Differential Output
90
100
110
120
130
0
1.0
0.5
1.5
2.0
2.5
3.0
MAX2606
VCO TUNING CURVE
VTUNE (V)
160
180
200
220
240
260
0
1.0
0.5
1.5
2.0
2.5
3.0
MAX2607
VCO TUNING CURVE
VTUNE (V)
310
340
370
400
430
0
1.0
0.5
1.5
2.0
2.5
3.0
MAX2608
VCO TUNING CURVE
VTUNE (V)
480
520
560
600
640
680
0
1.0
0.5
1.5
2.0
2.5
3.0
MAX2609
VCO TUNING CURVE
VTUNE (V)
-50
-40
-30
-20
-10
0
4fo
5fo
2fo 3fo
fo
6fo 7fo
FREQUENCY
OUTPUT SPECTRUM
NAME
FUNCTION
1
IND
Tuning Inductor Port. Connect an inductor from IND to GND to set VCO center frequency (see Oscillation
Frequency).
2
GND
Ground. Connect to the ground plane with a low-inductance path.
PIN
3
TUNE
Voltage-Control Input for Frequency Tuning. Input voltage range from +0.4V to +2.4V.
4
OUT-
High-Impedance Open-Collector Output. An external pull-up resistor or inductor to VCC is required. Output
power is dependent on external load impedance. OUT- is complementary to OUT+.
6
OUT+
High-Impedance Open-Collector Output. An external pull-up resistor or inductor to VCC is required. Output
power is dependent on external load impedance. OUT+ is complementary to OUT-.
5
VCC
Supply Voltage Connection. Connect an external bypass capacitor to ground for low noise and low spuri-
ous-output content. See Layout Issues for more details.
Pin Description
Typical Operating Characteristics (continued)
(MAX260_ EV kit, VCC = +2.75V, VTUNE = 1.4V, TA = +25°C, unless otherwise noted.)
MAX2605–MAX2609
Maxim Integrated
5


Similar Part No. - MAX2609EUT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2609EUT-T MAXIM-MAX2609EUT-T Datasheet
312Kb / 15P
   45MHz to 650MHz, Integrated IF VCOs with Differential Output
Rev 0a; 4/02
MAX2609EUT-T MAXIM-MAX2609EUT-T Datasheet
541Kb / 15P
   45MHz to 650MHz, Integrated IF VCOs with Differential Output
Rev 0a; 4/02
More results

Similar Description - MAX2609EUT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2607EUT MAXIM-MAX2607EUT Datasheet
541Kb / 15P
   45MHz to 650MHz, Integrated IF VCOs with Differential Output
Rev 0a; 4/02
MAX2605 MAXIM-MAX2605_02 Datasheet
312Kb / 15P
   45MHz to 650MHz, Integrated IF VCOs with Differential Output
Rev 0a; 4/02
logo
Silicon Laboratories
SI2200 SILABS-SI2200 Datasheet
824Kb / 30P
   RF SYNTHESIZER WITH INTEGRATED VCOS INTEGRATED VCOS
logo
Texas Instruments
CDCE62002 TI-CDCE62002 Datasheet
1Mb / 49P
[Old version datasheet]   Four Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
logo
Silicon Laboratories
SI4136 SILABS-SI4136 Datasheet
660Kb / 30P
   ISM RF SYNTHESIZER WITH INTEGRATED VCOS
logo
Texas Instruments
CDCE62005 TI-CDCE62005_10 Datasheet
2Mb / 80P
[Old version datasheet]   Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
CDCE62005 TI-CDCE62005 Datasheet
2Mb / 76P
[Old version datasheet]   Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
logo
National Semiconductor ...
LMX2522 NSC-LMX2522 Datasheet
189Kb / 18P
   PLLatinum Frequency Synthesizer System with Integrated VCOs
logo
STMicroelectronics
STW81101 STMICROELECTRONICS-STW81101 Datasheet
1Mb / 42P
   Multi-band RF frequency synthesizer with integrated VCOs
STW81101 STMICROELECTRONICS-STW81101_07 Datasheet
1Mb / 48P
   Multi-band RF frequency synthesizer with integrated VCOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com