Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


DZ2W220 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part No. DZ2W220
Description  NEW Zener Diodes Series 1W/2W Zener Diodes Series
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANASONIC [Panasonic Semiconductor]
Homepage  http://www.panasonic.com/industrial/
Logo 

   
 1 page
background image
Overview
These series are new developed small surface mount package zener diode
series which power dissipation are 1W(DZ2W series) or 2W(DZ24 series),
mainly used for surge absorption.
Feature
45% mounting area comparing with conventional 1W type
(DZ2W series)
Zener voltage tolerance :
±5%
Zener Voltage : 2.4V to 51V(DZ2W series)
4.7V to 51V(DZ24 series)
Halogen Free Package
Application
Surge absorption circuit
Clipper circuit
Constant voltage circuit
NEW Zener Diodes Series
1W/2W Zener Diodes Series
Absolute Maximum Ratings (Ta=25
°C) (Tentative)
Specified value
Nom.
I
Z
Conditions
V
Z
Symbol
V
Zener Voltage*
Unit
Max.
Min.
Parameter
Common Electrical Characteristics (Ta=25
°C)
NEW
Note) * achieved with a printed circuit board
°C
-55 to +150
Tstg
Storage temperature
°C
150
Tj
Junction temperature
W
2
DZ24 series
W
1
DZ2W series
PT
Power dissipation*
Unit
Rating
Symbol
Parameter
Note) *Measuring methods are based on JAPANESE INDUSTRIAL STANDARD JIS C 7031 methods for diodes.
2.4 ±0.1
2
1
0.15 ±0.05
1.75 ±0.10
2W type / DZ24 series
+0.10
-0.06
0.90±0.10
0.16
1.60±0.10
2
1
1W type / DZ2W series
Please see next page
TMiniP2-F2-B
Mini2-F3-B
Unit: mm
Unit: mm
(Tentative)
New publication, effective from 20 Jan. 2010
DD00002AE




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl