Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


DZ2W240 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part No. DZ2W240
Description  NEW Zener Diodes Series 1W/2W Zener Diodes Series
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANASONIC [Panasonic Semiconductor]
Homepage  http://www.panasonic.com/industrial/
Logo 

   
 2 page
background image
Absolute Maximum Ratings (Ta=25
°C) (Tentative)
5
53.55
51
48.45
DZ24510
DZ2W510
5
49.35
47
44.65
DZ24470
DZ2W470
5
45.15
43
40.85
DZ24430
DZ2W430
5
40.95
39
37.05
DZ24390
DZ2W390
5
37.80
36
34.20
DZ24360
DZ2W360
10
34.65
33
31.35
DZ24330
DZ2W330
10
31.50
30
28.50
DZ24300
DZ2W300
10
28.35
27
25.65
DZ24270
DZ2W270
10
25.20
24
22.80
DZ24240
DZ2W240
10
23.10
22
20.90
DZ24220
DZ2W220
10
21.00
20
19.00
DZ24200
DZ2W200
10
18.90
18
17.10
DZ24180
DZ2W180
10
16.80
16
15.20
DZ24160
DZ2W160
10
15.75
15
14.25
DZ24150
DZ2W150
10
13.65
13
12.35
DZ24130
DZ2W130
10
12.60
12
11.40
DZ24120
DZ2W120
10
11.55
11
10.45
DZ24110
DZ2W110
10
10.50
10
9.50
DZ24100
DZ2W100
10
9.56
9.1
8.65
DZ24091
DZ2W091
10
8.61
8.2
7.79
DZ24082
DZ2W082
10
7.88
7.5
7.13
DZ24075
DZ2W075
10
7.14
6.8
6.46
DZ24068
DZ2W068
10
6.51
6.2
5.89
DZ24062
DZ2W062
20
5.88
5.6
5.32
DZ24056
DZ2W056
20
5.36
5.1
4.85
DZ24051
DZ2W051
20
4.94
4.7
4.47
DZ24047
DZ2W047
20
4.52
4.3
4.09
-
DZ2W043
20
4.10
3.9
3.71
-
DZ2W039
20
3.78
3.6
3.42
-
DZ2W036
20
3.47
3.3
3.14
-
DZ2W033
20
3.15
3.0
2.85
-
DZ2W030
20
2.84
2.7
2.57
-
DZ2W027
20
2.52
2.4
2.28
-
DZ2W024
@Iz(mA)
Max.
Nom.
Min.
2W type
DZ24 series
1W type
DZ2W series
Zener Voltage VZ(V)
Part number
*These specifications are subject to change without any notice.




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl