Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KGZ10 Datasheet(PDF) 2 Page - Honeywell Accelerometers

Part No. KGZ10
Description  High-accuracy measurement
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HONEYWELL-ACC [Honeywell Accelerometers]
Homepage  http://www.inertialsensor.com
Logo 

KGZ10 Datasheet(HTML) 2 Page - Honeywell Accelerometers

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
KGZ-10 Series
2
www.honeywell.com/sensing
Table 1. Technical Specifications
Characteristic
Parameter
Sensor voltage levels (recommended)
45-64-85 mV
Pump current (recommended)
40 uA
Heater supply,
4.0 V (1.7 A)
Heater supply (stand by)
2.0 V
Pump resistance at 700 C [1292 F]:
dc
ac
1 kOhm, typ.
1 kHz, 120 Ohm, typ.
Oxygen pressure range
2 mbar to 3 bar
Operational temperature
700 C [1292 F]
Stand by temperature
500 C [932 F], typ.
Sensitivity
1.05 ms/mbar
Accuracy
<5 mbar
Response time
<4 s
Warm up time
<100 s
Warm up time (from stand by)
<20 s
Permissible gas temperature
-100 C/250 C [-148 F/482 F]
Gas flow rate
0 m/s to 10 m/s
Repetitive permissible acceleration
5 g
Incidental permissible acceleration
30 g


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn