Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JAN4N48U Datasheet(PDF) 2 Page - Micropac Industries

Part # JAN4N48U
Description  JAN, JANTX, JANTXV, AND JANS OPTOCOUPLERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

JAN4N48U Datasheet(HTML) 2 Page - Micropac Industries

  JAN4N48U Datasheet HTML 1Page - Micropac Industries JAN4N48U Datasheet HTML 2Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION
• 725 E.Walnut St., Garland, TX 75040 • (972)272-3571 • Fax (972)487-6918
www.micropac.com
E-MAIL: OPTOSALES @ MICROPAC.COM
4N47U, 4N48U, and 4N49U
JAN, JANTX, JANTXV, AND JANS OPTOCOUPLERS
06/23/03
ELECTRICAL CHARACTERISTICS
TA = 25
°C Unless otherwise specified
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS
NOTE
Input Diode Static Reverse Current
IR
100
NA
VR = 2V
Input Diode Static Forward Voltage
-55°C
+25°C
+100°C
VF
1.0
0.8
0.7
1.4
1.7
1.5
1.3
V
IF = 10mA
OUTPUT TRANSISTOR
TA = 25
°C Unless otherwise specified
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS
NOTE
Collector-Base Breakdown Voltage
V(BR)CBO
45
V
IC = 100µA, IE = 0, IF = 0
Collector-Emitter Breakdown Voltage
V(BR)CEO
40
V
IC = 1mA, IB = 0, IF = 0
Emitter-Collector Breakdown Voltage
V(BR)EBO
7
V
IC = 0, IB = 100µA, IF = 0
COUPLED CHARACTERISTICS
TA = 25
°C Unless otherwise specified
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS
NOTE
On State Collector Current
4N47U
4N48U
4N49U
IC(ON)
0.5
1.0
2.0
5
10
MA
VCE = 5V, IB = 0, IF = 1mA
On State Collector Current
4N47U
-55°C
4N48U
4N49U
IC(ON)
0.7
1.4
2.8
MA
VCE = 5V, IB = 0, IF = 2mA
On State Collector Current
4N47U
+100°C
4N48U
4N49U
IC(ON)
0.5
1.0
2.0
MA
VCE = 5V, IB = 0, IF = 2mA
2
Off State Collector Current
+25°C
IC(OFF)
100
NA
VCE = 20V, IB = 0, IF = 0mA
Off State Collector Current
+100°C
IC(OFF)
100
µA
VCE = 20V, IB = 0, IF = 0mA
Collector-Emitter Saturation Voltage
4N47U
4N48U
4N49U
VCE(SAT)
VCE(SAT)
VCE(SAT)
0.3
0.3
0.3
V
V
V
IC = 0.5mA, IB = 0, IF = 2mA
IC = 1mA, IB = 0, IF = 2mA
IC = 2mA, IB = 0, IF = 2mA
Input to Output Resistance
RI-O
10
11
VIN-OUT = 1kV
1
Input to Output Capacitance
CI-O
5
PF
f = 1MHz, VIN-OUT = 1kV
1
Rise Time/ Fall Time
4N47U
Phototransistor Operation
4N48U
4N49U
tr / tf
tr / tf
tr / tf
20
25
25
µs
µs
µs
VCC = 10V, IF = 10mA, RL = 100
Rise Time/ Fall Time
4N47U
Photodiode Operation
4N48U
4N49U
tr / tf
tr / tf
tr / tf
0.85
0.85
0.85
µs
µs
µs
VCC = 10V, IF = 10mA, RL = 100
NOTES:
1.
These parameters are measured between all phototransistor leads shorted together and with both input diode leads shorted together.
2.
This parameter measured using pulse techniques tw =100
µs, duty cycle < 1%.
RECOMMENDED OPERATING CONDITIONS:
PARAMETER
SYMBOL
MIN
MAX
UNITS
Input Current, Low Level
IFL
0
100
µA
Input Current, High Level
IFH
2
10
mA
Supply Voltage
VCE
5
10
V
SELECTION GUIDE
PART NUMBER
PART DESCRIPTION
4N47U
Commercial
4N48U
Commercial
4N49U
Commercial
JAN4N47U
JAN Screened
JAN4N48U
JAN Screened
JAN4N49U
JAN Screened
JANTX4N47U
JANTX Screened
JANTX4N48U
JANTX Screened
JANTX4N49U
JANTX Screened
JANTXV4N47U
JANTXV Screened
JANTXV4N48U
JANTXV Screened
JANTXV4N49U
JANTXV Screened
JANS4N47U
JANS Screened
JANS4N48U
JANS Screened
JANS4N49U
JANS Screened


Similar Part No. - JAN4N48U

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
JAN4N48 MICROPAC-JAN4N48 Datasheet
91Kb / 3P
   JAN, JANTX, JANTXV, SINGLE CHANNEL OPTOCOUPLERS
logo
OPTEK Technologies
JAN4N48 OPTEK-JAN4N48 Datasheet
150Kb / 4P
   JAN4N48
logo
Micropac Industries
JAN4N48A MICROPAC-JAN4N48A Datasheet
88Kb / 2P
   JAN, JANTX, JANTXV, SINGLE CHANNEL OPTOCOUPLERS
logo
OPTEK Technologies
JAN4N48A OPTEK-JAN4N48A Datasheet
150Kb / 4P
   JAN4N48
More results

Similar Description - JAN4N48U

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
4N47 MICROPAC-4N47 Datasheet
91Kb / 3P
   JAN, JANTX, JANTXV, SINGLE CHANNEL OPTOCOUPLERS
4N22 MICROPAC-4N22 Datasheet
94Kb / 4P
   JAN, JANTX, JANTXV, SINGLE CHANNEL OPTOCOUPLERS
4N22A MICROPAC-4N22A Datasheet
88Kb / 3P
   JAN, JANTX, JANTXV, SINGLE CHANNEL OPTOCOUPLERS
4N47A MICROPAC-4N47A Datasheet
88Kb / 2P
   JAN, JANTX, JANTXV, SINGLE CHANNEL OPTOCOUPLERS
logo
New Jersey Semi-Conduct...
4N22A NJSEMI-4N22A Datasheet
259Kb / 2P
   JAN, JANTX, JANTXV, SINGLE CHANNEL OPTOCOUPLERS
logo
Micropac Industries
66229 MICROPAC-66229 Datasheet
193Kb / 3P
   CONSTANT CURRENT TRANSFER RATIO, SINGLE CHANNEL OPTOCOUPLERS, SCREENED TO JAN, JANTX, JANTXV
logo
List of Unclassifed Man...
JAN1N4454 ETC2-JAN1N4454 Datasheet
38Kb / 2P
   1N4454 and IN4454-1 AVAILABLE IN JAN, JANTX, AND JANTXV
logo
STMicroelectronics
MIL-PRF-19500 STMICROELECTRONICS-MIL-PRF-19500 Datasheet
113Kb / 19P
   SEMICONDUCTOR DEVICE, TRANSISTOR, NPN, SILICON, LOW-POWER TYPES 2N2484, 2N2484UA, 2N2484UB, JAN, JANTX, JANTXV, JANS, JANHC, AND JANKC
logo
Micropac Industries
62035 MICROPAC-62035 Datasheet
54Kb / 2P
   JAN AND JANTX QUALIFIED
62041 MICROPAC-62041 Datasheet
54Kb / 2P
   JAN AND JANTX QUALIFIED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com