Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU2JTH5WNVX-TL Datasheet(PDF) 11 Page - Rohm

Part # BU2JTH5WNVX-TL
Description  High Ripple Rejection, Low Current Consumption, Versatile Package FULL CMOS LDO Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU2JTH5WNVX-TL Datasheet(HTML) 11 Page - Rohm

Back Button BU2JTH5WNVX-TL Datasheet HTML 5Page - Rohm BU2JTH5WNVX-TL Datasheet HTML 6Page - Rohm BU2JTH5WNVX-TL Datasheet HTML 7Page - Rohm BU2JTH5WNVX-TL Datasheet HTML 8Page - Rohm BU2JTH5WNVX-TL Datasheet HTML 9Page - Rohm BU2JTH5WNVX-TL Datasheet HTML 10Page - Rohm BU2JTH5WNVX-TL Datasheet HTML 11Page - Rohm BU2JTH5WNVX-TL Datasheet HTML 12Page - Rohm BU2JTH5WNVX-TL Datasheet HTML 13Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Datasheet
Datasheet
Notice - GE
Rev.002
© 2014 ROHM Co., Ltd. All rights reserved.
Notice
Precaution on using ROHM Products
1.
Our Products are designed and manufactured for application in ordinary electronic equipments (such as AV equipment,
OA equipment, telecommunication equipment, home electronic appliances, amusement equipment, etc.). If you
intend to use our Products in devices requiring extremely high reliability (such as medical equipment
(Note 1), transport
equipment, traffic equipment, aircraft/spacecraft, nuclear power controllers, fuel controllers, car equipment including car
accessories, safety devices, etc.) and whose malfunction or failure may cause loss of human life, bodily injury or
serious damage to property (“Specific Applications”), please consult with the ROHM sales representative in advance.
Unless otherwise agreed in writing by ROHM in advance, ROHM shall not be in any way responsible or liable for any
damages, expenses or losses incurred by you or third parties arising from the use of any ROHM’s Products for Specific
Applications.
(Note1) Medical Equipment Classification of the Specific Applications
JAPAN
USA
EU
CHINA
CLASSⅢ
CLASSⅢ
CLASSⅡb
CLASSⅢ
CLASSⅣ
CLASSⅢ
2.
ROHM designs and manufactures its Products subject to strict quality control system. However, semiconductor
products can fail or malfunction at a certain rate. Please be sure to implement, at your own responsibilities, adequate
safety measures including but not limited to fail-safe design against the physical injury, damage to any property, which
a failure or malfunction of our Products may cause. The following are examples of safety measures:
[a] Installation of protection circuits or other protective devices to improve system safety
[b] Installation of redundant circuits to reduce the impact of single or multiple circuit failure
3.
Our Products are designed and manufactured for use under standard conditions and not under any special or
extraordinary environments or conditions, as exemplified below. Accordingly, ROHM shall not be in any way
responsible or liable for any damages, expenses or losses arising from the use of any ROHM’s Products under any
special or extraordinary environments or conditions.
If you intend to use our Products under any special or
extraordinary environments or conditions (as exemplified below), your independent verification and confirmation of
product performance, reliability, etc, prior to use, must be necessary:
[a] Use of our Products in any types of liquid, including water, oils, chemicals, and organic solvents
[b] Use of our Products outdoors or in places where the Products are exposed to direct sunlight or dust
[c] Use of our Products in places where the Products are exposed to sea wind or corrosive gases, including Cl2,
H2S, NH3, SO2, and NO2
[d] Use of our Products in places where the Products are exposed to static electricity or electromagnetic waves
[e] Use of our Products in proximity to heat-producing components, plastic cords, or other flammable items
[f] Sealing or coating our Products with resin or other coating materials
[g] Use of our Products without cleaning residue of flux (even if you use no-clean type fluxes, cleaning residue of
flux is recommended); or Washing our Products by using water or water-soluble cleaning agents for cleaning
residue after soldering
[h] Use of the Products in places subject to dew condensation
4.
The Products are not subject to radiation-proof design.
5.
Please verify and confirm characteristics of the final or mounted products in using the Products.
6.
In particular, if a transient load (a large amount of load applied in a short period of time, such as pulse. is applied,
confirmation of performance characteristics after on-board mounting is strongly recommended. Avoid applying power
exceeding normal rated power; exceeding the power rating under steady-state loading condition may negatively affect
product performance and reliability.
7.
De-rate Power Dissipation (Pd) depending on Ambient temperature (Ta). When used in sealed area, confirm the actual
ambient temperature.
8.
Confirm that operation temperature is within the specified range described in the product specification.
9.
ROHM shall not be in any way responsible or liable for failure induced under deviant condition from what is defined in
this document.
Precaution for Mounting / Circuit board design
1.
When a highly active halogenous (chlorine, bromine, etc.) flux is used, the residue of flux may negatively affect product
performance and reliability.
2.
In principle, the reflow soldering method must be used; if flow soldering method is preferred, please consult with the
ROHM representative in advance.
For details, please refer to ROHM Mounting specification


Similar Part No. - BU2JTH5WNVX-TL

ManufacturerPart #DatasheetDescription
logo
Rohm
BU2JTH5WNVX ROHM-BU2JTH5WNVX Datasheet
2Mb / 24P
   FULL CMOS LDO Regulator (500mA)
More results

Similar Description - BU2JTH5WNVX-TL

ManufacturerPart #DatasheetDescription
logo
Rohm
BU18TD3WG ROHM-BU18TD3WG Datasheet
567Kb / 12P
   Versatile Package FULL CMOS LDO Regulator High ripple rejection
BU30TD3WG-TR ROHM-BU30TD3WG-TR Datasheet
562Kb / 13P
   Versatile Package FULL CMOS LDO Regulator
BU10UA3WNVX-TL ROHM-BU10UA3WNVX-TL Datasheet
682Kb / 14P
   Versatile Package FULL CMOS LDO Regulator
BU33TD3WG ROHM-BU33TD3WG Datasheet
1,018Kb / 15P
   Versatile Package FULL CMOS LDO Regulator
BU28TD3WG-TR ROHM-BU28TD3WG-TR Datasheet
483Kb / 10P
   Versatile Package FULL CMOS LDO Regulator
BU10UB3WG-GTR ROHM-BU10UB3WG-GTR Datasheet
685Kb / 13P
   Versatile Package FULL CMOS LDO Regulator
BU21TD3WG-TR ROHM-BU21TD3WG-TR Datasheet
562Kb / 13P
   Versatile Package FULL CMOS LDO Regulator
BU18TD3WG-TR ROHM-BU18TD3WG-TR Datasheet
567Kb / 12P
   Versatile Package FULL CMOS LDO Regulator
BU33TD3WG-TR ROHM-BU33TD3WG-TR Datasheet
567Kb / 12P
   Versatile Package FULL CMOS LDO Regulator
BU25TD3WG-TR ROHM-BU25TD3WG-TR Datasheet
615Kb / 14P
   Versatile Package FULL CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com