Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU2JTH5WNVX-TL Datasheet(PDF) 1 Page - Rohm

Part # BU2JTH5WNVX-TL
Description  High Ripple Rejection, Low Current Consumption, Versatile Package FULL CMOS LDO Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU2JTH5WNVX-TL Datasheet(HTML) 1 Page - Rohm

  BU2JTH5WNVX-TL Datasheet HTML 1Page - Rohm BU2JTH5WNVX-TL Datasheet HTML 2Page - Rohm BU2JTH5WNVX-TL Datasheet HTML 3Page - Rohm BU2JTH5WNVX-TL Datasheet HTML 4Page - Rohm BU2JTH5WNVX-TL Datasheet HTML 5Page - Rohm BU2JTH5WNVX-TL Datasheet HTML 6Page - Rohm BU2JTH5WNVX-TL Datasheet HTML 7Page - Rohm BU2JTH5WNVX-TL Datasheet HTML 8Page - Rohm BU2JTH5WNVX-TL Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Datasheet
○Product structure:Silicon monolithic integrated circuit ○This product is not designed for protection against radioactive rays
1/10
07.Jan.2014.Rev.001
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
TSZ22111・14・001
TSZ02201-0RBR0A300190-1-2
CMOS LDO Regulator for Portable Equipments
High Ripple Rejection,
Low Current Consumption,
Versatile Package
FULL CMOS LDO Regulator (2.85V / 500mA)
BU2JTH5WNVX
General Description
BU2JTH5WNVX
is
high-performance
FULL CMOS
regulator with 500-mA output, which is mounted on
versatile package SSON004X1010 (1.00mm
× 1.00 mm
× 0.60mm). It has excellent ripple rejection, noise
characteristics and load responsiveness characteristics
despite its low circuit current consumption of 10
μA. It is
most appropriate for various applications such as power
supplies for logic IC, RF, and camera modules.
Features
High accuracy detection
High ripple rejection
low current consumption
Compatible with small ceramic capacitor
(Cin=Co=1.0uF)
With built-in output discharge circuit
ON/OFF control of output voltage
With built-in over current protection circuit
Typical Application Circuit
Key Specifications
Output voltage:
2.85V
Accuracy output voltage:
±1.0%
Power Supply rejection Ratio:
80dB@1KHz
Low current consumption:
10
μA (TYP)
Operating temperature range:
-20°C to +85°C
Applications
Smartphone, Battery-powered portable equipment, etc.
Package
SSON004X1010 :
1.00mm x 1.00mm x 0.60mm
Figure 1. Application Circuit
VIN
GND
CE
GND
GND
VOUT
VOUT
VIN
1.0µF
CE
1.0µF


Similar Part No. - BU2JTH5WNVX-TL

ManufacturerPart #DatasheetDescription
logo
Rohm
BU2JTH5WNVX ROHM-BU2JTH5WNVX Datasheet
2Mb / 24P
   FULL CMOS LDO Regulator (500mA)
More results

Similar Description - BU2JTH5WNVX-TL

ManufacturerPart #DatasheetDescription
logo
Rohm
BU18TD3WG ROHM-BU18TD3WG Datasheet
567Kb / 12P
   Versatile Package FULL CMOS LDO Regulator High ripple rejection
BU30TD3WG-TR ROHM-BU30TD3WG-TR Datasheet
562Kb / 13P
   Versatile Package FULL CMOS LDO Regulator
BU10UA3WNVX-TL ROHM-BU10UA3WNVX-TL Datasheet
682Kb / 14P
   Versatile Package FULL CMOS LDO Regulator
BU33TD3WG ROHM-BU33TD3WG Datasheet
1,018Kb / 15P
   Versatile Package FULL CMOS LDO Regulator
BU28TD3WG-TR ROHM-BU28TD3WG-TR Datasheet
483Kb / 10P
   Versatile Package FULL CMOS LDO Regulator
BU10UB3WG-GTR ROHM-BU10UB3WG-GTR Datasheet
685Kb / 13P
   Versatile Package FULL CMOS LDO Regulator
BU21TD3WG-TR ROHM-BU21TD3WG-TR Datasheet
562Kb / 13P
   Versatile Package FULL CMOS LDO Regulator
BU18TD3WG-TR ROHM-BU18TD3WG-TR Datasheet
567Kb / 12P
   Versatile Package FULL CMOS LDO Regulator
BU33TD3WG-TR ROHM-BU33TD3WG-TR Datasheet
567Kb / 12P
   Versatile Package FULL CMOS LDO Regulator
BU25TD3WG-TR ROHM-BU25TD3WG-TR Datasheet
615Kb / 14P
   Versatile Package FULL CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com