Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTC143XE Datasheet(PDF) 4 Page - Rohm

Part # DTC143XE
Description  NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTC143XE Datasheet(HTML) 4 Page - Rohm

  DTC143XE Datasheet HTML 1Page - Rohm DTC143XE Datasheet HTML 2Page - Rohm DTC143XE Datasheet HTML 3Page - Rohm DTC143XE Datasheet HTML 4Page - Rohm DTC143XE Datasheet HTML 5Page - Rohm DTC143XE Datasheet HTML 6Page - Rohm DTC143XE Datasheet HTML 7Page - Rohm DTC143XE Datasheet HTML 8Page - Rohm DTC143XE Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
DTC143X series
 
               
Datasheet
l
lElectrical characteristic curves (Ta =25°C)
Fig.5 Output voltage vs. output current
                                                                                           
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
4/10
20121023 - Rev.001


Similar Part No. - DTC143XE

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC143XE ROHM-DTC143XE Datasheet
89Kb / 4P
   Digital transistors (built-in resistors)
logo
SeCoS Halbleitertechnol...
DTC143XE SECOS-DTC143XE Datasheet
200Kb / 2P
   NPN Digital Transistors (Built-in Resistors)
logo
Rohm
DTC143XE ROHM-DTC143XE Datasheet
148Kb / 3P
   100mA / 50V Digital transistors (with built-in resistors)
logo
Tiger Electronic Co.,Lt...
DTC143XE TGS-DTC143XE Datasheet
213Kb / 2P
   Digital transistors (built-in resistors)
logo
SeCoS Halbleitertechnol...
DTC143XE SECOS-DTC143XE Datasheet
156Kb / 2P
   NPN Digital Transistors(Built-in Resistors)
More results

Similar Description - DTC143XE

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC123EKAT146 ROHM-DTC123EKAT146 Datasheet
1Mb / 4P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
DTC143ZEBTL ROHM-DTC143ZEBTL Datasheet
566Kb / 11P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
DTC123J ROHM-DTC123J Datasheet
558Kb / 11P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
DTC143E ROHM-DTC143E Datasheet
566Kb / 11P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
DTC143E ROHM-DTC143E Datasheet
567Kb / 11P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
DTC144E ROHM-DTC144E_12 Datasheet
567Kb / 11P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
DTC124EKAT146 ROHM-DTC124EKAT146 Datasheet
571Kb / 11P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors
DTC143XUAT106 ROHM-DTC143XUAT106 Datasheet
1Mb / 11P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
DTC113ZUAT106 ROHM-DTC113ZUAT106 Datasheet
928Kb / 7P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
DTC115GU3HZG ROHM-DTC115GU3HZG Datasheet
1Mb / 8P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
DTC123JCAHZG ROHM-DTC123JCAHZG Datasheet
1Mb / 8P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com