Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU2JTH5WNVX Datasheet(PDF) 9 Page - Rohm

Part # BU2JTH5WNVX
Description  High Ripple Rejection, Low Current Consumption, Versatile Package FULL CMOS LDO Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU2JTH5WNVX Datasheet(HTML) 9 Page - Rohm

Back Button BU2JTH5WNVX Datasheet HTML 5Page - Rohm BU2JTH5WNVX Datasheet HTML 6Page - Rohm BU2JTH5WNVX Datasheet HTML 7Page - Rohm BU2JTH5WNVX Datasheet HTML 8Page - Rohm BU2JTH5WNVX Datasheet HTML 9Page - Rohm BU2JTH5WNVX Datasheet HTML 10Page - Rohm BU2JTH5WNVX Datasheet HTML 11Page - Rohm BU2JTH5WNVX Datasheet HTML 12Page - Rohm BU2JTH5WNVX Datasheet HTML 13Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9/10
07.Jan.2014.Rev.001
TSZ02201-0RBR0A300190-1-2
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
BU2JTH5WNVX
Datasheet
Operational Notes – continued
11. Unused Input Pins
Input pins of an IC are often connected to the gate of a MOS transistor. The gate has extremely high impedance and
extremely low capacitance. If left unconnected, the electric field from the outside can easily charge it. The small charge
acquired in this way is enough to produce a significant effect on the conduction through the transistor and cause
unexpected operation of the IC. So unless otherwise specified, unused input pins should be connected to the power
supply or ground line.
12. Regarding the Input Pin of the IC
In the construction of this IC, P-N junctions are inevitably formed creating parasitic diodes or transistors. The operation
of these parasitic elements can result in mutual interference among circuits, operational faults, or physical damage.
Therefore, conditions which cause these parasitic elements to operate, such as applying a voltage to an input pin lower
than the ground voltage should be avoided. Furthermore, do not apply a voltage to the input pins when no power
supply voltage is applied to the IC. Even if the power supply voltage is applied, make sure that the input pins have
voltages within the values specified in the electrical characteristics of this IC.
13. Voltage of CE pin
To enable standby mode for all channels, set the CE pin to 0.3 V or less, and for normal operation, to 1.2 V or more.
Setting CE to a voltage between 0.3 and 1.2 V may cause malfunction and should be avoided. Keep transition time
between high and low (or vice versa) to a minimum.
Additionally, if CE is shorted to VIN, the IC will switch to standby mode and disable the output discharge circuit, causing
a temporary voltage to remain on the output pin. If the IC is switched on again while this voltage is present,
overshoot may occur on the output. Therefore, in applications where these pins are shorted, the output should always
be completely discharged before turning the IC on.
14. Ceramic Capacitor
When using a ceramic capacitor, determine the dielectric constant considering the change of capacitance with
temperature and the decrease in nominal capacitance due to DC bias and others.
15. Area of Safe Operation (ASO)
Operate the IC such that the output voltage, output current, and power dissipation are all within the Area of Safe
Operation (ASO).
16. Over Current Protection Circuit (OCP)
This IC incorporates an integrated overcurrent protection circuit that is activated when the load is shorted. This
protection circuit is effective in preventing damage due to sudden and unexpected incidents. However, the IC should
not be used in applications characterized by continuous operation or transitioning of the protection circuit.


Similar Part No. - BU2JTH5WNVX

ManufacturerPart #DatasheetDescription
logo
Rohm
BU2JTH5WNVX ROHM-BU2JTH5WNVX Datasheet
2Mb / 24P
   FULL CMOS LDO Regulator (500mA)
More results

Similar Description - BU2JTH5WNVX

ManufacturerPart #DatasheetDescription
logo
Rohm
BU18TD3WG ROHM-BU18TD3WG Datasheet
567Kb / 12P
   Versatile Package FULL CMOS LDO Regulator High ripple rejection
BU30TD3WG-TR ROHM-BU30TD3WG-TR Datasheet
562Kb / 13P
   Versatile Package FULL CMOS LDO Regulator
BU10UA3WNVX-TL ROHM-BU10UA3WNVX-TL Datasheet
682Kb / 14P
   Versatile Package FULL CMOS LDO Regulator
BU33TD3WG ROHM-BU33TD3WG Datasheet
1,018Kb / 15P
   Versatile Package FULL CMOS LDO Regulator
BU28TD3WG-TR ROHM-BU28TD3WG-TR Datasheet
483Kb / 10P
   Versatile Package FULL CMOS LDO Regulator
BU10UB3WG-GTR ROHM-BU10UB3WG-GTR Datasheet
685Kb / 13P
   Versatile Package FULL CMOS LDO Regulator
BU21TD3WG-TR ROHM-BU21TD3WG-TR Datasheet
562Kb / 13P
   Versatile Package FULL CMOS LDO Regulator
BU18TD3WG-TR ROHM-BU18TD3WG-TR Datasheet
567Kb / 12P
   Versatile Package FULL CMOS LDO Regulator
BU33TD3WG-TR ROHM-BU33TD3WG-TR Datasheet
567Kb / 12P
   Versatile Package FULL CMOS LDO Regulator
BU25TD3WG-TR ROHM-BU25TD3WG-TR Datasheet
615Kb / 14P
   Versatile Package FULL CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com