Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DT323FRK Datasheet(PDF) 6 Page - Dallas Semiconductor

Part # DT323FRK
Description  An economical means of transferring power
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DT323FRK Datasheet(HTML) 6 Page - Dallas Semiconductor

  DT323FRK Datasheet HTML 1Page - Dallas Semiconductor DT323FRK Datasheet HTML 2Page - Dallas Semiconductor DT323FRK Datasheet HTML 3Page - Dallas Semiconductor DT323FRK Datasheet HTML 4Page - Dallas Semiconductor DT323FRK Datasheet HTML 5Page - Dallas Semiconductor DT323FRK Datasheet HTML 6Page - Dallas Semiconductor DT323FRK Datasheet HTML 7Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Dimensions and weights
W
CL
H
D
D2
W
CL
H
D
D2
W
H
D
D2
Double-Throw General-Duty, Non-Fusible, 240V,Two-Pole
Solid Neutral, Compact Design
Ampere
Rating
NEMA 3R
Dimensions in Inches (mm)
Weight
Lbs (kg)
Height (H)
Width (W)
Depth (D)
Depth (D2)
30
60
100
14.69(373.1)
14.69(373.1)
14.69(373.1)
9.63(244.6)
9.63(244.6)
9.63(244.6)
10.81(274.6)
10.81(274.6)
10.81(274.6)
5.23(132.8)
5.23(132.8)
5.23(132.8)
12(5.4)
12(5.4)
12(5.4)
Double-Throw Heavy-Duty, Non-Fusible, 240V and 600V, Three-Pole
Ampere
Rating
NEMA 1, 3R
Dimensions in Inches (mm)
Weight
Lbs (kg)
NEMA 12, 4X Stainless Steel
Dimensions in Inches (mm)
Weight
Lbs (kg)
Width
(W)
Height
(H)
Depth
(D)
Depth
(D2)
Width
(W)
Height
(H)
Depth
(D)
Depth
(D2)
30
11.94
(303.3)
24.63
(625.6)
9.88
(251.0)
5.38
(136.7)
34
(15.4)
12.00
(304.8)
25.88
(657.4)
10.25
(260.4)
5.50
(139.7)
60
(27.2)
60
11.94
(303.3)
24.63
(625.6)
9.88
(251.0)
5.38
(136.7)
34
(15.4)
12.00
(304.8)
25.88
(657.4)
10.25
(260.4)
5.50
(139.7)
60
(27.2)
100
11.94
(303.3)
24.63
(625.6)
9.88
(251.0)
5.38
(136.7)
34
(15.4)
12.00
(304.8)
25.88
(657.4)
10.25
(260.4)
5.50
(139.7)
60
(27.2)
200
19.56
(496.8)
37.38
(949.5)
11.25
(285.8)
6.10
(154.9)
80
(36.3)
19.50
(495.3)
41.00
(1041.4)
11.63
(295.4)
6.48
(164.6)
105
(47.6)
400
23.13
(587.5)
53.81
(1366.8)
12.50
(317.5)
7.25
(184.2)
140
(63.6)
23.00
(584.2)
57.50
(1460.5)
12.50
(317.5)
7.25
(184.2)
185
(83.9)
600
24.13
(612.9)
63.31
(1608.1)
14.13
(358.9)
8.88
(225.6)
175
(79.4)
800
24.13
(612.9)
63.31
(1608.1)
14.13
(358.9)
8.88
(225.6)
175
(79.4)
Double-Throw General-Duty, Non-Fusible, 240V,Two-Pole
Solid Neutral, Quick-Make, Quick-Break Design
Ampere
Rating
NEMA 3R
Dimensions in Inches (mm)
Weight
Lbs (kg)
Height (H)
Width (W)
Depth (D)
Depth (D2)
30
60
100
24.63(625.6)
24.63(625.6)
24.63(625.6)
11.94(303.3)
11.94(303.3)
11.94(303.3)
9.88(251.0)
9.88(251.0)
9.88(251.0)
5.38(136.7)
5.38(136.7)
5.38(136.7)
34(15.4)
34(15.4)
34(15.4)
200
400
37.38(949.5)
53.81(1366.8)
19.56(496.8)
23.13(587.5)
11.25(285.8)
12.50(317.5)
6.10(154.9)
8.88(225.6)
80(36.3)
140(63.6)
1. General-Duty NEMA 3R
30–400A
2. Heavy-Duty NEMA 1, 3R
30–800A
3. Heavy-Duty NEMA 12, 4X
30–400A
Note
Contactyour
Eatonsalesofficefor
outlinedrawingsand
mountingdimensions.
Double-Throw Heavy-Duty, Fusible, 240V and 600V,Three-Pole
Ampere
Rating
NEMA 1, 3R
Dimensions in Inches (mm)
Weight
Lbs (kg)
NEMA 12, 4X Stainless Steel
Dimensions in Inches (mm)
Width
(W)
Height
(H)
Depth
(D)
Depth
(D2)
Width
(W)
Height
(H)
Depth
(D)
Depth
(D2)
Weight
Lbs (kg)
30
11.94
(303.3)
36.63
(930.4)
9.88
(251.0)
5.38
(136.7)
44
(20.0)
12.00
(304.8)
39.81
(1011.2)
10.25
(260.4)
5.50
(139.7)
45
(20.4)
60
11.94
(303.3)
36.63
(930.4)
9.88
(251.0)
5.38
(136.7)
44
(20.0)
12.00
(304.8)
39.81
(1011.2)
10.25
(260.4)
5.50
(139.7)
45
(20.4)
100
11.94
(303.3)
36.63
(930.4)
9.88
(251.0)
5.38
(136.7)
44
(20.0)
12.00
(304.8)
39.81
(1011.2)
10.25
(260.4)
5.50
(139.7)
45
(20.4)
200
19.56
(496.8)
50.88
(1292.4)
11.25
(285.8)
6.10
(154.9)
95
(43.1)
19.56
(496.8)
55.63
(1413.0)
11.63
(295.4)
6.46
(164.1)
100
(45.4)
400
25.38
(644.7)
74.75
(1898.7)
14.13
(358.9)
8.88
(225.6)
230
(104.3)
25.38
(644.7)
74.75
(1898.7)
14.13
(358.9)
8.92
(226.6)
260
(117.9)
600
27.44
(697.0)
86.13
(2187.7)
14.13
(358.9)
8.88
(225.6)
320
(145.1)
1
2
3
Non-fusible switches
The UL listed short-circuit
ratings for Eaton non-fusible
switches are based on the
switches being properly pro-
tected by overcurrent protective
devices. For applications that
require a UL listed short-circuit
rating of 10,000 rms symmetrical
amperes or less, an Eaton non-
fusible switch must be properly
protected by any overcurrent
protective device rated no greater
than the ampere rating of the
switch. For applications that
require a UL listed short-circuit
rating of greater than 10,000
rms symmetrical amperes, an
Eaton non-fusible switch must
be properly protected by the
appropriate class and size fusing
noted on the switch publication.
Otherwise, this non-fusible
switch must be replaced with
an Eaton fusible switch that uses
the appropriate fusing required.
Safety switch short circuit rat-
ings are applicable to AC only.
Safety switch I2t and Ip values
are identical to UL maximum
acceptable I2t and Ip values for
the corresponding class fuse.
Renewal parts
Replacement parts for a specific
catalog number are shown on
the inside door label (publica-
tion) of the switch. Switch
bases, fuse bases, line shields
(fusible switches) and operating
handles (400A and above) are
typically available as applicable.
For additional information,
refer to Renewal Parts Catalog
RP00801001E.
Flex center
Our Cleveland, TN, Switching
Devices Flex Center is a solu-
tions center that designs and
modifies safety switches,
enclosed circuit breakers and
rotary disconnects for unique
customer needs that are not
met by standard products. The
Flex Center is a one-of-a-kind
operation that is capable of
solving our customers’ issues,
while our competition is content
to offer their customers only
catalog items.
The Flex Center staff has over
120 years of design, manufac-
turing and industry experience,
and has been providing solutions
to our customers since 1998.
While you may think that your
power switching needs are
unlike any other, chances are,
the Flex Center staff has already
“been there, done that.”
For further information on
our customized solutions for
harsh environments, safety
and convenience, please refer
to our Flex Center brochure
SA00801002E or contact the
Flex Center at 1-888-329-9272.
Short-Circuit Ratings Using Class R, T or J Fusing
Where Applicable
ClassHfuseclipssuppliedasstandardfor30–600AexceptClassTfor
400Aat600V,and600Aat240V.Ratedat10,000rmssymmetricalwhenusing
ClassHfuses.
NotapplicabletotheCompactDesign.TheCompactDesignissuitableforuse
onacircuitcapableofdeliveringnotmorethan10,000rmssymmetricalamperes.
Ampere
Rating
Voltage
Ratings
Type 1
Type 3R
Type 12
Type 4X
30
60
100
200
400
600
800
100kat600
100kat600
100kat600
100kat600
100kat600
100kat600
100kat600
100kat600
100kat600
100kat600
100kat600
100kat600
100kat600
100kat600
100kat600
100kat600
100kat600
100kat600
100kat600
100kat600
100kat600
100kat600
100kat600
100kat600
100kat600
100kat600
Short-circuit ratings
10
EATON CORPORATION Double-throw safety switch
11
EATON CORPORATION Double-throw safety switch


Similar Part No. - DT323FRK

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
DT323 SCHNEIDER-DT323 Datasheet
97Kb / 2P
   Safety switch, double throw, fusible, 100A, 240 VAC/250 VDC, 3 poles, 30 hp, NEMA 1
DT323RB SCHNEIDER-DT323RB Datasheet
101Kb / 2P
   Safety switch, double throw, fusible, 100A, 240 VAC/250 VDC, 3 poles, 30 hp, NEMA 3R, bolt on provision
More results

Similar Description - DT323FRK

ManufacturerPart #DatasheetDescription
logo
FSP TECHNOLOGY INC.
FSP460-70PFL FSP-FSP460-70PFL_15 Datasheet
147Kb / 1P
   An industrial level of switching power
FSP460-701UG FSP-FSP460-701UG_15 Datasheet
157Kb / 1P
   An industrial level of switching power
FSP460-701UH FSP-FSP460-701UH_15 Datasheet
158Kb / 1P
   An industrial level of switching power
logo
M/A-COM Technology Solu...
AN3010 MA-COM-AN3010 Datasheet
1Mb / 3P
   An Examination of Recovery Time of an Integrated Limiter/LNA
logo
Shanghai Lunsure Electr...
AR25Z CHENYI-AR25Z Datasheet
50Kb / 2P
   High power capability Economical
AR35L CHENYI-AR35L Datasheet
50Kb / 2P
   High power capability Economical
logo
Ohmite Mfg. Co.
RES-40 OHMITE-RES-40 Datasheet
378Kb / 2P
   Economical
logo
Schneider Electric
IGP05S SCHNEIDER-IGP05S Datasheet
121Kb / 2P
   Economical pressure transmitter with accuracy of 짹0.075% span
Apr 25, 2022
IAP05S SCHNEIDER-IAP05S Datasheet
121Kb / 2P
   Economical pressure transmitter with accuracy of 짹0.075% span
Apr 26, 2022
IDP05S SCHNEIDER-IDP05S Datasheet
131Kb / 2P
   Economical pressure transmitter with accuracy of 짹0.075% span
Apr 26, 2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com