Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT24C081P-28TE13 Datasheet(PDF) 11 Page - Catalyst Semiconductor

Part # CAT24C081P-28TE13
Description  Supervisory Circuits with I2C Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24C081P-28TE13 Datasheet(HTML) 11 Page - Catalyst Semiconductor

Back Button CAT24C081P-28TE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT24C081P-28TE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT24C081P-28TE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT24C081P-28TE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT24C081P-28TE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT24C081P-28TE13 Datasheet HTML 9Page - Catalyst Semiconductor CAT24C081P-28TE13 Datasheet HTML 10Page - Catalyst Semiconductor CAT24C081P-28TE13 Datasheet HTML 11Page - Catalyst Semiconductor CAT24C081P-28TE13 Datasheet HTML 12Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
CAT24CXX1/XX2
11
Advanced
Doc. No. 25079-00 1/98 M-1
Ordering Information
Note:
(1) The device used in the above example is a CAT24C162JI-30TE13 (16K I2C Memory, SOIC, Industrial Temperature, 3.0-3.15V Reset
Threshold Voltage, Tape and Reel)
24C162
Temperature Range
Blank = Commercial (0˚ to 70˚C)
I = Industrial (-40˚ to 85˚C)
A = Automotive (-40˚to +105˚C)*
* -40˚ to +125˚C is available upon request
Prefix
Device #
Suffix
J
I
TE13
Product
Number
24C161: 16K
24C162: 16K
24C081: 8K
24C082: 8K
24C041: 4K
24C042: 4K
24C021: 2K
24C022: 2K
Tape & Reel
TE13: 2000/Reel
Package
P: PDIP
J: SOIC (JEDEC)
-30
CAT
ResetThreshold
Voltage
45: 4.5-4.75V
42: 4.25-4.5V
30: 3.0-3.15V
28: 2.85-3.0V
25: 2.55-2.7V
Optional
Company ID


Similar Part No. - CAT24C081P-28TE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24C08 CATALYST-CAT24C08 Datasheet
310Kb / 8P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT24C08 CATALYST-CAT24C08 Datasheet
370Kb / 17P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb CMOS Serial EEPROM
logo
ON Semiconductor
CAT24C08 ONSEMI-CAT24C08 Datasheet
177Kb / 16P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
March, 2010 ??Rev. 11
CAT24C08 ONSEMI-CAT24C08 Datasheet
215Kb / 20P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
September, 2012 ??Rev. 22
CAT24C08 ONSEMI-CAT24C08 Datasheet
237Kb / 21P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM PDIP?? L SUFFIX
February, 2013 ??Rev. 26
More results

Similar Description - CAT24C081P-28TE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24C163 CATALYST-CAT24C163 Datasheet
85Kb / 12P
   Supervisory Circuits with I2C Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
CAT24C321 CATALYST-CAT24C321 Datasheet
84Kb / 12P
   Supervisory Circuits with I2C Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
CAT24C323 CATALYST-CAT24C323 Datasheet
84Kb / 12P
   Supervisory Circuits with I2C Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
CAT93CXXXX CATALYST-CAT93CXXXX Datasheet
153Kb / 10P
   Supervisory Circuits with Microwire Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
CAT25CXXX CATALYST-CAT25CXXX Datasheet
160Kb / 12P
   Supervisory Circuits with SPI Serial E2PROM, Precision Reset Controller and Watchdog Timer
CAT1161 CATALYST-CAT1161_07 Datasheet
163Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
CAT1161 CATALYST-CAT1161 Datasheet
69Kb / 12P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
CAT1163 CATALYST-CAT1163_07 Datasheet
150Kb / 14P
   Supervisory Circuits with I2C Serial Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
logo
ON Semiconductor
CAT1161PI-42 ONSEMI-CAT1161PI-42 Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
July, 2012 ??Rev. 12
CAT1161 ONSEMI-CAT1161 Datasheet
193Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
Doc. No. MD-3002 Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com