Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

90-0107 Datasheet(PDF) 15 Page - Maxim Integrated Products

Part # 90-0107
Description  I2C Serial Real-Time Clock
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

90-0107 Datasheet(HTML) 15 Page - Maxim Integrated Products

Back Button 90-0107 Datasheet HTML 11Page - Maxim Integrated Products 90-0107 Datasheet HTML 12Page - Maxim Integrated Products 90-0107 Datasheet HTML 13Page - Maxim Integrated Products 90-0107 Datasheet HTML 14Page - Maxim Integrated Products 90-0107 Datasheet HTML 15Page - Maxim Integrated Products 90-0107 Datasheet HTML 16Page - Maxim Integrated Products 90-0107 Datasheet HTML 17Page - Maxim Integrated Products 90-0107 Datasheet HTML 18Page - Maxim Integrated Products 90-0107 Datasheet HTML 19Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
DS1339 I
2C Serial Real-Time Clock
15 of 20
TRICKLE CHARGER REGISTER (10h)
The simplified schematic in Figure 5 shows the basic components of the trickle charger. The trickle-charge select
(TCS) bits (bits 4 to 7) control the selection of the trickle charger. To prevent accidental enabling, only a pattern on
1010 enables the trickle charger. All other patterns disable the trickle charger. The trickle charger is disabled when
power is first applied. The diode-select (DS) bits (bits 2 and 3) select whether or not a diode is connected between
VCC and VBACKUP. The ROUT bits (bits 0 and 1) select the value of the resistor connected between VCC and VBACKUP.
Table 6 shows the bit values.
Table 6. Trickle Charger Register (10h)
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
FUNCTION
TCS3
TCS2
TCS1
TCS0
DS1
DS0
ROUT1
ROUT0
X
X
X
X
0
0
X
X
Disabled
X
X
X
X
1
1
X
X
Disabled
X
X
X
X
X
X
0
0
Disabled
1
0
1
0
0
1
0
1
No diode, 250
Ω resistor
1
0
1
0
1
0
0
1
One diode, 250
Ω resistor
1
0
1
0
0
1
1
0
No diode, 2k
Ω resistor
1
0
1
0
1
0
1
0
One diode, 2k
Ω resistor
1
0
1
0
0
1
1
1
No diode, 4k
Ω resistor
1
0
1
0
1
0
1
1
One diode, 4k
Ω resistor
0
0
0
0
0
0
0
0
Initial power-up values
Warning: The ROUT value of 250
Ω must not be selected whenever V
CC is greater than 3.63V.
The user determines diode and resistor selection according to the maximum current desired for battery or super
cap charging. The maximum charging current can be calculated as illustrated in the following example. Assume
that a 3.3V system power supply is applied to VCC and a super cap is connected to VBACKUP. Also assume that the
trickle charger has been enabled with a diode and resistor R2 between VCC and VBACKUP. The maximum current IMAX
would therefore be calculated as follows:
IMAX = (3.3V - diode drop) / R2 ≈ (3.3V - 0.7V) / 2kΩ ≈ 1.3mA
As the super cap or battery charges, the voltage drop between VCC and VBACKUP decreases and therefore the
charge current decreases.


Similar Part No. - 90-0107

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
90-0107 MAXIM-90-0107 Datasheet
28Kb / 1P
   PACKAGE LAND PATTERN, (216) 0.300 SOIC, 16 LEADS
Rev D
More results

Similar Description - 90-0107

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1339 MAXIM-DS1339_06 Datasheet
560Kb / 19P
   I2C Serial Real-Time Clock
REV: 092006
logo
Dallas Semiconductor
DS1339 DALLAS-DS1339 Datasheet
279Kb / 18P
   I2C Serial Real-Time Clock
logo
Maxim Integrated Produc...
DS1337 MAXIM-DS1337_09 Datasheet
242Kb / 16P
   I2C Serial Real-Time Clock
7/09
DS1337 MAXIM-DS1337_06 Datasheet
576Kb / 15P
   I2C Serial Real-Time Clock
REV: 092706
DS1339A MAXIM-DS1339A Datasheet
1Mb / 19P
   Low-Current, I2C, Serial Real-Time Clock
Rev 0; 8/12
logo
Integrated Device Techn...
IDT1339-31DVGI IDT-IDT1339-31DVGI Datasheet
350Kb / 26P
   REAL-TIME CLOCK WITH SERIAL I2C INTERFACE
logo
Renesas Technology Corp
IDT1337G RENESAS-IDT1337G Datasheet
467Kb / 28P
   REAL-TIME CLOCK WITH I2C SERIAL INTERFACE
073013
logo
Integrated Device Techn...
IDT1339 IDT-IDT1339 Datasheet
362Kb / 27P
   REAL-TIME CLOCK WITH SERIAL I2C INTERFACE
1337CSRI IDT-1337CSRI Datasheet
368Kb / 24P
   REAL-TIME CLOCK WITH I2C SERIAL INTERFACE
logo
Maxim Integrated Produc...
DS1339A MAXIM-DS1339A_13 Datasheet
580Kb / 19P
   Low-Current, I2C, Serial Real-Time Clock
Rev 1; 5/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com