Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

21-0036 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # 21-0036
Description  I2C Serial Real-Time Clock
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

21-0036 Datasheet(HTML) 4 Page - Maxim Integrated Products

  21-0036 Datasheet HTML 1Page - Maxim Integrated Products 21-0036 Datasheet HTML 2Page - Maxim Integrated Products 21-0036 Datasheet HTML 3Page - Maxim Integrated Products 21-0036 Datasheet HTML 4Page - Maxim Integrated Products 21-0036 Datasheet HTML 5Page - Maxim Integrated Products 21-0036 Datasheet HTML 6Page - Maxim Integrated Products 21-0036 Datasheet HTML 7Page - Maxim Integrated Products 21-0036 Datasheet HTML 8Page - Maxim Integrated Products 21-0036 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
DS1339 I
2C Serial Real-Time Clock
4 of 20
AC ELECTRICAL CHARACTERISTICS
(VCC = MIN to MAX, TA = -40°C to +85°C.) (Note 9)
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS
SCL Clock Frequency
fSCL
Fast mode
100
400
kHz
Standard mode
100
Bus Free Time Between a STOP
and START Condition
tBUF
Fast mode
1.3
µs
Standard mode
4.7
Hold Time (Repeated) START
Condition (Note 10)
tHD:STA
Fast mode
0.6
µs
Standard mode
4.0
LOW Period of SCL Clock
tLOW
Fast mode
1.3
µs
Standard mode
4.7
HIGH Period of SCL Clock
tHIGH
Fast mode
0.6
µs
Standard mode
4.0
Setup Time for a Repeated
START Condition
tSU:STA
Fast mode
0.6
µs
Standard mode
4.7
Data Hold Time (Notes 11, 12)
tHD:DAT
Fast mode
0
0.9
µs
Standard mode
0
Data Setup Time (Note 13)
tSU:DAT
Fast mode
100
ns
Standard mode
250
Rise Time of Both SDA and SCL
Signals (Note 14)
tR
Fast mode
20 + 0.1CB
300
ns
Standard mode
20 + 0.1CB
1000
Fall Time of Both SDA and SCL
Signals (Note 14)
tF
Fast mode
20 + 0.1CB
300
ns
Standard mode
20 + 0.1CB
300
Setup Time for STOP Condition
tSU:STO
Fast mode
0.6
µs
Standard mode
4.0
Capacitive Load for Each Bus
Line (Note 14)
CB
400
pF
I/O Capacitance (SDA, SCL)
CI/O
(Note 9)
10
pF
Oscillator Stop Flag (OSF) Delay
tOSF
(Note 15)
100
ms


Similar Part No. - 21-0036

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
21-0036 MAXIM-21-0036 Datasheet
42Kb / 1P
   PACKAGE OUTLINE, 8L UMAX/USOP
Rev L
More results

Similar Description - 21-0036

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1339 MAXIM-DS1339_06 Datasheet
560Kb / 19P
   I2C Serial Real-Time Clock
REV: 092006
logo
Dallas Semiconductor
DS1339 DALLAS-DS1339 Datasheet
279Kb / 18P
   I2C Serial Real-Time Clock
logo
Maxim Integrated Produc...
DS1337 MAXIM-DS1337_09 Datasheet
242Kb / 16P
   I2C Serial Real-Time Clock
7/09
DS1337 MAXIM-DS1337_06 Datasheet
576Kb / 15P
   I2C Serial Real-Time Clock
REV: 092706
DS1339A MAXIM-DS1339A Datasheet
1Mb / 19P
   Low-Current, I2C, Serial Real-Time Clock
Rev 0; 8/12
logo
Integrated Device Techn...
IDT1339-31DVGI IDT-IDT1339-31DVGI Datasheet
350Kb / 26P
   REAL-TIME CLOCK WITH SERIAL I2C INTERFACE
logo
Renesas Technology Corp
IDT1337G RENESAS-IDT1337G Datasheet
467Kb / 28P
   REAL-TIME CLOCK WITH I2C SERIAL INTERFACE
073013
logo
Integrated Device Techn...
IDT1339 IDT-IDT1339 Datasheet
362Kb / 27P
   REAL-TIME CLOCK WITH SERIAL I2C INTERFACE
1337CSRI IDT-1337CSRI Datasheet
368Kb / 24P
   REAL-TIME CLOCK WITH I2C SERIAL INTERFACE
logo
Maxim Integrated Produc...
DS1339A MAXIM-DS1339A_13 Datasheet
580Kb / 19P
   Low-Current, I2C, Serial Real-Time Clock
Rev 1; 5/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com