Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS2YE-SL2-DC12V Datasheet(PDF) 3 Page - Nais(Matsushita Electric Works)

Part # DS2YE-SL2-DC12V
Description  2 FORM C-200 mW SENSITIVE MINIATURE RELAY 1500 V FCC SURGE WITHSTAND
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

DS2YE-SL2-DC12V Datasheet(HTML) 3 Page - Nais(Matsushita Electric Works)

  DS2YE-SL2-DC12V Datasheet HTML 1Page - Nais(Matsushita Electric Works) DS2YE-SL2-DC12V Datasheet HTML 2Page - Nais(Matsushita Electric Works) DS2YE-SL2-DC12V Datasheet HTML 3Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image


Similar Part No. - DS2YE-SL2-DC12V

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
DS2Y NAIS-DS2Y Datasheet
57Kb / 3P
   2 Form C contact High sensitivity-200 mW nominal operating power
DS2Y-S-DC1.5V NAIS-DS2Y-S-DC1.5V Datasheet
57Kb / 3P
   2 Form C contact High sensitivity-200 mW nominal operating power
DS2Y-S-DC12V NAIS-DS2Y-S-DC12V Datasheet
57Kb / 3P
   2 Form C contact High sensitivity-200 mW nominal operating power
logo
Panasonic Semiconductor
DS2Y-S-DC12V PANASONIC-DS2Y-S-DC12V Datasheet
73Kb / 3P
   Miniature Relay DS2Y RELAYS
logo
Nais(Matsushita Electri...
DS2Y-S-DC24V NAIS-DS2Y-S-DC24V Datasheet
57Kb / 3P
   2 Form C contact High sensitivity-200 mW nominal operating power
More results

Similar Description - DS2YE-SL2-DC12V

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
DS1E-M-DC12V NAIS-DS1E-M-DC12V Datasheet
129Kb / 6P
   HIGHLY SENSITIVE 1500 V FCC SURGE WITHSTANDING MINIATURE RELAY
logo
Panasonic Semiconductor
AG252944 PANASONIC-AG252944 Datasheet
333Kb / 7P
   HIGHLY SENSITIVE 1500 V FCC SURGE BREAKDOWN VOLTAGE MINIATURE RELAY
August 31,2009
logo
Nais(Matsushita Electri...
DS2Y NAIS-DS2Y Datasheet
57Kb / 3P
   2 Form C contact High sensitivity-200 mW nominal operating power
TQ2-3V NAIS-TQ2-3V Datasheet
151Kb / 7P
   LOW PROFILE 2 FORM C RELAY
logo
Tyco Electronics
PCI MACOM-PCI Datasheet
188Kb / 2P
   Slim 2 Form A Miniature PC Board Relay
logo
Hongfa Technology
HFD3 HONGFA-HFD3_17 Datasheet
213Kb / 6P
   Surge withstand voltage up to 2500VAC, meets FCC Part 68 and Telecordia
logo
Fujitsu Component Limit...
FTR-B3-RF FUJITSU-FTR-B3-RF Datasheet
294Kb / 7P
   ULTRA MINIATURE Flat High-Frequency Relay Surface mount, 1GHz-Band, 2 Form C
logo
Nais(Matsushita Electri...
HX2-1.5V NAIS-HX2-1.5V Datasheet
60Kb / 3P
   Compact & Slim 2 Form C Non-polarized Relay
logo
DB Lectro Inc
3E-5 DBLECTRO-3E-5 Datasheet
720Kb / 2P
   Miniature Surface Mount Form C
logo
IXYS Corporation
LCC110 IXYS-LCC110 Datasheet
148Kb / 9P
   1-Form-C OptoMOS Relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com