Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BR93H56RF-2LB Datasheet(PDF) 15 Page - Rohm

Part # BR93H56RF-2LB
Description  Serial EEPROM Series Industrial EEPROM Serial EEPROM Series Industrial EEPROM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR93H56RF-2LB Datasheet(HTML) 15 Page - Rohm

Back Button BR93H56RF-2LB Datasheet HTML 11Page - Rohm BR93H56RF-2LB Datasheet HTML 12Page - Rohm BR93H56RF-2LB Datasheet HTML 13Page - Rohm BR93H56RF-2LB Datasheet HTML 14Page - Rohm BR93H56RF-2LB Datasheet HTML 15Page - Rohm BR93H56RF-2LB Datasheet HTML 16Page - Rohm BR93H56RF-2LB Datasheet HTML 17Page - Rohm BR93H56RF-2LB Datasheet HTML 18Page - Rohm BR93H56RF-2LB Datasheet HTML 19Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
BR93H56RF-2LB
15/25
www.rohm.com
TSZ22111・15・001
© 2013 ROHM Co., Ltd. All rights reserved.
TSZ02201-0R1R0G100260-1-2
Datasheet
Datasheet
27.Feb.2014 Rev.002
4) Write Enable (WEN) / Disable (WDS) Cycle
○At power on, this IC is in Write Disable status by the internal RESET circuit. Before executing the WRITE command, it
is necessary to execute the Write Enable command first. And, once this command is executed, writing is valid unitl the
Write Disable command is executed or the power is turned off.
However, the READ command is valid regardless of
whether Write Enable / Disable command is executed. Input to SK after 6 clocks of this command is available by either
“H” or “L”, but be sure to input it.
○When the Write Enable command is executed after power on, Write Enable status gets in. When the Write Disable
command is executed then, the IC gets in Write Disable status as same as at power on, and then the WRITE command
is canceled thereafter in software manner. However, the READ command is still executable. In Write Enable status, even
when the WRITE command is input by mistake, writing will still continue. To prevent such a mistake, it is recommended
to execute the Write Disable command after the completion of each WRITE execution.
Application
1) Method to cancel each command
○READ
○WRITE, WRAL
Figure 34. READ Cancel Available Timing
Figure 35. WRITE, WRAL Cancel Available Timing
a:From start bit to 27
th clock rise
Cancel by CS=“L”
b:27
th clock rise and after
Cancellation is not available by any means.
If Vcc is turned OFF in this area,
designated address data is not guaranteed.
Therefore, execute write once again.
c:28
th clock rise and after
Cancel by CS=“L”
However, when WRITE is started in b area (CS is ended), cancellation is not
available by any means.
And when SK clock is input continuously, cancellation is not available.
Start bit
Ope code
Address
Data
1bit
2bit
8bit
16bit
Cancel is available in all areas in read mode.
●Method to cancel:cancel by CS =“L”
Start bit
Ope code
Address
Data
tE/W
a
1bit
2bit
8bit
16bit
C
b
SK
・Rise of 27
th clock
D1
Enlarged figure
D0
DI
26
27
28
29
a
b
c
Note 1)
If Vcc is turned OFF in this area,
designated address data is not guaranteed.
Therefore, it is recommended to execute
WRITE once again.
Note 2)
If CS is started at the same timing as that of
the SK rise, WRITE execution/cancel becomes
unstable.
Therefore, it is recommended to set CS
to “L” in SK=”L” area.
As for SK rise, recommended
timing is of tCSS/tCSH or higher.
CS
1
2
1
5
High-Z
0
0
SK
DI
DO
11
3
4
6
7
8
ENABLE=1
1
DISABLE=0
0
~~
~~
~~
~~
Figure 33. Write Enable (WEN) / Disable (WDS) Cycle


Similar Part No. - BR93H56RF-2LB

ManufacturerPart #DatasheetDescription
logo
Rohm
BR93H56RF-2CE2 ROHM-BR93H56RF-2CE2 Datasheet
754Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125 Operation Microwire BUS EEPROM
BR93H56RF-2CE2 ROHM-BR93H56RF-2CE2 Datasheet
1Mb / 33P
   Operation Microwire BUS EEPROM
BR93H56RF-2CTR ROHM-BR93H56RF-2CTR Datasheet
754Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125 Operation Microwire BUS EEPROM
More results

Similar Description - BR93H56RF-2LB

ManufacturerPart #DatasheetDescription
logo
Rohm
BR25H020F-2LB ROHM-BR25H020F-2LB Datasheet
989Kb / 31P
   Serial EEPROM Series Industrial EEPROM 125??Operation SPI BUS EEPROM
BR25H320F-2LB ROHM-BR25H320F-2LB Datasheet
963Kb / 31P
   Serial EEPROM Series Industrial EEPROM 125??Operation SPI BUS EEPROM
BR25H010F-2LB ROHM-BR25H010F-2LB Datasheet
987Kb / 31P
   Serial EEPROM Series Industrial EEPROM 125??Operation SPI BUS EEPROM
BR25H160F-2LB ROHM-BR25H160F-2LB Datasheet
986Kb / 31P
   Serial EEPROM Series Industrial EEPROM 125??Operation SPI BUS EEPROM
BR25H640F-2LB ROHM-BR25H640F-2LB Datasheet
959Kb / 31P
   Serial EEPROM Series Industrial EEPROM 125??Operation SPI BUS EEPROM
BR25H040F-2LB ROHM-BR25H040F-2LB Datasheet
988Kb / 31P
   Serial EEPROM Series Industrial EEPROM 125??Operation SPI BUS EEPROM
BR25H128F-2LB ROHM-BR25H128F-2LB Datasheet
995Kb / 31P
   Serial EEPROM Series Industrial EEPROM 125??Operation SPI BUS EEPROM
BR25H080F-2LB ROHM-BR25H080F-2LB Datasheet
986Kb / 31P
   Serial EEPROM Series Industrial EEPROM 125??Operation SPI BUS EEPROM
BR25H080F-2LB ROHM-BR25H080F-2LB Datasheet
986Kb / 31P
   Serial EEPROM Series Industrial EEPROM 125C Operation SPI BUS EEPROM
BR93H46RF-2LB ROHM-BR93H46RF-2LB Datasheet
888Kb / 28P
   Serial EEPROM Series Industrial EEPROM 125??Operation Microwire BUS EEPROM (3-wire)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com